Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MJD122 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MJD122
Description  SILICON POWER TRANSISTORS 8 AMPERES 100 VOLTS 20 WATT
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MJD122 Datasheet(HTML) 1 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Bipolar Power Transistor Device Data
Complementary Darlington
Power Transistors
DPAK For Surface Mount Applications
Designed for general purpose amplifier and low speed switching applications.
• Lead Formed for Surface Mount Applications in Plastic Sleeves (No Suffix)
• Straight Lead Version in Plastic Sleeves (“–1” Suffix)
• Lead Formed Version Available in 16 mm Tape and Reel (“T4” Suffix)
• Surface Mount Replacements for 2N6040–2N6045 Series, TIP120–TIP122
Series, and TIP125–TIP127 Series
• Monolithic Construction With Built–in Base–Emitter Shunt Resistors
• High DC Current Gain — hFE = 2500 (Typ) @ IC = 4.0 Adc
• Complementary Pairs Simplifies Designs
MAXIMUM RATINGS
Rating
Symbol
MJD122
MJD127
Unit
Collector–Emitter Voltage
VCEO
100
Vdc
Collector–Base Voltage
VCB
100
Vdc
Emitter–Base Voltage
VEB
5
Vdc
Collector Current — Continuous
Peak
IC
8
16
Adc
Base Current
IB
120
mAdc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
20
0.16
Watts
W/
_C
Total Power Dissipation* @ TA = 25_C
Derate above 25
_C
PD
1.75
0.014
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
6.25
_C/W
Thermal Resistance, Junction to Ambient*
R
θJA
71.4
_C/W
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage
(IC = 30 mAdc, IB = 0)
VCEO(sus)
100
Vdc
Collector Cutoff Current
(VCE = 50 Vdc, IB = 0)
ICEO
10
µAdc
* These ratings are applicable when surface mounted on the minimum pad sizes recommended.
(continued)
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJD122/D
© Motorola, Inc. 1995
MJD122
MJD127
CASE 369A–13
SILICON
POWER TRANSISTORS
8 AMPERES
100 VOLTS
20 WATTS
*Motorola Preferred Device
CASE 369–07
MINIMUM PAD SIZES
RECOMMENDED FOR
SURFACE MOUNTED
APPLICATIONS
inches
mm
*
NPN
PNP
*
REV 1


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn