Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0602-7001-33 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0602-7001-33
Description  Slow Blow Fuse Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0602-7001-33 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0602-7001-33 Datasheet HTML 1Page - Bel Fuse Inc. 0602-7001-33 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
ORDERING INFORMATION SEE PAGES 67 & 68
Consult manufacturer for other ratings
Mechanical Dimensions
Type 3SB / 3SBP
Slow Blow Fuse Series
1/4 x 1 1/4 inch Glass Tube
3SBD0903
Electrical Characteristics (UL/CSA STD. 248-14)
Approvals
Operating Temperature
-55ºC to +125ºC
Physical Specification
Materials
Glass body / Nickel Plated Brass Caps
Lead wire:
Tin-lead plated Copper,
Diameter 0.032", 5A and less
Diameter 0.040", 6A and above
Marking
On fuse:
“bel”,“3SB”,“Current Rating”,“Voltage Rating”, and
"Appropriate Safety Logos"
On label:
Above info plus “
c” and interrupting rating
Voltage on fuse:
250V for 63mA to 8A; 125V for 10A and above
Packaging
1. In bulk:
3SB - 1,000 pcs per box; 3SBP - 500 pcs per box
2. On Axial Tape & Reel:
1,000 pcs per reel
3.Tape & Reel specification:
per EIA-296-E & IEC 286-1
@ 10mm Pitch and 73mm inside Tape Spacing
t
n
e
r
r
u
c
g
n
it
s
e
T
e
m
i
T
w
o
l
B
m
u
m
i
n
i
Mm
u
m
i
x
a
M
%
0
0
1.s
r
H
4A
/
N
%
5
3
1A
/
Nr
H
1
%
0
0
2c
e
s
5c
e
s
0
3
Vßpc
s
l
a
v
o
r
p
p
A
y
c
n
e
g
A
y
t
e
f
a
Se
p
y
Ty
ti
li
b
a
.
R
.I
@
tl
o
V
/
e
g
n
a
r
p
m
A
4
2
6
0
2
E
.
o
N
e
li
F
d
e
ts
iL
2
7
7
9
3
R
L
.
o
N
e
li
F
d
e
if
it
r
e
C
/
B
S
3
P
B
S
3
A
m
3
6
.
A
5
3
@
C
A
V
0
5
2
/
A
1
-
A
1
> .
A
0
0
1
@
C
A
V
0
5
2
/
A
5
.
3
-
A
5
.
3
>
.
A
0
0
2
@
C
A
V
0
5
2
/
A
8
-
A
m
3
6
.
A
0
0
0
,
0
1
@
C
A
V
5
2
1
/
A
5
1
-
1
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
.
o
N
e
li
F
3
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
/
B
S
3
P
B
S
3
A
1 .
A
0
0
5
@
C
A
V
5
2
1
/
A
5
-
2
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
.
o
N
e
li
FB
S
3A
5
> .
A
0
0
3
@
C
A
V
5
2
1
/
A
5
1
-
V
ß
g
o
l
a
t
a
C
r
e
b
m
u
N
e
r
e
p
m
A
g
n
it
a
R
l
a
ci
p
y
T
d
l
o
C
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
p
o
r
d
-
tl
o
V
%
0
0
1
@
n
I
.
x
a
m
)
tl
o
V
(
I
g
n
it
l
e
M
2T
c
e
S
m
0
1
<
A
( 2
)
c
e
S
I
g
n
it
l
e
M
2T
0
1
@
n
I
A
( 2
)
c
e
S
m
u
m
i
x
a
M
r
e
w
o
P
n
o
it
a
p
i
s
s
i
D
)
W
(
3
6
)
P
(
B
S
363 A
m3
.
7
79
.
69
0
.
00
1
.
01
7
.
0
0
8
)
P
(
B
S
3A
m
0
80
.
2
57
.
53
1
.
05
1
.
04
7
.
0
0
0
1
)
P
(
B
S
3A
m
0
0
10
.
2
23
.
31
2
.
04
2
.
04
5
.
0
5
2
1
)
P
(
B
S
3A
m
5
2
19
.
5
17
.
22
3
.
07
3
.
06
5
.
0
0
6
1
)
P
(
B
S
3A
m
0
6
15
.
1
13
.
20
5
.
08
5
.
09
5
.
0
0
0
2
)
P
(
B
S
3A
m
0
0
23
.
89
.
17
7
.
01
9
.
01
6
.
0
0
5
2
)
P
(
B
S
3A
m
0
5
26
.
56
.
10
2
.
12
4
.
14
6
.
0
0
0
3
)
P
(
B
S
3A
m
0
0
38
.
33
.
15
8
.
12
2
.
28
6
.
0
5
7
3
)
P
(
B
S
3A
m
5
7
38
.
21
.
16
.
22
.
31
7
.
0
0
0
5
)
P
(
B
S
3A
m
0
0
57
.
19
.
04
.
44
.
55
7
.
0
0
5
7
)
P
(
B
S
3A
m
0
5
74
8
.
07
.
07
.
91
.
2
13
8
.
0
1
)
P
(
B
S
3A
12
5
.
05
.
04
.
6
16
.
0
28
8
.
0
5
2
.
1
)
P
(
B
S
3A
5
2
.
15
3
.
05
.
04
.
5
23
.
2
39
.
0
6
.
1
)
P
(
B
S
3A
6
.
13
2
.
08
3
.
03
.
9
34
.
0
50
.
1
2
)
P
(
B
S
3A
26
1
.
02
3
.
01
69
70
.
1
5
.
2
)
P
(
B
S
3A
5
.
21
1
.
07
2
.
04
93
2
11
.
1
3
)
P
(
B
S
3A
37
0
.
02
2
.
06
4
12
9
11
.
1
4
)
P
(
B
S
3A
45
0
.
09
1
.
06
2
20
0
32
.
1
5
)
P
(
B
S
3A
53
0
.
06
1
.
09
4
39
6
43
.
1
6
)
P
(
B
S
3A
69
1
0
.
06
1
.
06
8
25
5
46
.
1
7
)
P
(
B
S
3A
76
1
0
.
06
1
.
02
7
32
9
58
.
1
8
)
P
(
B
S
3A
84
1
0
.
05
1
.
03
8
49
6
79
.
1
0
1
)
P
(
B
S
3A
0
10
1
0
.
04
1
.
07
1
80
0
3
13
.
2
2
1
)
P
(
B
S
3A
2
18
0
0
.
03
1
.
07
7
2
11
3
0
26
.
2
5
1
)
P
(
B
S
3A
5
16
0
0
.
02
1
.
03
2
1
27
7
3
30
.
3
3SBP
3SB
0.250"
± 0.004"
(6.35
± 0.1mm)
1.28"
± 0.03"
(32.5
± 0.8mm)
0.270"
± 0.004"
(6.9
± 0.1mm)
1.5"
± 0.08"
(38.1
± 2mm)
SEE LEAD SIZE LISTED IN “ MATERIAL”
1.25"
± 0.03"
(31.8
± 0.8mm)
59
p


Similar Part No. - 0602-7001-33

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
06020.0-00 STEGO-06020.0-00 Datasheet
269Kb / 1P
   TOUCH-SAFE HEATER (SEMICONDUCTOR)
19.03.2019
logo
Testo SE & Co. KGaA
06020092 TESTO-06020092 Datasheet
722Kb / 8P
   Temperature measuring instrument (2-channel)
06020092 TESTO-06020092 Datasheet
1Mb / 8P
   Humidity/temperature measuring instrument
06020092 TESTO-06020092 Datasheet
1Mb / 8P
   Multi-function VAC measuring instrument
06020193 TESTO-06020193 Datasheet
722Kb / 8P
   Temperature measuring instrument (2-channel)
More results

Similar Description - 0602-7001-33

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
3SB BEL-3SB_13 Datasheet
1Mb / 4P
   Slow Blow Fuse Series
GSA BEL-GSA_17 Datasheet
1Mb / 4P
   SLOW BLOW FUSE SERIES
5TT BEL-5TT Datasheet
96Kb / 2P
   Slow Blow Fuse Series
5TT BEL-5TT_16 Datasheet
1Mb / 4P
   SLOW BLOW FUSE SERIES
GSA63 BEL-GSA63 Datasheet
90Kb / 2P
   Slow Blow Fuse Series
3SB BEL-3SB Datasheet
104Kb / 2P
   Slow Blow Fuse Series
5TT BEL-5TT_13 Datasheet
1Mb / 4P
   Slow Blow Fuse Series
GSA BEL-GSA_13 Datasheet
1Mb / 4P
   Slow Blow Fuse Series
0606-0062-33 BEL-0606-0062-33 Datasheet
91Kb / 2P
   Slow Blow Fuse Series
GSA BEL-GSA Datasheet
429Kb / 2P
   Slow Blow Fuse Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com