Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AGSC-2417PS Datasheet(PDF) 1 Page - Allied Components International

Part No. AGSC-2417PS
Description  10/100/1000 Base T Gigabit Single PoE Plus
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLIED [Allied Components International]
Homepage  http://www.alliedcomponents.com
Logo 

AGSC-2417PS Datasheet(HTML) 1 Page - Allied Components International

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
05/02/12
SCHEMATICS
ALLIED
DATECODE
AGSC-2417PS
18.20(0.717)
13.97(0.550)
12.15
16.00
12.18
16.76
(0.478) (0.630)
0.76(0.030)
1.27(0.050)
(0.479
(0.660)
1.27(0.050)
6.50
(0.256)
max
0.25±0.13
(0.01±0.005)
0.46(0.018)
1.30(0.051)
0°~8°
Dimensions: mm(inch)
Unless otherwise specified, all tolerances are ±0.25(0.010)
All specifications subject to change without notice.
MECHANICAL
10/100/1000 Base T Gigabit Single PoE Plus
AGSC-2417PS
Cw/w: 25PF Typ @ 100KHz, 200mV
LL: 0.5µH Max @ 100KHz, 200mV
DCR: 0.9
Operating Temp: 0ºC to 70ºC
Max
PoE Plus with 720mA Current Capanility
Compliant to IEEE802.3at / ANSI X3.263
Electrical Specifications @ 25°C
Part
Number
OCL(uH Min)
@ 100kHz, 200mV
Turns Ratio
chip: cable
(±5%)
Insertion Loss
(dB Max)
Return Loss
(dB Min)
With 8mA DC Bias
0.3-100MHz
0.3-30MHz
40MHz
AGSC-2417PS
350
1CT:1CT
-1.1
-18
-14.4
60-80MHz
-12
50MHz
-13.1
Part
Number
AGSC-2417PS
Electrical Specifications @ 25°C
Cross Talk
(dB Min)
HI-POT
(Vrms)
-35
1500
30MHz
-40
80-100MHz
-30
Common Mode Rejection
(dB Min)
60-100MHz
-32
0.3-30MHz
-35
60MHz
Isolation


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn