Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAUDAMP7D Datasheet(PDF) 6 Page - International Rectifier

Part # IRAUDAMP7D
Description  25W-500W Scalable Output Power Class D Audio Power Amplifier Reference Design Using the IRS2092 Protected Digital Audio Driver
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAUDAMP7D Datasheet(HTML) 6 Page - International Rectifier

Back Button IRAUDAMP7D Datasheet HTML 2Page - International Rectifier IRAUDAMP7D Datasheet HTML 3Page - International Rectifier IRAUDAMP7D Datasheet HTML 4Page - International Rectifier IRAUDAMP7D Datasheet HTML 5Page - International Rectifier IRAUDAMP7D Datasheet HTML 6Page - International Rectifier IRAUDAMP7D Datasheet HTML 7Page - International Rectifier IRAUDAMP7D Datasheet HTML 8Page - International Rectifier IRAUDAMP7D Datasheet HTML 9Page - International Rectifier IRAUDAMP7D Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
www.irf.com
Page 6 of 42
IRAUDAMP7D REV 2.8
Fig 1 Typical Test Setup
Connector Description
CH1 IN
RCA1A Analog input for CH1
CH2 IN
RCA1B Analog input for CH2
SUPPLY
CNN1
Positive and negative supply (+B / -B)
CH1 OUT
SPK1A
Output for CH1
CH2 OUT
SPK1B
Output for CH2
Switches Descriptions
S1
Shutdown PWM
S300
Half bridge / Full bridge select
Indicator Description
LED1A, B
PWM (presence of low side gate signal)
LED2A,B
Protection
SPK1A
SPK1B
G
LED1
A
+B, 5A DC supply
4 Ohm
4 Ohm
-B, 5A DC supply
Audio Signal
LED2
A
LED1
B
LED2
B
S1
S300
CNN1
RCA1A
RCA1B


Similar Part No. - IRAUDAMP7D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP7D IRF-IRAUDAMP7D Datasheet
587Kb / 41P
   25W-500W Scalable Output Power
IRAUDAMP7D IRF-IRAUDAMP7D_15 Datasheet
587Kb / 41P
   25W-500W Scalable Output Power
More results

Similar Description - IRAUDAMP7D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RAUDAMP7S IRF-RAUDAMP7S Datasheet
821Kb / 43P
   25W-500W Scalable Output Power Class D Audio Power Amplifier Reference Design Using the IRS2092S Protected Digital Audio Driver
IRAUDAMP7S IRF-IRAUDAMP7S Datasheet
821Kb / 42P
   25W-500W Scalable Output Power Class D Audio Power Amplifier Reference Design Using the IRS2092S Protected Digital Audio Driver
IRAUDAMP7S IRF-IRAUDAMP7S_15 Datasheet
821Kb / 42P
   25W-500W Scalable Output Power
IRAUDAMP7D IRF-IRAUDAMP7D_15 Datasheet
587Kb / 41P
   25W-500W Scalable Output Power
logo
Tripath Technology Inc.
TA0104A TRIPATH-TA0104A Datasheet
482Kb / 18P
   STEREO 500W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TA2021B TRIPATH-TA2021B Datasheet
268Kb / 12P
   STEREO 25W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
RB-TA3020-1 TRIPATH-RB-TA3020-1 Datasheet
831Kb / 20P
   CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TDA2075A TRIPATH-TDA2075A Datasheet
459Kb / 24P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA1400 TRIPATH-TDA1400 Datasheet
479Kb / 25P
   MONO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA2125A TRIPATH-TDA2125A Datasheet
97Kb / 1P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com