Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8200AMM Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL8200AMM
Description  Complete Current Share 10A DC/DC Power Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8200AMM Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL8200AMM Datasheet HTML 5Page - Intersil Corporation ISL8200AMM Datasheet HTML 6Page - Intersil Corporation ISL8200AMM Datasheet HTML 7Page - Intersil Corporation ISL8200AMM Datasheet HTML 8Page - Intersil Corporation ISL8200AMM Datasheet HTML 9Page - Intersil Corporation ISL8200AMM Datasheet HTML 10Page - Intersil Corporation ISL8200AMM Datasheet HTML 11Page - Intersil Corporation ISL8200AMM Datasheet HTML 12Page - Intersil Corporation ISL8200AMM Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ISL8200AMM
9
FN8287.1
November 27, 2012
OVER-TEMPERATURE PROTECTION CONTROLLER JUNCTION TEMPERATURE
Over-Temperature Trip
150
°C
Over-Temperature Release Threshold
125
°C
INTERNAL COMPONENT VALUES
Internal Resistor Between PVCC and
VCC pin
RCC
5
Internal Resistor Between PHASE and
OCSET Pins
RISEN-IN
2.2
kΩ
Internal Resistor Between FSYNC_IN
and PGND1 Pins
RFS
59
kΩ
Internal Resistor Between PGOOD and
VCC Pins
RPG
10
kΩ
Internal Resistor Between CLKOUT and
VCC Pins
RCLK
10
kΩ
Internal Resistor Between PH_CNTRL
and VCC Pins
RPHC
10
kΩ
Internal Resistor Between VOUT_SET
and VSEN_REM- pin
ROS1
2.2
kΩ
NOTES:
5. Parameters with TYP limits are not production tested, unless otherwise specified.
6. Parameters with MIN and/or MAX limits are 100% tested for internal IC prior to module assembly, unless otherwise specified. Temperature limits
established by characterization and are not production tested.
7. Refer to Defense Logistics Agency (DLA) drawing number V62/10608-02XB for min/max parameters.
Electrical Specifications Boldface limits apply over the operating temperature range, -55°C to +125°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
(Note 5)
MAX
(Note 6)
UNITS
ISFETDRV
ISHARE_BUS
CLKOUT
FSYNC_IN
EN
FF
VIN
PVIN
VOUT
VOUT_SET
VSEN_REM-
PGOOD
PH_CNTRL
VCC
ISL8200AMMREP
VOUT
ISFETDRV1
RSET
C9
VCC
PVIN
GROUND
VOUT
GROUND
2.2k
47µF (x8)
C205
10nF
FIGURE 5. TEST CIRCUIT FOR ALL PERFORMANCE AND DERATING GRAPHS
VOUT = 1.2V for RSET = 2.2k
Refer to Table 1 for RSET vs VOUT


Similar Part No. - ISL8200AMM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8200AMM RENESAS-ISL8200AMM Datasheet
1Mb / 24P
   Complete Current Share 10A DC/DC Power Module
June 3, 2015
ISL8200AMMREP RENESAS-ISL8200AMMREP Datasheet
1Mb / 24P
   Complete Current Share 10A DC/DC Power Module
June 3, 2015
ISL8200AMMRZ RENESAS-ISL8200AMMRZ Datasheet
1Mb / 25P
   Complete Current Share 10A DC/DC Power Module
ISL8200AMMRZ-T RENESAS-ISL8200AMMRZ-T Datasheet
1Mb / 25P
   Complete Current Share 10A DC/DC Power Module
More results

Similar Description - ISL8200AMM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8200AM RENESAS-ISL8200AM Datasheet
1Mb / 25P
   Complete Current Share 10A DC/DC Power Module
logo
Intersil Corporation
ISL8200AM INTERSIL-ISL8200AM Datasheet
1Mb / 24P
   Complete Current Share 10A DC/DC Power Module
logo
Renesas Technology Corp
ISL8200M RENESAS-ISL8200M Datasheet
2Mb / 25P
   Complete Current Share 10A DC/DC Power Module
logo
Intersil Corporation
ISL8200M INTERSIL-ISL8200M_10 Datasheet
1Mb / 23P
   Complete Current Share 10A DC/DC Power Module
logo
Renesas Technology Corp
ISL8200AMM RENESAS-ISL8200AMM Datasheet
1Mb / 24P
   Complete Current Share 10A DC/DC Power Module
June 3, 2015
ISL8200MM RENESAS-ISL8200MM Datasheet
1Mb / 24P
   Complete Current Share 10A DC/DC Power Module
Mar 15, 2013
logo
Intersil Corporation
ISL8200M INTERSIL-ISL8200M Datasheet
1Mb / 23P
   Complete Current Share 10A DC/DC Power Supply
ISL8204M INTERSIL-ISL8204M Datasheet
1Mb / 20P
   Complete High Efficiency DC/DC Power Module
logo
Renesas Technology Corp
ISL8204M RENESAS-ISL8204M Datasheet
1Mb / 19P
   Complete High Efficiency DC/DC Power Module
logo
Intersil Corporation
ZL9010M INTERSIL-ZL9010M Datasheet
1Mb / 30P
   Digital DC/DC PMBus 10A Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com