Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDI1_n Datasheet(PDF) 9 Page - Intel Corporation

Part # MDI1_n
Description  LAN Access Division
Download  956 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

MDI1_n Datasheet(HTML) 9 Page - Intel Corporation

Back Button MDI1_n_1 Datasheet HTML 5Page - Intel Corporation MDI1_n_1 Datasheet HTML 6Page - Intel Corporation MDI1_n_1 Datasheet HTML 7Page - Intel Corporation MDI1_n_1 Datasheet HTML 8Page - Intel Corporation MDI1_n_1 Datasheet HTML 9Page - Intel Corporation MDI1_n_1 Datasheet HTML 10Page - Intel Corporation MDI1_n_1 Datasheet HTML 11Page - Intel Corporation MDI1_n_1 Datasheet HTML 12Page - Intel Corporation MDI1_n_1 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 956 page
background image
Intel® 82576EB GbE Controller - Marking Diagram
Revision: 2.85
Intel® 82576EB GbE Controller
September 2012
Specification Update
9
1.30
Marking Diagram
Lead-free parts will have “JL” as the prefix for the product code (vs. “HL”).
The devices can also have a “GB” marking, instead of “EB”. These are functionally equivalent and only
used on Intel network interface adapters.
There is an internal designator visible as a dash on the die side of some packages. It’s location may
differ. The mark (looks like a dash, approximately 300X1000
μm in size) does not impact function.
Table 2. Device ID
82576 Device ID Code
Vendor ID
Device ID
Revision ID*
82576 (Copper Applications)
0x8086
0x10C9
1
82576 (Fiber Applications)
0x8086
0x10E6
1
82576 (SerDes Backplane Applications)
0x8086
0x10E7
1
82576 (Non-Security Copper Applications)
0x8086
0x150A
1
Figure 1. Example With Identifying Marks


Similar Part No. - MDI1_n_1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MDI100-12A3 IXYS-MDI100-12A3 Datasheet
118Kb / 4P
   IGBT Modules
MDI145-12A3 IXYS-MDI145-12A3 Datasheet
109Kb / 4P
   IGBT Modules - Short Circuit SOA Capability Square RBSOA
MDI150-12A4 IXYS-MDI150-12A4 Datasheet
120Kb / 4P
   IGBT Modules Short Circuit SOA Capability Square RBSOA
logo
MagnaChip Semiconductor...
MDI1752 MGCHIP-MDI1752 Datasheet
699Kb / 6P
   N-Channel Trench MOSFET 40V, 50A, 8.0m(ohm)
MDI1752TH MGCHIP-MDI1752TH Datasheet
699Kb / 6P
   N-Channel Trench MOSFET 40V, 50A, 8.0m(ohm)
More results

Similar Description - MDI1_n_1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA3592 PHILIPS-UAA3592 Datasheet
59Kb / 12P
   Wideband code division multiple access frequency division duplex power amplifier
2002 Jul 02
UAA3580 PHILIPS-UAA3580 Datasheet
107Kb / 24P
   Wideband code division multiple access frequency division duplex zero IF receiver
2002 Oct 30
logo
Intersil Corporation
HFA3841 INTERSIL-HFA3841 Datasheet
211Kb / 27P
   Wireless LAN Medium Access Controller
January 2000
HFA3842 INTERSIL-HFA3842 Datasheet
512Kb / 26P
   Wireless LAN Medium Access Controller
logo
List of Unclassifed Man...
RTL8181 ETC2-RTL8181 Datasheet
513Kb / 50P
   Wireless LAN Access Point/Gateway Controller
logo
Freescale Semiconductor...
P1014NSN5DFA FREESCALE-P1014NSN5DFA Datasheet
209Kb / 2P
   Wireless LAN access points, SOHO/SMB routers
logo
Texas Instruments
SN75ALS085 TI-SN75ALS085 Datasheet
241Kb / 17P
[Old version datasheet]   LAN ACCESS UNIT INTERFACE DUAL DRIVER/RECEIVER
SN75ALS085 TI1-SN75ALS085_14 Datasheet
290Kb / 19P
[Old version datasheet]   LAN ACCESS UNIT INTERFACE DUAL DRIVER/RECEIVER
logo
Intersil Corporation
HFA3842A INTERSIL-HFA3842A Datasheet
528Kb / 27P
   PCMCIA/USB Wireless LAN Medium Access Controller
HFA3842B INTERSIL-HFA3842B Datasheet
519Kb / 26P
   PCMCIA/USB Wireless LAN Medium Access Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com