Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEV_OFF_N Datasheet(PDF) 10 Page - Intel Corporation

Part # DEV_OFF_N
Description  LAN Access Division
Download  956 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DEV_OFF_N Datasheet(HTML) 10 Page - Intel Corporation

Back Button DEV_OFF_N Datasheet HTML 6Page - Intel Corporation DEV_OFF_N Datasheet HTML 7Page - Intel Corporation DEV_OFF_N Datasheet HTML 8Page - Intel Corporation DEV_OFF_N Datasheet HTML 9Page - Intel Corporation DEV_OFF_N Datasheet HTML 10Page - Intel Corporation DEV_OFF_N Datasheet HTML 11Page - Intel Corporation DEV_OFF_N Datasheet HTML 12Page - Intel Corporation DEV_OFF_N Datasheet HTML 13Page - Intel Corporation DEV_OFF_N Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 956 page
background image
Nomenclature Used In This Document - Intel® 82576EB GbE Controller
Intel® 82576EB GbE Controller
Revision: 2.85
Specification Update
September 2012
10
1.40
Nomenclature Used In This Document
This document uses specific terms, codes, and abbreviations to describe changes, errata, sightings
and/or clarifications that apply to silicon/steppings. See Table 3 for a description.
1.50
Sightings, Clarifications, Changes, Errata and Software
Clarifications
See Section 1.40 for an explanation of terms, codes, and abbreviations.
Table 3. Nomenclature
Name
Description
Specification
Changes
Modifications to the current published specifications. These changes will be incorporated in the next release of
the specifications.
Errata
Design defects or errors. Errata may cause device behavior to deviate from published specifications.
Hardware and software designed to be used with any given stepping must assume that all errata documented
for that stepping are present on all devices.
Sightings
Observed issues that are believed to be errata, but have not been completely confirmed or root caused. The
intention of documenting sightings is to proactively inform users of behaviors or issues that have been
observed. Sightings may evolve to errata or may be removed as non-issues after investigation completes.
Specification
Clarifications
Greater detail or further highlights concerning a specification’s impact to a complex design situation. These
clarifications will be incorporated in the next release of the specifications.
Documentation
Changes
Typos, errors, or omissions from the current published specifications. These changes will be incorporated in
the next release of the specifications.
A1, B1, etc.
Stepping to which the status applies.
Doc
Document change or update that will be implemented.
Fix
This erratum is intended to be fixed in a future stepping of the component.
Fixed
This erratum has been previously fixed.
EEPROM/NVM Fix
This indicates the Errata was in the EEPROM/NVM and is fixed in an updated version.
NoFix
There are no plans to fix this erratum.
Eval
Plans to fix this erratum are under evaluation.
Red Change Bar/
or Bold
This Item is either new or modified from the previous version of the document.
Table 4. Summary of Sightings, Clarifications, Changes, Errata, Software Clarifications;
Errata Include Steppings
Sightings
Status
None.
NA
Specification Clarifications
Status
1. PCIe: End Point Request of I/O Space After Initialization
NA
2. PCIe: Partial Memory-Write Requests Actually Writing Full DW
NA
3. PCIe: Completion Timeout Mechanism Compliance
NA
4. PCIe: Receiver Dtection Circuit Design and Established Link Width
NA


Similar Part No. - DEV_OFF_N

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-07914 SPARKFUN-DEV-07914 Datasheet
467Kb / 9P
   ProtoShield Quickstart Guide
DEV-08467 SPARKFUN-DEV-08467 Datasheet
99Kb / 1P
   LilyPad Tri-Color LED
10/12/2015
DEV-08776 SPARKFUN-DEV-08776 Datasheet
98Kb / 1P
   LilyPad Button Board
10/13/2015
DEV-08777 SPARKFUN-DEV-08777 Datasheet
95Kb / 1P
   LilyPad Temperature Sensor
10/13/2015
DEV-09101 SPARKFUN-DEV-09101 Datasheet
107Kb / 1P
   LilyPad Protoboard Large
11/24/2015
More results

Similar Description - DEV_OFF_N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA3592 PHILIPS-UAA3592 Datasheet
59Kb / 12P
   Wideband code division multiple access frequency division duplex power amplifier
2002 Jul 02
UAA3580 PHILIPS-UAA3580 Datasheet
107Kb / 24P
   Wideband code division multiple access frequency division duplex zero IF receiver
2002 Oct 30
logo
Intersil Corporation
HFA3841 INTERSIL-HFA3841 Datasheet
211Kb / 27P
   Wireless LAN Medium Access Controller
January 2000
HFA3842 INTERSIL-HFA3842 Datasheet
512Kb / 26P
   Wireless LAN Medium Access Controller
logo
List of Unclassifed Man...
RTL8181 ETC2-RTL8181 Datasheet
513Kb / 50P
   Wireless LAN Access Point/Gateway Controller
logo
Freescale Semiconductor...
P1014NSN5DFA FREESCALE-P1014NSN5DFA Datasheet
209Kb / 2P
   Wireless LAN access points, SOHO/SMB routers
logo
Texas Instruments
SN75ALS085 TI-SN75ALS085 Datasheet
241Kb / 17P
[Old version datasheet]   LAN ACCESS UNIT INTERFACE DUAL DRIVER/RECEIVER
SN75ALS085 TI1-SN75ALS085_14 Datasheet
290Kb / 19P
[Old version datasheet]   LAN ACCESS UNIT INTERFACE DUAL DRIVER/RECEIVER
logo
Intersil Corporation
HFA3842A INTERSIL-HFA3842A Datasheet
528Kb / 27P
   PCMCIA/USB Wireless LAN Medium Access Controller
HFA3842B INTERSIL-HFA3842B Datasheet
519Kb / 26P
   PCMCIA/USB Wireless LAN Medium Access Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com