Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD640 Datasheet(PDF) 10 Page - Analog Devices

Part # AD640
Description  DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD640 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD640 Datasheet HTML 6Page - Analog Devices AD640 Datasheet HTML 7Page - Analog Devices AD640 Datasheet HTML 8Page - Analog Devices AD640 Datasheet HTML 9Page - Analog Devices AD640 Datasheet HTML 10Page - Analog Devices AD640 Datasheet HTML 11Page - Analog Devices AD640 Datasheet HTML 12Page - Analog Devices AD640 Datasheet HTML 13Page - Analog Devices AD640 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD640
REV. C
–10–
Table I.
Input
Peak
Intercept
Error (Relative
Waveform
or RMS
Factor
to a DC Input)
Square Wave
Either
1
0.00 dB
Sine Wave
Peak
2
–6.02 dB
Sine Wave
rms
1.414(
√2)
–3.01 dB
Triwave
Peak
2.718 (e)
–8.68 dB
Triwave
rms
1.569(e/
√3)
–3.91 dB
Gaussian Noise
rms
1.887
–5.52 dB
Logarithmic Conformance and Waveform
The waveform also affects the ripple, or periodic deviation from
an ideal logarithmic response. The ripple is greatest for dc or
square wave inputs because every value of the input voltage
maps to a single location on the transfer function and thus
traces out the full nonlinearities in the logarithmic response.
By contrast, a general time varying signal has a continuum of
values within each cycle of its waveform. The averaged output is
thereby “smoothed” because the periodic deviations away from
the ideal response, as the waveform “sweeps over” the transfer
function, tend to cancel. This smoothing effect is greatest for a
triwave input, as demonstrated in Figure 22.
INPUT AMPLITUDE IN dB ABOVE 1V, AT 10kHz
2
–10
–80
–8
–6
–4
–2
0
–70
–60
–50
–40
–30
–20
–10
SQUARE WAVE INPUT
SINE WAVE INPUT
TRIWAVE INPUT
Figure 22. Deviation from Exact Logarithmic Transfer
Function for Two Cascaded AD640s, Showing Effect of
Waveform on Calibration and Linearity
INPUT AMPLITUDE IN dB ABOVE 1V, AT 10kHz
2
–10
–8
–6
–4
–2
0
–70
–60
–50
–40
–30
–20
–10
SQUARE WAVE INPUT
SINE WAVE INPUT
TRIWAVE INPUT
–12
4
Figure 23. Deviation from Exact Logarithmic Transfer
Function for a Single AD640; Compare Low Level
Response with that of Figure 22
The accuracy at low signal inputs is also waveform dependent.
The detectors are not perfect absolute value circuits, having a
sharp “corner” near zero; in fact they become parabolic at low
levels and behave as if there were a dead zone. Consequently,
the output tends to be higher than ideal. When there are enough
stages in the system, as when two AD640s are connected in
cascade, most detectors will be adequately loaded due to the
high overall gain, but a single AD640 does not have sufficient
gain to maintain high accuracy for low level sine wave or triwave
inputs. Figure 23 shows the absolute deviation from calibration
for the same three waveforms for a single AD640. For inputs
between –10 dBV and –40 dBV the vertical displacement of the
traces for the various waveforms remains in agreement with the
predicted dependence, but significant calibration errors arise at
low signal levels.
SIGNAL MAGNITUDE
AD640 is a calibrated device. It is, therefore, important to be
clear in specifying the signal magnitude under all waveform
conditions. For dc or square wave inputs there is, of course, no
ambiguity. Bounded periodic signals, such as sinusoids and
triwaves, can be specified in terms of their simple amplitude
(peak value) or alternatively by their rms value (which is a mea-
sure of power when the impedance is specified). It is generally bet-
ter to define this type of signal in terms of its amplitude because
the AD640 response is a consequence of the input voltage, not
power. However, provided that the appropriate value of inter-
cept for a specific waveform is observed, rms measures may be
used. Random waveforms can only be specified in terms of rms
value because their peak value may be unbounded, as is the case
for Gaussian noise. These must be treated on a case-by-case
basis. The effective intercept given in Table I should be used for
Gaussian noise inputs.
On the other hand, for bounded signals the amplitude can be
expressed either in volts or dBV (decibels relative to 1 V). For
example, a sine wave or triwave of 1 mV amplitude can also be
defined as an input of –60 dBV, one of 100 mV amplitude as
–20 dBV, and so on. RMS value is usually expressed in dBm
(decibels above 1 mW) for a specified impedance level. Through-
out this data sheet we assume a 50
Ω environment, the customary
impedance level for high speed systems, when referring to signal power
in dBm. Bearing in mind the above discussion of the effect of
waveform on the intercept calibration of the AD640, it will be
apparent that a sine wave at a power of, say, –10 dBm will not
produce the same output as a triwave or square wave of the
same power. Thus, a sine wave at a power level of –10 dBm has
an rms value of 70.7 mV or an amplitude of 100 mV (that is,
√2
times as large, the ratio of amplitude to rms value for a sine
wave), while a triwave of the same power has an amplitude
which is
√3 or 1.73 times its rms value, or 122.5 mV.
“Intercept” and “Logarithmic Offset”
If the signals are expressed in dBV, we can write the output in a
simpler form, as
IOUT = 50
µA (Input
dBV – XdBV)
Equation (4)
where InputdBV is the input voltage amplitude (not rms) in dBV
and XdBV is the appropriate value of the intercept (for a given
waveform) in dBV. This form shows more clearly why the intercept
is often referred to as the logarithmic offset. For dc or square
wave inputs, VX is 1 mV so the numerical value of XdBV is –60,
and Equation (4) becomes


Similar Part No. - AD640

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD640 AD-AD640 Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD6402 AD-AD6402 Datasheet
110Kb / 8P
   IF Transceiver Subsystem
REV. 0
AD6402ARS AD-AD6402ARS Datasheet
110Kb / 8P
   IF Transceiver Subsystem
REV. 0
AD6402ARS-REEL AD-AD6402ARS-REEL Datasheet
110Kb / 8P
   IF Transceiver Subsystem
REV. 0
AD6402 AD-AD6402_15 Datasheet
105Kb / 8P
   IF Transceiver Subsystem
REV. 0
More results

Similar Description - AD640

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD640 AD-AD640_15 Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640_16 Datasheet
417Kb / 19P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
AD641 AD-AD641 Datasheet
256Kb / 16P
   250 MHz Demodulating Logarithmic Amplifier
REV. C
AD641 AD-AD641_15 Datasheet
260Kb / 16P
   250 MHz Demodulating Logarithmic Amplifier
REV. C
AD641 AD-AD641_16 Datasheet
320Kb / 17P
   250 MHz Demodulating Logarithmic Amplifier
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD8309 AD-AD8309 Datasheet
311Kb / 20P
   5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD606 AD-AD606 Datasheet
448Kb / 12P
   50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD606 AD-AD606_15 Datasheet
452Kb / 12P
   50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com