Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P7620 Datasheet(PDF) 3 Page - ETAL Group

Part # P7620
Description  The P7620 family comprises of medium current, self-shielded power inductors in low profile size.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7620 Datasheet(HTML) 3 Page - ETAL Group

  P7620 Datasheet HTML 1Page - ETAL Group P7620 Datasheet HTML 2Page - ETAL Group P7620 Datasheet HTML 3Page - ETAL Group P7620 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRODUCT DATA SHEET
P7620
SPECIFICATIONS
3020 size
Tolerance code: :
M=±20%
N=±30%
Notes
1. IDC1: Based on inductance change ( T/Lo:≤30%) @ ambient temp. 25ºC
2. IDC2: Based on temprature rise ( : 40ºC Typ.)
3. Rated Current: IDI or IDC2, whichever is lower
4. Storage temp.: -40ºC to +105ºC
5. Operating Temp.: -40ºC to +105ºC (include self temp. rise)
6. Resistance to solder heat: 260ºC 10 secs
7. For non-standard inductance values, please contact ETAL Group AB.
Recommended PCB Pattern
0,85
M
6.8±20%
0.1V/100K
10±20%
0.1V/100K
240
0,60
180
0,87
K
0.1V/100K
100
1,20
1,30
G
1,15
I
1,45
4.7±20%
0.1V/100K
150
1,00
1,05
0.1V/100K
64
1,80
0.1V/100K
87
1,40
Part No
Inductance
Test Frequency
RDC (m )
(µH)
(Hz)
W
Marking
±20%
(A)
(A)
1,70
IDC1
IDC2
C
E
0,35
U
Shielded
47±20%
0.1V/100K
0.1V/100K
1410
1640
0,27
0,30
D
E
F
P7620-3020-100□
Size
A
B
0,32
P7620-3020-680□
68±20%
G
0.7 Typ.
3012
3.0±0.2
3.0±0.3 1.2 Max. 1.5 Typ. 0.76 Typ. 1.2 Typ.
C
0.76 Typ. 1.2 Typ.
3015
3.0±0.2
3.0±0.3 1.5 Max.
0.7 Typ.
3020
3.0±0.2
3.0±0.3 2.1 Max. 2.1 Typ. 0.76 Typ. 1.2 Typ. 0.7 Typ.
1.5 Typ.
P7620-3020-6R8□
P7620-3020-2R2□
1.5±30%
P7620-3020-3R3□
P7620-3020-4R7□
P7620-3020-1R5□
2.2±30%
3.3±30%
CONSTRUCTION
Unit: mm
ELECTRICAL
ETALDOC 1006/1
3 of 4
2012-06-26


Similar Part No. - P7620

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7621 ETAL-P7621 Datasheet
367Kb / 4P
   The P7621 family comprises of medium current, self/shielded power inductors in low profile size.
P7622 ETAL-P7622 Datasheet
573Kb / 7P
   The P7622 family comprises of medium current, shielded power choke coil in low profile size.
P7623 ETAL-P7623 Datasheet
961Kb / 13P
   The P7623 family comprises of medium current, shielded power choke coil in low profile size.
P7624 ETAL-P7624 Datasheet
1Mb / 17P
   The P7624 family comprises of medium to high current shielded power choke coil in low profile size.
P7625 ETAL-P7625 Datasheet
1Mb / 6P
   The P7625 family comprises of medium to high current shielded power choke coil in low profile size.
More results

Similar Description - P7620

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7621 ETAL-P7621 Datasheet
367Kb / 4P
   The P7621 family comprises of medium current, self/shielded power inductors in low profile size.
P7616 ETAL-P7616 Datasheet
352Kb / 4P
   The P7616 family comprises of medium current, shielded power inductors in low profile size (2.0mm max.).
P7623 ETAL-P7623 Datasheet
961Kb / 13P
   The P7623 family comprises of medium current, shielded power choke coil in low profile size.
P7617 ETAL-P7617 Datasheet
351Kb / 4P
   The P7617 family comprises of medium current, non-shielded power inductors in low profile size (2.0mm max).
P7619 ETAL-P7619 Datasheet
350Kb / 4P
   The P7619 family comprises of medium current, non-shielded power inductors in low profile size (1.1mm typical).
P7622 ETAL-P7622 Datasheet
573Kb / 7P
   The P7622 family comprises of medium current, shielded power choke coil in low profile size.
P7625 ETAL-P7625 Datasheet
1Mb / 6P
   The P7625 family comprises of medium to high current shielded power choke coil in low profile size.
P7624 ETAL-P7624 Datasheet
1Mb / 17P
   The P7624 family comprises of medium to high current shielded power choke coil in low profile size.
P7618 ETAL-P7618 Datasheet
339Kb / 4P
   The P7618 family comprises of medium current, non- shielded power inductors in low profile size (1.0mm max. to 2.0mm max.).
logo
Eaton All Rights Reserv...
SD53 EATON-SD53 Datasheet
385Kb / 4P
   Low profile shielded power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com