Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD632 Datasheet(PDF) 2 Page - Analog Devices

Part # AD632
Description  Internally Trimmed Precision IC Multiplier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD632 Datasheet(HTML) 2 Page - Analog Devices

  AD632 Datasheet HTML 1Page - Analog Devices AD632 Datasheet HTML 2Page - Analog Devices AD632 Datasheet HTML 3Page - Analog Devices AD632 Datasheet HTML 4Page - Analog Devices AD632 Datasheet HTML 5Page - Analog Devices AD632 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
–2–
REV. A
AD632–SPECIFICATIONS (@ +25 C, V
S =
±15 V, R ≥ 2 k unless otherwise noted)
AD632A
AD632B
AD632S
AD632T
Model
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
MULTIPLIER PERFORMANCE
Transfer Function
( X
1 − X 2 )(Y1 − Y 2 )
10V
+ Z
2
( X
1 − X 2 )(Y1 − Y 2 )
10V
+ Z
2
( X
1 − X 2 )(Y1 − Y 2 )
10V
+ Z
2
( X
1 − X 2 )(Y1 − Y 2 )
10V
+ Z
2
Total Error
1 (–10 V
≤ X, Y ≤ +10 V)
1.0
0.5
1.0
0.5
%
TA = Min to Max
1.5
1.0
2.0
1.0
%
Total Error vs. Temperature
±0.022
±0.015
0.02
0.01
%/
°C
Scale Factor Error
(SF = 10.000 V Nominal)
2
±0.25
±0.1
±0.25
±0.1
%
Temperature-Coefficient of
Scaling-Voltage
±0.02
0.01
±0.2
0.005
%/
°C
Supply Rejection (
±15 V ± 1 V)
±0.01
±0.01
±0.01
±0.01
%
Nonlinearity, X (X = 20 V p-p, Y = 10 V)
±0.4
±0.2 ±0.3
±0.4
±0.2 ±0.3
%
Nonlinearity, Y (Y = 20 V p-p, X = 10 V)
±0.2
±0.1 ±0.1
±0.2
±0.1 ±0.1
%
Feedthrough
3, X (Y Nulled,
X = 20 V p-p 50 Hz)
±0.3
±0.15 ±0.3
±0.3
±0.15 ±0.3
%
Feedthrough
3, Y (X Nulled,
Y = 20 V p-p 50 Hz)
±0.01
±0.01 ±0.1
±0.01
±0.01 ±0.1
%
Output Offset Voltage
±5
30
±2
±15
±5
30
±2
±15
mV
Output Offset Voltage Drift
200
100
500
300
µV/°C
DYNAMICS
Small Signal BW, (VOUT = 0.1 rms)
1111
MHz
1% Amplitude Error (CLOAD = 1000 pF)
50
50
50
50
kHz
Slew Rate (VOUT 20 p-p)
20
20
20
20
V/
µs
Settling Time (to 1%,
∆V
OUT = 20 V)
2222
µs
NOISE
Noise Spectral-Density SF = 10 V
0.8
0.8
0.8
0.8
µV/√Hz
SF = 3 V
4
0.4
0.4
0.4
0.4
µV/√Hz
Wideband Noise A = 10 Hz to 5 MHz
1.0
1 .0
1.0
1.0
mV rms
P = 10 Hz to 10 kHz
90
90
90
90
µV/rms
OUTPUT
Output Voltage Swing
11
11
11
11
V
Output Impedance (f
≤ 1 kHz)
0.1
0.1
0.1
0.1
Output Short Circuit Current
(RL = 0, TA = Min to Max)
30
30
30
30
mA
Amplifier Open Loop Gain (f = 50 Hz)
70
70
70
70
dB
INPUT AMPLIFIERS (X, Y and Z)
5
Signal Voltage Range (Diff. or CM
±10
±10
±10
±10
V
Operating Diff.)
±12
±12
±12
±12
V
Offset Voltage X, Y
±5
20
±2
10
±5
20
±2
10
mV
Offset Voltage Drift X, Y
100
50
100
150
µV/°C
Offset Voltage Z
±5
30
±2
15
±5
30
±2
15
mV
Offset Voltage Drift Z
200
100
500
300
µV/°C
CMRR
60
80
70
90
60
80
70
90
dB
Bias Current
0.8
2.0
0.8
2.0
0.8
2.0
0.8
2.0
µA
Offset Current
0.1
0. I
0.1
0.1
µA
Differential Resistance
10
10
1 0
10
M
DIVIDER PERFORMANCE
Transfer Function (X1 > X2)
10V
( Z
2 − Z1)
( X
1 − X 2 )
+ Y
1
10V
( Z
2 − Z1)
( X
1 − X 2 )
+ Y
1
10V
( Z
2 − Z1)
( X
1 − X 2 )
+ Y
1
10V
( Z
2 − Z1)
( X
1 − X 2 )
+ Y
1
Total Error
1
(X = 10 V, –10 V
≤ Z ≤ +10 V)
±0.75
±0.35
±0.75
±0.35
%
(X = 1 V, –1 V
≤ Z ≤ +1 V)
±2.0
±1.0
±2.0
±1.0
%
(0.1 V
≤ X ≤ 10 V, –10 V ≤ Z ≤ 10 V)
±2.5
±1.0
±2.5
±1.0
%
SQUARER PERFORMANCE
Transfer Function
( X
1 − X 2 )
2
10V
+ Z
2
( X
1 − X 2 )
2
10V
+ Z
2
( X
1 − X 2 )
2
10V
+ Z
2
( X
1 − X 2 )
2
10V
+ Z
2
Total Error (–10 V
≤ X ≤ 10 V)
±0.6
±0.3
±0.6
±0.3
%
SQUARE-ROOTER PERFORMANCE
Transfer Function, (Z1 ≤ Z2)
10V ( Z
2 − Z1) + X2
10V ( Z
2 − Z1) + X2
10V ( Z
2 − Z1) + X2
10V ( Z
2 − Z1) + X2
Total Error
1 (1 V
≤ Z ≤ 10 V)
±1.0
±0.5
±1.0
±0.5
%


Similar Part No. - AD632

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD632AD AD-AD632AD Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632AHZ AD-AD632AHZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632BD AD-AD632BD Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632BDZ AD-AD632BDZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
More results

Similar Description - AD632

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD534 AD-AD534 Datasheet
159Kb / 12P
   Internally Trimmed Precision IC Multiplier
REV. B
AD534 AD-AD534_15 Datasheet
530Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD532 AD-AD532 Datasheet
136Kb / 7P
   Internally Trimmed Integrated Circuit Multiplier
REV. B
AD532KDZ AD-AD532KDZ Datasheet
521Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD532 AD-AD532_15 Datasheet
559Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
REV. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
   INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD510 AD-AD510 Datasheet
378Kb / 4P
   Low Cost, Laser Trimmed, Precision IC Op Amp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com