Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD621A Datasheet(PDF) 10 Page - Analog Devices

Part # AD621A
Description  Low Drift, Low Power Instrumentation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD621A Datasheet(HTML) 10 Page - Analog Devices

Back Button AD621A Datasheet HTML 6Page - Analog Devices AD621A Datasheet HTML 7Page - Analog Devices AD621A Datasheet HTML 8Page - Analog Devices AD621A Datasheet HTML 9Page - Analog Devices AD621A Datasheet HTML 10Page - Analog Devices AD621A Datasheet HTML 11Page - Analog Devices AD621A Datasheet HTML 12Page - Analog Devices AD621A Datasheet HTML 13Page - Analog Devices AD621A Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD621
REV. B
–10–
+VS
–VS
I1
20 A
A1
C1
C2
R1
25k
R5
5555.6
Q1
G = 100
R6
555.6
R3
400
–IN
2
4
1
R4
400
3
+IN
10k
10k
OUTPUT
5
6
A3
+
I2
20 A
VB
A2
R2
25k
10k
10k
Q2
G = 100
8
REF
7
Figure 3. Simplified Schematic of AD621
THEORY OF OPERATION
The AD621 is a monolithic instrumentation amplifier based on
a modification of the classic three op amp circuit. Careful layout
of the chip, with particular attention to thermal symmetry builds
in tight matching and tracking of critical components, thus
preserving the high level of performance inherent in this circuit,
at a low price.
On chip gain resistors are pretrimmed for gains of 10 and 100.
The AD621 is preset to a gain of 10. A single external jumper
(between Pins 1 and 8) is all that is needed to select a gain of
100. Special design techniques assure a low gain TC of 5 ppm/
°C
max, even at a gain of 100.
Figure 3 is a simplified schematic of the AD621. The input
transistors Q1 and Q2 provide a single differential-pair bipolar
input for high precision, yet offer 10
× lower Input Bias Current,
thanks to Super
βeta processing. Feedback through the Q1-A1-R1
loop and the Q2-A2-R2 loop maintains constant collector cur-
rent of the input devices Q1 and Q2, thereby impressing the
input voltage across the gain-setting resistor, RG, which equals
R5 at a gain of 10 or the parallel combination of R5 and R6 at a
gain of 100.
This creates a differential gain from the inputs to the A1/A2
outputs given by G = (R1 + R2) / RG + 1. The unity-gain
subtracter A3 removes any common-mode signal, yielding a
single-ended output referred to the REF pin potential.
The value of RG also determines the transconductance of the
preamp stage. As RG is reduced for larger gains, the transcon-
ductance increases asymptotically to that of the input transistors.
This has three important advantages: (a) Open-loop gain is
boosted for increasing programmed gain, thus reducing gain-
related errors. (b) The gain-bandwidth product (determined by
C1, C2 and the preamp transconductance) increases with pro-
grammed gain, thus optimizing frequency response. (c) The
input voltage noise is reduced to a value of 9 nV/
√Hz, deter-
mined mainly by the collector current and base resistance of the
input devices.
Make vs. Buy: A Typical Bridge Application Error Budget
The AD621 offers improved performance over discrete three op
amp IA designs, along with smaller size, fewer components and
10 times lower supply current. In the typical application, shown
in Figure 4, a gain of 100 is required to amplify a bridge output of
20 mV full scale over the industrial temperature range of –40
°C to
+85
°C. The error budget table below shows how to calculate
the effect various error sources have on circuit accuracy.
Regardless of the system it is being used in, the AD621 provides
greater accuracy, and at low power and price. In simple systems,
absolute accuracy and drift errors are by far the most significant
contributors to error. In more complex systems with an intelligent
processor, an autogain/autozero cycle will remove all absolute
accuracy and drift errors leaving only the resolution errors of
gain nonlinearity and noise, thus allowing full 14-bit accuracy.
Note that for the discrete circuit, the OP07 specifications for
input voltage offset and noise have been multiplied by 2. This is
because a three op amp type in amp has two op amps at its inputs,
both contributing to the overall input error.
OP07D
OP07D
+
10k *
10k *
10k *
10k *
OP07D
+
10k **
10k **
+
3 OP AMP, IN AMP, G = 100
* 0.02% RESISTOR MATCH, 3PPM/ C TRACKING
** DISCRETE 1% RESISTOR, 100PPM/ C TRACKING
SUPPLY CURRENT = 15mA MAX
+
AD621A
REFERENCE
AD621A MONOLITHIC
INSTRUMENTATION
AMPLIFIER, G = 100
SUPPLY CURRENT = 1.3mA MAX
10V
R = 350
R = 350
R = 350
R = 350
PRECISION BRIDGE TRANSDUCER
100k **
Figure 4. Make vs. Buy


Similar Part No. - AD621A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD621ACHIPS AD-AD621ACHIPS Datasheet
502Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
AD621AN AD-AD621AN Datasheet
502Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
AD621ANZ AD-AD621ANZ Datasheet
520Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
AD621AR AD-AD621AR Datasheet
502Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
logo
ATMEL Corporation
AD621ARZ ATMEL-AD621ARZ Datasheet
1Mb / 21P
   Three-wire Serial Electrically Erasable Programmable Read-only Memory
More results

Similar Description - AD621A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD621ANZ AD-AD621ANZ Datasheet
520Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
AD621 AD-AD621_15 Datasheet
520Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
AD621 AD-AD621_16 Datasheet
619Kb / 17P
   Low Drift, Low Power Instrumentation Amplifier
AD621BRZ AD-AD621BRZ Datasheet
502Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
AD621BNZ AD-AD621BNZ Datasheet
520Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
logo
Burr-Brown (TI)
3626 BURR-BROWN-3626 Datasheet
295Kb / 4P
   Low Drift INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8228 AD-AD8228 Datasheet
581Kb / 24P
   Low Gain Drift Precision Instrumentation Amplifier
REV. 0
AD8228 AD-AD8228_16 Datasheet
550Kb / 25P
   Low Gain Drift Precision Instrumentation Amplifier
AD8428 AD-AD8428 Datasheet
378Kb / 20P
   Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
ADA4254 AD-ADA4254 Datasheet
1Mb / 59P
   Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com