Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBME25PFNMBA197FO Datasheet(PDF) 8 Page - ITT Industries

Part # DBME25PFNMBA197FO
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBME25PFNMBA197FO Datasheet(HTML) 8 Page - ITT Industries

Back Button DBME25PFNMBA197FO Datasheet HTML 4Page - ITT Industries DBME25PFNMBA197FO Datasheet HTML 5Page - ITT Industries DBME25PFNMBA197FO Datasheet HTML 6Page - ITT Industries DBME25PFNMBA197FO Datasheet HTML 7Page - ITT Industries DBME25PFNMBA197FO Datasheet HTML 8Page - ITT Industries DBME25PFNMBA197FO Datasheet HTML 9Page - ITT Industries DBME25PFNMBA197FO Datasheet HTML 10Page - ITT Industries DBME25PFNMBA197FO Datasheet HTML 11Page - ITT Industries DBME25PFNMBA197FO Datasheet HTML 12Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
Military/Hi-Reliability D*M D-Subminiature
Ordering Information - Connector Designator
For Hi-Reliability Crimp, Solder Cup and PCB Type, Standard & Hi-Density Connectors with Machined Contacts
C-8
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
C
Typical Part Number:
DBM* E
25
P M NMB A197 FO
• Product Family Designator
D*M
= Solder Cup & Std. Density PCB
Industrial/Commercial Version (without spacer for straight PCB)
D*MM = Solder Cup & PCB Mil version
(50 micro-inch gold contact/plating
, with spacer for straight PCB)
D*MA = Crimp & Hi-Density PCB Industrial/
Commercial Version
D*MAM =
Crimp/Hi-Density PCB Mil version
(50 microinch gold contact plating)
• Hardware Modifier
=0.120” (3,05mm) Through Hole
B =4-40 Female Screwlock
E =4-40 Clinchnut
K =0.162” (4,11mm) Through Hole
X =M3 clinchnut
Y =Dual Float Mount
* =Shell Sizes are E, A, B, C, D
• Layouts
*Standard Density (D*M, D*MM) 9, 15, 25, 37, 50
*High Density (D*MA, D*MAM) 15, 26, 44, 62, 78, 104
• Gender
P = Male Plug, Pin
S = Female Receptacle, Socket
FO - Without contacts - D*MA crimp versions only
• Modifier (standard)
Yellow chromate over zinc shells
A197
Tin over Nickel shells (receptacles only) (RoHS)
F224
Epoxy sealing of insulator to shell and contacts
F225
303 Stainless steel, passivated
(Thru hole only)
K52
50 gold over copper plating on shells and contacts
K87
Tin, dimpled shells (plugs only) (RoHS) (US only)
K128
K52 gold plating on Aluminum Shells, Nickel Under Plate
F216
Machined Aluminum Shells, Nickel Under Plate
A101
Yellow chromate over cadmium
• Residual Magnetism/Outgassing
NMB- 200 Gamma Max. Residual Magnetism/<1% TML
• PC Tail Modifier (Standard Density)
= Solder cup (D*M/D*MM)
A = 90° PCB contact w/Plastic Bracket (.99" - .154" lg by .040" Ø)
B = Straight PCB contact (.99" - .154" lg by .040" Ø)
C = 90° PCB contact w/o Plastic Bracket (.99" - .154"" lg by .040" Ø)
D = 90° PCB contact w/Plastic Bracket (.99" - .154" lg by .030" Ø)
E = Straight PCB contact (.99" - .154" lg by .030" Ø)
F = 90° PCB contact w/o Plastic Bracket (.99" - .154" lg by .030" Ø)
G = 90° PCB contact w/Plastic Bracket (.130" - .185" lg by .040" Ø)
H = Straight PCB contact (.130" - .185" lg by .040" Ø)
K = 90° PCB contact w/o Plastic Bracket (.130" - .185" lg by .040" Ø)
L = 90° PCB contact w/Plastic Bracket (.130" - .185" lg by .030" Ø)
M = Straight PCB contact (.130" - .185" lg by .040" Ø)
P = 90° PCB contact w/o Plastic Bracket (.130" - .185" lg by .030" Ø)
R = 90° PCB contact w/o Plastic Bracket (.155" - .210" lg by .030" Ø)
S = 90° PCB contact w/Plastic Bracket (.155" - .210" lg by .030" Ø)
W = 90° PCB contact w/Plastic Bracket (.155" - .210" lg by .040" Ø)
X = Straight PCB contact (.155" - .210" lg by .030" Ø)
Z = Straight PCB contact(.155" - .210" lg by .040" Ø)
F179 = Straight square PCB or wire wrap contact (.375" by .024")
F179A = Straight square PCB or wire wrap contact (.500" by .024")
PC Tail Modifier (High Density)
**L = 90° PCB contact w/Plastic Bracket (.140" lg by .021" Ø)
**M = Straight PCB contact (.140" lg by .021" Ø)
**P = 90° PCB contact w/o Plastic Bracket (.140" lg by .021" Ø)
R
= 90° PCB contact w/o Plastic Bracket (.197" lg by .021" Ø)
S
= 90° PCB contact w/Plastic Bracket (.197" lg by .021" Ø)
Z/OL3 = Straight PCB contact (.197" lg by .021" Ø)
* 104 Position Available in Machined Aluminum Shells only
* = Crimp (D*MA, D*MAM)
* = Shell Sizes are E, A, B, C, D, F
(F available in high density aluminum
only)
** = Legacy Tail Modifiers “D”, “E” and “F” have been replaced by Tail
Modifiers
“L”, “M” and “P” respectively
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 8


Similar Part No. - DBME25PFNMBA197FO

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DBME25P ITT-DBME25P Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - DBME25PFNMBA197FO

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
DC-8075 BUD-DC-8075 Datasheet
101Kb / 1P
   MISSION CRITICAL CABINET
logo
Fujitsu Component Limit...
2400E3 FUJITSU-2400E3 Datasheet
467Kb / 9P
   Fujitsu Server PRIMEQUEST 2400E3 Mission Critical
2800E3 FUJITSU-2800E3 Datasheet
579Kb / 9P
   Fujitsu Server PRIMEQUEST 2800E3 Mission Critical
logo
Lanner All Rights Reser...
PGN-750 LANNER-PGN-750 Datasheet
341Kb / 1P
   Swappable 5G Radio Modem for Mission-Critical Communications
v4-2022,12,16
logo
AVX Corporation
1002857 AVX-1002857 Datasheet
428Kb / 3P
   EtherHelix™™ Mission Critical GPS Antenna
9/19/2019
logo
STMicroelectronics
AN4274 STMICROELECTRONICS-AN4274 Datasheet
409Kb / 13P
   The serial communication driver between
logo
Dialight Corporation
598-8170-102F DIALIGHT-598-8170-102F Datasheet
1Mb / 16P
   40 Years of LED Experience
logo
Tripp Lite. All Rights ...
SU10K TRIPPLITE-SU10K Datasheet
151Kb / 4P
   SmartOnline UPS System - True online power for mission critical applications
logo
STMicroelectronics
AN4178 STMICROELECTRONICS-AN4178 Datasheet
109Kb / 13P
   LIN communication with two STM8AF boards of STM8A-DISCOVERY
AN969 STMICROELECTRONICS-AN969 Datasheet
64Kb / 10P
   SCI COMMUNICATION BETWEEN ST7 AND PC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com