Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD605AR Datasheet(PDF) 3 Page - Analog Devices

Part # AD605AR
Description  Dual, Low Noise, Single-Supply Variable Gain Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD605AR Datasheet(HTML) 3 Page - Analog Devices

  AD605AR Datasheet HTML 1Page - Analog Devices AD605AR Datasheet HTML 2Page - Analog Devices AD605AR Datasheet HTML 3Page - Analog Devices AD605AR Datasheet HTML 4Page - Analog Devices AD605AR Datasheet HTML 5Page - Analog Devices AD605AR Datasheet HTML 6Page - Analog Devices AD605AR Datasheet HTML 7Page - Analog Devices AD605AR Datasheet HTML 8Page - Analog Devices AD605AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD605
–3–
REV. C
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage +VS
Pins 12, 13 (with Pins 4, 5 = 0 V) . . . . . . . . . . . . . . . 6.5 V
Input Voltage Pins 1–3, 6–9, 16 . . . . . . . . . . . . . . . . VPOS, 0
Internal Power Dissipation
Plastic (N) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.4 W
Small Outline (R) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.2 W
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature, Soldering 60 seconds . . . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
JA
AD605AN
–40
°C to +85°C
PDIP
N-16
85
°C/W
AD605AR
–40
°C to +85°C
SOIC
R-16
100
°C/W
AD605AR-REEL
–40
°C to +85°CSOIC 13" Reel
R-16
100
°C/W
AD605AR-REEL7
–40
°C to +85°CSOIC 7" Reel
R-16
100
°C/W
AD605BN
–40
°C to +85°C
PDIP
N-16
85
°C/W
AD605BR
–40
°C to +85°C
SOIC
R-16
100
°C/W
AD605BR-REEL
–40
°C to +85°CSOIC 13" Reel
R-16
100
°C/W
AD605BR-REEL7
–40
°C to +85°CSOIC 7" Reel
R-16
100
°C/W
AD605ACHIPS
DIE
AD605-EB
Evaluation Board
PIN FUNCTION DESCRIPTIONS
16-Lead Package for Dual Channel AD605
Pin No.
Mnemonic
Description
1
VGN1
CH1 Gain-Control Input and Power-Down Pin. If grounded, device is off, otherwise positive voltage
increases gain.
2
–IN1
CH1 Negative Input.
3
+IN1
CH1 Positive Input.
4GND1
Ground.
5GND2
Ground.
6
+IN2
CH2 Positive Input.
7
–IN2
CH2 Negative Input.
8
VGN2
CH2 Gain-Control Input and Power-Down Pin. If grounded, device is off, otherwise positive voltage
increases gain.
9
VOCM
Input to this pin defines common-mode voltage for OUT1 and OUT2.
10
OUT2
CH2 Output.
11
FBK2
Feedback Pin that Selects Gain Range of CH2.
12
VPOS
Positive Supply.
13
VPOS
Positive Supply.
14
FBK1
Feedback Pin that Selects Gain Range of CH1.
15
OUT1
CH1 Output.
16
VREF
Input to this pin sets gain-scaling for both channels: 2.5 V = 20 dB/V, 1.67 V = 30 dB/V.
PIN CONFIGURATION
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD605
VGN1
VPOS
FBK1
OUT1
VREF
–IN1
+IN1
GND1
OUT2
FBK2
VPOS
GND2
+IN2
–IN2
VGN2
VOCM
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD605 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.


Similar Part No. - AD605AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD605AR AD-AD605AR Datasheet
376Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. D
AD605AR AD-AD605AR Datasheet
419Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. E
AD605AR-REEL AD-AD605AR-REEL Datasheet
376Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. D
AD605AR-REEL AD-AD605AR-REEL Datasheet
419Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. E
AD605AR-REEL7 AD-AD605AR-REEL7 Datasheet
376Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. D
More results

Similar Description - AD605AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD605 AD-AD605_06 Datasheet
376Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. D
AD605 AD-AD605_07 Datasheet
419Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. E
AD605 AD-AD605_15 Datasheet
669Kb / 25P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. F
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
VCA2612 TI1-VCA2612_14 Datasheet
1Mb / 25P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com