Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AMLDP-Z Datasheet(PDF) 18 Page - AIMTEC

Part No. AMLDP-Z
Description  Up to 1000mA | LED Driver
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AIMTEC [AIMTEC]
Homepage  http://www.aimtec.ca
Logo 

AMLDP-Z Datasheet(HTML) 18 Page - AIMTEC

 
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
Series AMLDP-Z
Up to 1000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
18 of 18
North America only
Efficiency vs Vin
Output Current Vs VADJ
Vf=2V
Vf=3V
Vf=4V
Vf=5V
Vf=6V
Vf=7V
Vf=8V Vf=9V
Vf=10V
Vf=11V
Vf=12V Vf=13V
NOTE: 1. Datasheets are updated as needed and as such,
specifications are subject to change without notice. Once printed
or downloaded, datasheets are no longer controlled by Aimtec;
refer to www.aimtec.com for the most current product
specifications.
2. Product labels shown, including safety agency
certifications on labels, may vary based on the date
manufactured.
3. Mechanical drawings and specifications are
for reference only.
4. All specifications are measured at an
ambient temperature of 25°C, humidity<75%, nominal input
voltage and at rated output load unless otherwise specified.
5.Aimtec may not have conducted destructive testing or
chemical analysis on all internal components and chemicals at
the time of publishing this document. CAS numbers and other
limited information are considered proprietary and may not be
available for release.
6. This product is not designed for use in
critical life support systems, equipment used in hazardous
environments, nuclear control systems or other such applications
which necessitate specific safety and regulatory standards other
the ones listed in this datasheet
. 7. Warranty is in accordance
with Aimtec’s standard Terms of Sale available at
www.aimtec.com.
X Vf=14V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn