Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AMLDP-Z Datasheet(PDF) 14 Page - AIMTEC

Part No. AMLDP-Z
Description  Up to 1000mA | LED Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  http://www.aimtec.ca
Logo AIMTEC - AIMTEC

AMLDP-Z Datasheet(HTML) 14 Page - AIMTEC

Back Button AMLDP-Z Datasheet HTML 10Page - AIMTEC AMLDP-Z Datasheet HTML 11Page - AIMTEC AMLDP-Z Datasheet HTML 12Page - AIMTEC AMLDP-Z Datasheet HTML 13Page - AIMTEC AMLDP-Z Datasheet HTML 14Page - AIMTEC AMLDP-Z Datasheet HTML 15Page - AIMTEC AMLDP-Z Datasheet HTML 16Page - AIMTEC AMLDP-Z Datasheet HTML 17Page - AIMTEC AMLDP-Z Datasheet HTML 18Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Series AMLDP-Z
Up to 1000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
14 of 18
North America only
Efficiency vs Vin
Output Current Vs VADJ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn