Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AMLDP-Z Datasheet(PDF) 6 Page - AIMTEC

Part No. AMLDP-Z
Description  Up to 1000mA | LED Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  http://www.aimtec.ca
Logo AIMTEC - AIMTEC

AMLDP-Z Datasheet(HTML) 6 Page - AIMTEC

Back Button AMLDP-Z Datasheet HTML 2Page - AIMTEC AMLDP-Z Datasheet HTML 3Page - AIMTEC AMLDP-Z Datasheet HTML 4Page - AIMTEC AMLDP-Z Datasheet HTML 5Page - AIMTEC AMLDP-Z Datasheet HTML 6Page - AIMTEC AMLDP-Z Datasheet HTML 7Page - AIMTEC AMLDP-Z Datasheet HTML 8Page - AIMTEC AMLDP-Z Datasheet HTML 9Page - AIMTEC AMLDP-Z Datasheet HTML 10Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Series AMLDP-Z
Up to 1000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
6 of 18
North America only
Output Current Adjustment by PWM Control (Dimming):
A PWM signal must have a frequency of greater than 100Hz to prevent any visible flicker.
Discharge
Vcc
Reset
Out
CRT_V
GND
NE 555
Trigger
Threshold
7
8
4
3
5
1
2
6
+
+
+
-
-
-
10uF
35V
10uF
16V
AMSR-7805-Z
+Vin
-Vin
1
1N4148
+
-
VR
100K
470
+
-
+
-
1
3.3K
1N4148
2SD11782K
210
100nF
100nF
100nF
100nF
PMW
AMLDP-Z
Pin 7 (VADJ)
AMLDLP-Z
Pin 8
Output Current Adjustment by PWM Control (Flash):
Discharge
Vcc
Reset
Out
CRT_V
GND
NE 555
Trigger
Threshold
7
8
4
3
5
1
2
6
+
+
+
-
-
-
100nF
10uF
16V
AMSR-7805-Z
+Vin
-
Vin
+
-
+
-
+
-
1
3.3K
1N4148
2SD11782K
PMW
AMLDP-Z
Pin7 (VADJ)
AMLDP-Z
Pin 8
VR
100K
2K
210
10uF
35V
100nF
100nF
10uF
16V
Radiated & Conducted Emissions
AMLDP-Z
-Vout
+Vin
-Vin
+Vout
L
C1
C2
C3
1
1
C1
C2
L
C3
10uF/35V
10uF/35V
47 uH
47 uF/100V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn