Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD605 Datasheet(PDF) 11 Page - Analog Devices

Part # AD605
Description  Dual, Low Noise, Single-Supply Variable Gain Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD605 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD605 Datasheet HTML 4Page - Analog Devices AD605 Datasheet HTML 5Page - Analog Devices AD605 Datasheet HTML 6Page - Analog Devices AD605 Datasheet HTML 7Page - Analog Devices AD605 Datasheet HTML 8Page - Analog Devices AD605 Datasheet HTML 9Page - Analog Devices AD605 Datasheet HTML 10Page - Analog Devices AD605 Datasheet HTML 11Page - Analog Devices AD605 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD605
–11–
REV. C
Two other easy combinations are possible to provide a gain
range of –14 dB to +82.8 dB: (1) make R1 a short and R2 an
open; or (2) make R1 an open and R2 a short. The bandwidth
for both of these cases will be dominated by the channel that is
set to the higher gain and will be about 8 MHz. From a noise
standpoint, the second choice is the best since by increasing the
gain of the first amplifier, the second amplifier’s noise will have
less of an impact on the total output noise. One further observa-
tion regarding noise is that by increasing the gain the output
noise will increase proportionally; therefore, there is no increase
in signal-to-noise ratio. It will actually stay fixed.
It should be noted that by selecting the appropriate values of R1
and R2, any gain range between –28 dB to +68.8 dB and 0 dB
to +96.8 dB can be achieved with the circuit in Figure 5. When
using any value other than shorts and opens for R1 and R2, the
final value of the gain range will depend on external resistors
matching on-chip resistors. Since the internal resistors can vary
by as much as
±20%, the actual values for a particular gain have
to be determined empirically. Note that the two channels within
one part will match quite well; therefore, R1 will track R2 in
Figure 5.
C3 is not required since the common-mode voltage at Pin OUT1
should be identical to the one at Pins +IN2 and –IN2. However,
since only 1 mV of offset at the output of the first DSX will
introduce an offset of 53 mV when the second DSX is set to the
maximum gain of the lowest gain range (34.4 dB), and 263 mV
when set to the maximum gain of the highest gain range (48.4 dB),
it is important to include ac coupling to get the maximum dy-
namic range at the output of the cascaded amplifiers. C5 is
necessary if the output signal needs to be referenced to any
common-mode level other than half of the supply as is provided
by Pin OUT2.
Figure 6 shows the gain versus VGN for the circuit in Figure 5
at 1 MHz and the lowest gain range (–14 dB to +34.4 dB). Note
that the gain scaling is 40 dB/V, double the 20 dB/V of an indi-
vidual DSX; this is the result of the parallel connection of the
gain control inputs, VGN1 and VGN2. One could of course
also sequentially increase the gain by first increasing the gain of
Channel 1 and then Channel 2. In that case VGN1 and VGN2
will have to be driven from separate voltage sources, for instance
two separate DACs. Figure 7 shows the gain error of Figure 5.
VGN (V)
80
–40
0.1
0.5
2.9
f = 1MHz
THEORETICAL
ACTUAL
0
0.9
1.3
1.7
2.1
2.5
70
20
–10
–20
–30
50
30
60
40
10
Figure 6. Gain vs. VGN for the Circuit in Figure 5
VGN (V)
4
3
–4
0.2
0.7
2.7
1.2
1.7
2.2
0
–1
–2
–3
2
1
f = 1MHz
Figure 7. Gain Error vs. VGN for the Circuit in Figure 5


Similar Part No. - AD605

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD605 AD-AD605 Datasheet
376Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. D
AD605 AD-AD605 Datasheet
419Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. E
logo
List of Unclassifed Man...
AD605-00 ETC2-AD605-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
Analog Devices
AD605-EB AD-AD605-EB Datasheet
376Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. D
AD605-EB AD-AD605-EB Datasheet
419Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. E
More results

Similar Description - AD605

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD605 AD-AD605_06 Datasheet
376Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. D
AD605 AD-AD605_07 Datasheet
419Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. E
AD605 AD-AD605_15 Datasheet
669Kb / 25P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. F
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
VCA2612 TI1-VCA2612_14 Datasheet
1Mb / 25P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com