Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

031-80102 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # 031-80102
Description  High Performance 75 廓 BNC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

031-80102 Datasheet(HTML) 2 Page - Amphenol Corporation

  031-80102 Datasheet HTML 1Page - Amphenol Corporation 031-80102 Datasheet HTML 2Page - Amphenol Corporation 031-80102 Datasheet HTML 3Page - Amphenol Corporation 031-80102 Datasheet HTML 4Page - Amphenol Corporation 031-80102 Datasheet HTML 5Page - Amphenol Corporation 031-80102 Datasheet HTML 6Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
170
Amphenol® RF:
800-627-7100
170
Amphenol® RF:
800-627-7100
High Performance 75 Ω BNC
High Performance 75 Ω BNC
High Performance 75 Ω BNC Connectors
Description
Amphenol RF has worked hard to develop our High Performance 75 Ohm BNC prod-
uct line and will continue to
do so. Amphenol engineer Carl Concellman invented the BNC more the 60 years ago,
and our engineers are still
working to produce a variety of high quality RF solutions perfect for our customers’
needs. We offer a full line of 75 Ohm BNC connectors designed to meet the need for
higher performance,impedance-matched cable interconnections. These connectors
can be used in a variety of applications where True 75 Ohm performance is needed to
ensure low signal distortion.
Our connectors are designed for the most popular 75 Ohm cables used in Broadcast,
Telecommunications and various other RF applications, and feature crimp-crimp cable
affixment compatible with Trompeter tooling, requiring no new training for quick and
reliable installation. They are ideally suited for 3 Gb/s serial data rates utilized in digital
video transmission and conform to the SMPTE 424M-2006 specification.
Amphenol RF offers our High Performance 75 Ohm BNC connectors in a variety of
configurations: Straight, 45 degree and 90 degree plugs; as well as bulkhead, PCB
and receptacle jacks.
Features/Benefits
•True75Ohmimpedanceendtoend
•Onepiecespringalloybody/outercontact
•Strip/Crimprequirementsconsistentwithallmajorindustryproviders
•Bayonetcouplingprovidesapositivelockandallowsforquickand
easy connect / disconnects.
Applications
•NetworkRoutingandSwitching
•SatelliteHeadends
•Broadcast
•Instrumentation
•CustomCableAssemblies
•Military/Aerospace
•DS3/DS4
•DigitalVideo-HDTV


Similar Part No. - 031-80102

ManufacturerPart #DatasheetDescription
logo
ITT Industries
031-8519-010 ITT-031-8519-010 Datasheet
1Mb / 56P
   cannon ca-bayonet connectors in accordance with vg95234
031-8520-000 ITT-031-8520-000 Datasheet
1Mb / 56P
   cannon ca-bayonet connectors in accordance with vg95234
031-8521-010 ITT-031-8521-010 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
031-8521-010 ITT-031-8521-010 Datasheet
1Mb / 56P
   cannon ca-bayonet connectors in accordance with vg95234
031-8521-020 ITT-031-8521-020 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
More results

Similar Description - 031-80102

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
7042 POMONA-7042 Datasheet
264Kb / 2P
   BNC (M) Crimp 75 廓
logo
DDK Ltd.
BNC75 DDK-BNC75 Datasheet
177Kb / 4P
   75廓 BNC Type Connectors
BNC75-P-1.5CQEW-CF DDK-BNC75-P-1.5CQEW-CF Datasheet
265Kb / 9P
   75 廓 BNC Style Connector
logo
Pomona Electronics
6746A POMONA-6746A Datasheet
234Kb / 2P
   BNC (M) Compression Style, 75 廓
6752A POMONA-6752A Datasheet
234Kb / 2P
   BNC (M) Crimp Type, 75 廓
logo
Rosenberger Hochfrequen...
53S171-K00N3 ROSENBERGER-53S171-K00N3 Datasheet
178Kb / 2P
   MATCHING ATTENUATOR N 50廓 PLUG ??BNC 75廓 JACK
logo
Samtec, Inc
SAM9471-ND SAMTEC-SAM9471-ND Datasheet
322Kb / 1P
   75 廓 HD-BNC??TO 12 GH z
logo
Neutrik AG
NADITBNC-MX NEUTRIK-NADITBNC-MX Datasheet
103Kb / 2P
   Female BNC 75 廓 input - male XLR cable end 110 廓 output.
NADITBNC-FX NEUTRIK-NADITBNC-FX Datasheet
102Kb / 2P
   Female XLR cable end 110 廓 input - female BNC 75 廓 output.
NADITBNC-M NEUTRIK-NADITBNC-M Datasheet
223Kb / 2P
   Female BNC 75 廓 input - male XLR chassis connector 110 廓 output.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com