Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

031-80103 Datasheet(PDF) 3 Page - Amphenol Corporation

Part # 031-80103
Description  High Performance 75 廓 BNC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

031-80103 Datasheet(HTML) 3 Page - Amphenol Corporation

  031-80103 Datasheet HTML 1Page - Amphenol Corporation 031-80103 Datasheet HTML 2Page - Amphenol Corporation 031-80103 Datasheet HTML 3Page - Amphenol Corporation 031-80103 Datasheet HTML 4Page - Amphenol Corporation 031-80103 Datasheet HTML 5Page - Amphenol Corporation 031-80103 Datasheet HTML 6Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
171
Amphenol® RF:
800-627-7100
High Performance 75 Ω BNC
High Performance 75 Ω BNC
75 Ω BNC Specifications
Electrical
Impedance
75 Ω, nominal
Frequency Range
DC - 4 GHz (useable to 6 GHz)
VSWR
< 1.10 (DC to 2.0 GHz)
< 1.16 (DC to 3.0 GHz)
RF-leakage
55 dB minimum @ 3 GHz
Voltage Rating (at sea level)
500 Vrms (depending on cable)
Contact Resistance
center contact: ≤ 1.5 mΩ
outer contact: ≤ 0.2 mΩ
braid to body: ≤ 0.1 mΩ
Insulation resistance
5,000 MΩ minimum
Insertion loss maximum
0.2 dB max. @ 3 GHz
Dielectric withstanding voltage
1,500 Vrms (at sea level)
Mechanical
Mechanical
Durability 500 cycles minimum
Center Contact
Retention 6 lbs. minimum
Coupling Mechanism
100 lbs. minimum
Cable Pulloff Force
Dependent on cable size
Cable Bend and Twist
500 cycles minimum
Force to Engage/Disengage
1.5 lbs minimum, 5 lbs maximum/12 oz. minimum
Mating
2-stud bayonet lock
Environmental
Temperature Range
-40°C to + 85°C
Moisture Resistance
0% to 95%; MIL-STD-202 Method 106
Corrosion (Salt Spray)
MIL-STD-202 Method 101, Test Condition B
Flammability
UL 94-VO rated (center conductor insulator)
Vibration
MIL-STD-202 Method 201, Condition B
Solvent Resistance
MIL-STD-202 Method 215
Finish
Tarnish-resistant electroless nickel plating
Material
Inner Body
Phosphor bronze
Crimp Ferrule
Copper alloy
Contact Plating
Gold
Insulator
TFE, copolymer of styrene, glass-TFE (hermetically sealed)
.003 MIN
Å.322 MAX
.385/.390
.228/.208
.078 MIN
55 /65
1 /4
.052/.054
.025 MAX
REF PLANE
PLUG
.081/.087
.195
MIN
.081/.087
.195
.414 MIN
.186/.206
.327/.335
.204/.208
.075/.081
.015/.030
.432/.436
.378/.382
.346/.356
.327/.333
.319/.321
MIN
REF PLANE
JACK
Note: These characteristics are typical but may not apply to all connectors.


Similar Part No. - 031-80103

ManufacturerPart #DatasheetDescription
logo
ITT Industries
031-8519-010 ITT-031-8519-010 Datasheet
1Mb / 56P
   cannon ca-bayonet connectors in accordance with vg95234
031-8520-000 ITT-031-8520-000 Datasheet
1Mb / 56P
   cannon ca-bayonet connectors in accordance with vg95234
031-8521-010 ITT-031-8521-010 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
031-8521-010 ITT-031-8521-010 Datasheet
1Mb / 56P
   cannon ca-bayonet connectors in accordance with vg95234
031-8521-020 ITT-031-8521-020 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
More results

Similar Description - 031-80103

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
7042 POMONA-7042 Datasheet
264Kb / 2P
   BNC (M) Crimp 75 廓
logo
DDK Ltd.
BNC75 DDK-BNC75 Datasheet
177Kb / 4P
   75廓 BNC Type Connectors
BNC75-P-1.5CQEW-CF DDK-BNC75-P-1.5CQEW-CF Datasheet
265Kb / 9P
   75 廓 BNC Style Connector
logo
Pomona Electronics
6746A POMONA-6746A Datasheet
234Kb / 2P
   BNC (M) Compression Style, 75 廓
6752A POMONA-6752A Datasheet
234Kb / 2P
   BNC (M) Crimp Type, 75 廓
logo
Rosenberger Hochfrequen...
53S171-K00N3 ROSENBERGER-53S171-K00N3 Datasheet
178Kb / 2P
   MATCHING ATTENUATOR N 50廓 PLUG ??BNC 75廓 JACK
logo
Samtec, Inc
SAM9471-ND SAMTEC-SAM9471-ND Datasheet
322Kb / 1P
   75 廓 HD-BNC??TO 12 GH z
logo
Neutrik AG
NADITBNC-MX NEUTRIK-NADITBNC-MX Datasheet
103Kb / 2P
   Female BNC 75 廓 input - male XLR cable end 110 廓 output.
NADITBNC-FX NEUTRIK-NADITBNC-FX Datasheet
102Kb / 2P
   Female XLR cable end 110 廓 input - female BNC 75 廓 output.
NADITBNC-M NEUTRIK-NADITBNC-M Datasheet
223Kb / 2P
   Female BNC 75 廓 input - male XLR chassis connector 110 廓 output.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com