Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MJ2500 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MJ2500
Description  10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MJ2500 Datasheet(HTML) 1 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Bipolar Power Transistor Device Data
Medium-Power Complementary
Silicon Transistors
. . . for use as output devices in complementary general purpose amplifier applica-
tions.
• High DC Current Gain — hFE = 4000 (Typ) @ IC = 5.0 Adc
• Monolithic Construction with Built–in Base–Emitter Shunt Resistors
MAXIMUM RATINGS
Rating
Symbol
MJ2500
MJ3000
MJ2501
MJ3001
Unit
Collector–Emitter Voltage
VCEO
60
80
Vdc
Collector–Base Voltage
VCB
60
80
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current
IC
10
Adc
Base Current
IB
0.2
Adc
Total Device Dissipation
@ TC = 25_C
Derate above 25
_C
PD
150
0.857
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to + 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
θJC
1.17
_C/W
Figure 1. Darlington Circuit Schematic
NPN
MJ3000
MJ3001
BASE
COLLECTOR
EMITTER
[ 2.0 k
[ 50
PNP
MJ2500
MJ2501
BASE
COLLECTOR
EMITTER
[ 2.0 k
[ 50
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJ2500/D
MJ2955 (See 2N3055)
MJ2955A
(See 2N3055A)
© Motorola, Inc. 1995
*
*Motorola Preferred Device
PNP
CASE 1–07
TO–204AA
(TO–3)
10 AMPERE
DARLINGTON
POWER TRANSISTORS
COMPLEMENTARY
SILICON
60 – 80 VOLTS
150 WATTS
MJ2500
MJ2501
MJ3000
MJ3001
NPN
*
REV 7


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn