Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM30EW-4815DZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM30EW-4815DZ
Description  30 Watt | DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM30EW-4815DZ Datasheet(HTML) 2 Page - AIMTEC

  AM30EW-4815DZ Datasheet HTML 1Page - AIMTEC AM30EW-4815DZ Datasheet HTML 2Page - AIMTEC AM30EW-4815DZ Datasheet HTML 3Page - AIMTEC AM30EW-4815DZ Datasheet HTML 4Page - AIMTEC AM30EW-4815DZ Datasheet HTML 5Page - AIMTEC AM30EW-4815DZ Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series AM30EW-Z
30 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.J
2 of 6
North America only
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
9-36
VDC
48
36-75
Filter
π (Pi) Network
Start up time
30
ms
Absolute Maximum Rating
24
-0.7 ~ 50
VDC
48
-0.7 ~ 100
Peak Input Voltage time
100
ms
On/Off control
ON: 3 ~12VDC or open circuit
OFF: 0 ~ 1.2VDC or Short circuit between pin 2 and pin 3
No Load Input Current
Vin 9~36
100
mA
Vin 36~75
50
Under voltage lockout
24V ON/OFF
8.8 / 7.9
VDC
48V ON/OFF
17.8 / 16
Input reflected current
20
mAp-p
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1600
VDC
Case/Input tested voltage
3 sec
1600
VDC
Resistance
1000
MOhm
Capacitance
1500
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy (Single and Dual)
±1
%
Voltage accuracy (Triple)
Main / Auxiliary
±1 / ±5
Cross Regulation (Dual Output Models)
25% load on one output - 100% load on
second load
±5
%
Cross Regulation (Triple)
Main 100%, 25% load on Aux1 and 100%
on Aux2
±5
Over voltage protection
Zener diode clamp
Over current protection
120
%
Short Circuit protection
Continuous
Short circuit restart
Auto-Recovery
Thermal Shutdown
Case temp
115
oC
Line voltage regulation (Single)
HL-LL
±0.2
%
Line voltage regulation (Dual)
HL-LL
±0.2
%
Line voltage regulation (Triple)
HL-LL Main / Auxiliary
±1 / ±5
%
Load voltage regulation (Single)
0-100% load
±0.5
%
Load voltage regulation (Dual)
Balanced load
±1
%
Load voltage regulation (Triple)
10~100% Main / Auxiliary
±1 / ±5
%
Temperature coefficient
±0.02
%/oC
Ripple & Noise (Single and Dual)
20MHz bandwidth, 3.3V/5V/5.1V/±5V
100
mV p-p
20MHz bandwidth, 12V/15V/±12V/±15V
150
Ripple & Noise (Triple)
20MHz bandwidth Main / Auxiliary
50 / 75
mV p-p
Voltage adjustment range (single)
±10
%
Minimum Load Current
10
% of Max
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
330
KHz
Operating temperature
Derating above 50
-40 to +75
oC
Storage temperature
-40 to +125
oC
Maximum case temperature
105
oC


Similar Part No. - AM30EW-4815DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30EW-4815DZ AIMTEC-AM30EW-4815DZ Datasheet
367Kb / 7P
   30 Watt | DC-DC Converter
More results

Similar Description - AM30EW-4815DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30K-Z AIMTEC-AM30K-Z_16 Datasheet
400Kb / 4P
   30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ Datasheet
373Kb / 3P
   30 Watt | DC-DC Converter
AM30K-IZ AIMTEC-AM30K-IZ_13 Datasheet
382Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ_13 Datasheet
496Kb / 5P
   30 Watt | DC-DC Converter
AM30K-Z AIMTEC-AM30K-Z Datasheet
445Kb / 4P
   30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ_16 Datasheet
154Kb / 3P
   30 Watt | DC-DC Converter
AM30EW-Z AIMTEC-AM30EW-Z_16 Datasheet
367Kb / 7P
   30 Watt | DC-DC Converter
AM30KW-I-Z AIMTEC-AM30KW-I-Z_16 Datasheet
500Kb / 5P
   30 Watt | DC-DC Converter
AM30K-IZ AIMTEC-AM30K-IZ Datasheet
512Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ Datasheet
456Kb / 5P
   30 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com