Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD588TQ Datasheet(PDF) 6 Page - Analog Devices

Part # AD588TQ
Description  High Precision Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD588TQ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD588TQ Datasheet HTML 2Page - Analog Devices AD588TQ Datasheet HTML 3Page - Analog Devices AD588TQ Datasheet HTML 4Page - Analog Devices AD588TQ Datasheet HTML 5Page - Analog Devices AD588TQ Datasheet HTML 6Page - Analog Devices AD588TQ Datasheet HTML 7Page - Analog Devices AD588TQ Datasheet HTML 8Page - Analog Devices AD588TQ Datasheet HTML 9Page - Analog Devices AD588TQ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. D
–6–
AD588
R3
RB
R1
R2
R4
R5
R6
–VS
+VS
A1
A4
AD588
A3
A2
SYSTEM
GROUND
+15V
–10V
–15V
SYSTEM
GROUND
0.1 F
0.1 F
NOISE
REDUCTION
–5V
0.1 F
0.1 F
Figure 2c. –10 V Output
Trimming the AD588 introduces no additional errors over
temperature, so precision potentiometers are not required.
For single-output voltage ranges, or in cases when BALANCE
ADJUST is not required, Pin 12 should be connected to Pin 11.
If GAIN ADJUST is not required, Pin 5 should be left floating.
NOISE PERFORMANCE AND REDUCTION
The noise generated by the AD588 is typically less than 6
µV p-p
over the 0.1 Hz to 10 Hz band. Noise in a 1 MHz bandwidth is
approximately 600
µV p-p. The dominant source of this noise is
the buried Zener, which contributes approximately 100 nV/
√Hz.
In comparison, the op amp’s contribution is negligible. Figure 3
shows the 0.1 Hz to 10 Hz noise of a typical AD588.
Figure 3. 0.1 Hz to 10 Hz Noise (0.1 Hz to 10 Hz BPF
with Gain of 1000 Applied)
If further noise reduction is desired, an optional capacitor, CN,
may be added between the NOISE REDUCTION pin and ground,
as shown in Figure 2b. This will form a low-pass filter with the
4 k
Ω R
B on the output of the Zener cell. A 1
µF capacitor will
have a 3 dB point at 40 Hz and will reduce the high frequency
(to 1 MHz) noise to about 200
µV p-p. Figure 4 shows the 1 MHz
noise of a typical AD588 both with and without a 1
µF capacitor.
Note that a second capacitor is needed in order to implement
the NOISE REDUCTION feature when using the AD588 in
the –10 V mode (Figure 2c.). The NOISE REDUCTION capaci-
tor is limited to 0.1
µF maximum in this mode.
Figure 4. Effect of 1
µF Noise Reduction Capacitor
on Broadband Noise
TURN-ON TIME
Upon application of power (cold start), the time required for the
output voltage to reach its final value within a specified error
band is the turn-on settling time. Two components normally
associated with this are: time for active circuits to settle and
time for thermal gradients on the chip to stabilize. Figures 5a
and 5b show the turn-on characteristics of the AD588. It
shows the settling to be about 600
µs. Note the absence of any
thermal tails when the horizontal scale is expanded to 2 ms/cm in
Figure 5b.
Figure 5a. Electrical Turn-On
Figure 5b. Extended Time Scale Turn-On
Output turn-on time is modified when an external noise reduc-
tion capacitor is used. When present, this capacitor presents an


Similar Part No. - AD588TQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD588 AD-AD588_15 Datasheet
505Kb / 20P
   Multiple Output, High Precision, Dual-Tracking Reference
Rev. L
More results

Similar Description - AD588TQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF6225 TI1-REF6225 Datasheet
1Mb / 35P
[Old version datasheet]   High-Precision Voltage Reference
logo
Analog Technologies, In...
ATREF500 ANALOGTECHNOLOGIES-ATREF500 Datasheet
155Kb / 3P
   High Precision Voltage Reference
6/12/2021
logo
Microchip Technology
MCP1501 MICROCHIP-MCP1501_V01 Datasheet
13Mb / 39P
   High-Precision Buffered Voltage Reference
Revision G February 2022
MCP1501 MICROCHIP-MCP1501 Datasheet
1Mb / 36P
   High-Precision Buffered Voltage Reference
07/14/15
MCP1502 MICROCHIP-MCP1502 Datasheet
18Mb / 28P
   High-Precision Buffered Voltage Reference
Revision A September 2021
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com