Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD586A Datasheet(PDF) 2 Page - Analog Devices

Part # AD586A
Description  High Precision 5 V Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD586A Datasheet(HTML) 2 Page - Analog Devices

  AD586A Datasheet HTML 1Page - Analog Devices AD586A Datasheet HTML 2Page - Analog Devices AD586A Datasheet HTML 3Page - Analog Devices AD586A Datasheet HTML 4Page - Analog Devices AD586A Datasheet HTML 5Page - Analog Devices AD586A Datasheet HTML 6Page - Analog Devices AD586A Datasheet HTML 7Page - Analog Devices AD586A Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD586–SPECIFICATIONS (@ T
A = + 25
°C, V
IN = +15 V unless otherwise noted)
AD586J
AD586K/A
AD586L/B
AD586M
AD586S
AD586T
Model
Min
Typ Max Min
Typ Max
Min Typ Max
Min Typ Max
Min
Typ Max
Min
Typ Max
Units
Output Voltage
4.980
5.020 4.995
5.005
4.9975
5.0025 4.998
5.002 4.990
5.010 4.9975
5.0025 V
Output Voltage Drift
l
0
°C to +70°C
25
15
5
2
ppm/
°C
–55
°C to +125°C
20
10
Gain Adjustment
+6
+6
+6
+6
+6
+6
%
–2
–2
–2
–2
–2
–2
Line Regulation
1
10.8 V < +VIN < 36 V
TMIN to TMAX
100
100
100
100
±µV/V
11.4 V < +VIN < 36 V
TMIN to TMAX
150
150
Load Regulation
l
Sourcing 0 < IOUT < 10 mA
25
°C
100
100
100
100
150
150
µV/mA
TMIN to TMAX
100
100
100
100
150
150
Sinking –10 < IOUT < 0 mA
25
°C
400
400
400
400
400
400
Quiescent Current
2
3
2
3
2
3
2
3
2
3
2
3
mA
Power Consumption
30
30
30
30
30
30
mW
Output Noise
0.1 Hz to 10 Hz
4
4
4
4
4
4
µV p-p
Spectral Density, 100 Hz
100
100
100
100
100
100
nV/
√Hz
Long-Term Stability
15
15
15
15
15
15
ppm/1000 Hr
Short-Circuit Current-to-Ground
45
60
45
60
45
60
45
60
45
60
45
60
mA
Temperature Range
Specified Performance
2
0
+70
0
+70
0
+70
0
+70
–55
+125 –55
+125
°C
–40
+85
–40
+85
Operating Performance
3
–40
+85
–40
+85
–40
+85
–40
+85
–55
+125 –55
+125
NOTES
1Maximum output voltage drift is guaranteed for all packages and grades. Cerdip packaged parts are also 100
°C production tested.
2Lower row shows specified performance for A and B grades.
3The operating temperature range is defined as the temperatures extremes at which the device will still function. Parts may deviate from their specified performance outside their
specified temperature range.
Specifications subject to change without notice.
Specifications in boldface are rested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min and max specifica-
tions are guaranteed, although only those shown in boldface are tested on all production units unless otherwise specified.
ABSOLUTE MAXIMUM RATINGS
*
VIN to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 V
Power Dissipation (25
°C) . . . . . . . . . . . . . . . . . . . . . 500 mW
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temp (Soldering, 10 sec) . . . . . . . . . . . . . . . . . . +300
°C
Package Thermal Resistance
θ
JC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
°C/W
θ
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110
°C/W
Output Protection: Output safe for indefinite short to ground or
VIN.
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
CONNECTION DIAGRAM
(Top View)
–2–
REV. C


Similar Part No. - AD586A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD586AR AD-AD586AR Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586AR AD-AD586AR Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586AR-REEL AD-AD586AR-REEL Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586AR-REEL AD-AD586AR-REEL Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586ARZ-REEL1 AD-AD586ARZ-REEL1 Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
More results

Similar Description - AD586A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-8982401PA AD-5962-8982401PA Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586 AD-AD586_15 Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586 AD-AD586_05 Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD688 AD-AD688_15 Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
REF02 AD-REF02_05 Datasheet
584Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. I
REF02 AD-REF02 Datasheet
454Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. F
AD688 AD-AD688 Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
AD587 AD-AD587_15 Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD587 AD-AD587 Datasheet
177Kb / 12P
   High Precision 10 V Reference
REV. F
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com