Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM4TW-4815DH35Z Datasheet(PDF) 2 Page - AIMTEC

Part # AM4TW-4815DH35Z
Description  4 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM4TW-4815DH35Z Datasheet(HTML) 2 Page - AIMTEC

  AM4TW-4815DH35Z Datasheet HTML 1Page - AIMTEC AM4TW-4815DH35Z Datasheet HTML 2Page - AIMTEC AM4TW-4815DH35Z Datasheet HTML 3Page - AIMTEC AM4TW-4815DH35Z Datasheet HTML 4Page - AIMTEC AM4TW-4815DH35Z Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AM4TW-Z
4 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.E
2 of 5
North America only
Models
Dual output (continued)
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM4TW-4803DZ
18-72
±3.3
±600
1500
±470
75
AM4TW-4805DZ
18-72
±5
±400
1500
±330
79
AM4TW-4807DZ
18-72
±7.2
±275
1500
±47
80
AM4TW-4809DZ
18-72
±9
±220
1500
±47
81
AM4TW-4812DZ
18-72
±12
±165
1500
±47
82
AM4TW-4815DZ
18-72
±15
±125
1500
±22
81
AM4TW-4818DZ
18-72
±18
±100
1500
±10
80
AM4TW-4824DZ
18-72
±24
±84
1500
±10
80
AM4TW-2403DH35Z
9-36
±3.3
±600
3500
±470
76
AM4TW-2405DH35Z
9-36
±5
±400
3500
±330
78
AM4TW-2407DH35Z
9-36
±7.2
±275
3500
±47
80
AM4TW-2409DH35Z
9-36
±9
±220
3500
±47
80
AM4TW-2412DH35Z
9-36
±12
±165
3500
±47
82
AM4TW-2415DH35Z
9-36
±15
±125
3500
±22
80
AM4TW-2418DH35Z
9-36
±18
±100
3500
±10
80
AM4TW-2424DH35Z
9-36
±24
±84
3500
±10
80
AM4TW-4803DH35Z
18-72
±3.3
±600
3500
±470
75
AM4TW-4805DH35Z
18-72
±5
±400
3500
±330
79
AM4TW-4807DH35Z
18-72
±7.2
±275
3500
±47
80
AM4TW-4809DH35Z
18-72
±9
±220
3500
±47
81
AM4TW-4812DH35Z
18-72
±12
±165
3500
±47
82
AM4TW-4815DH35Z
18-72
±15
±125
3500
±22
81
AM4TW-4818DH35Z
18-72
±18
±100
3500
±10
80
AM4TW-4824DH35Z
18-72
±24
±84
3500
±10
80
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
48
9-36
18-72
VDC
Filter
 (Pi) Network
Turn on transient process time
350
ms
Start up time
500
ms
Absolute maximum rating
24 Vin
48 Vin
-0.7 - 40
-0.7 - 80
VDC
Peak input voltage time
100
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1500 or 3500
VDC
Resistance
> 1000
MOhm
Capacitance
470
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Voltage balance
±1
%
Short Circuit protection
Continuous
Short circuit restart
Auto-recovery
Line voltage regulation (Single)
±0.5
%
Line voltage regulation (Dual)
±0.5
%
Load voltage regulation (Single)
±0.5
%
Load voltage regulation (Single)
3.3V output models
±1.5
%


Similar Part No. - AM4TW-4815DH35Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM4TW-4815DH35Z AIMTEC-AM4TW-4815DH35Z Datasheet
127Kb / 5P
   4 Watt | DC-DC Converter
More results

Similar Description - AM4TW-4815DH35Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM4TW-RVZ AIMTEC-AM4TW-RVZ_16 Datasheet
745Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-R-Z AIMTEC-AM4TW-R-Z_16 Datasheet
225Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-VZ AIMTEC-AM4TW-VZ_13 Datasheet
747Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-Z AIMTEC-AM4TW-Z_16 Datasheet
127Kb / 5P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ_13 Datasheet
283Kb / 4P
   4 Watt | DC-DC Converter
AM4T-Z AIMTEC-AM4T-Z_13 Datasheet
396Kb / 5P
   4 Watt | DC-DC Converter
AM4TW-RZ AIMTEC-AM4TW-RZ Datasheet
225Kb / 3P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ_16 Datasheet
223Kb / 4P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ Datasheet
453Kb / 4P
   4 Watt | DC-DC Converter
AM4N-Z AIMTEC-AM4N-Z_13 Datasheet
325Kb / 4P
   4 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com