Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM5T-2412SH35Z Datasheet(PDF) 1 Page - AIMTEC

Part # AM5T-2412SH35Z
Description  5 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM5T-2412SH35Z Datasheet(HTML) 1 Page - AIMTEC

  AM5T-2412SH35Z Datasheet HTML 1Page - AIMTEC AM5T-2412SH35Z Datasheet HTML 2Page - AIMTEC AM5T-2412SH35Z Datasheet HTML 3Page - AIMTEC AM5T-2412SH35Z Datasheet HTML 4Page - AIMTEC AM5T-2412SH35Z Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM5T-Z
5 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.F
1 of 5
North America only
FEATURES:
Models
Single Output
Model
Input
Voltage (V)
Output
Voltage (V)
Output Current
max (mA)
Capacitive load,
max (μF)
Efficiency
(%)
Isolation
(VDC)
AM5T-0503SZ
4.5-9
3.3
1300
3300
73
1500
AM5T-0505SZ
4.5-9
5
1000
1000
76
1500
AM5T-0512SZ
4.5-9
12
410
220
82
1500
AM5T-0515SZ
4.5-9
15
330
100
82
1500
AM5T-1203SZ
9-18
3.3
1300
1000
73
1500
AM5T-1205SZ
9-18
5
1000
1000
77
1500
AM5T-1207SZ
9-18
7.2
690
680
80
1500
AM5T-1209SZ
9-18
9
550
680
78
1500
AM5T-1212SZ
9-18
12
410
330
81
1500
AM5T-1215SZ
9-18
15
330
220
80
1500
AM5T-1218SZ
9-18
18
270
68
80
1500
AM5T-1224SZ
9-18
24
208
68
80
1500
AM5T-2403SZ
18-36
3.3
1300
3300
75
1500
AM5T-2405SZ
18-36
5
1000
1000
80
1500
AM5T-2407SZ
18-36
7.2
690
680
82
1500
AM5T-2409SZ
18-36
9
550
680
82
1500
AM5T-2412SZ
18-36
12
410
330
80
1500
AM5T-2415SZ
18-36
15
330
220
82
1500
AM5T-2418SZ
18-36
18
270
100
82
1500
AM5T-2424SZ
18-36
24
208
100
82
1500
AM5T-4803SZ
36-72
3.3
1300
1000
75
1500
AM5T-4805SZ
36-72
5
1000
1000
80
1500
AM5T-4807SZ
36-72
7.2
.690
470
81
1500
AM5T-4809SZ
36-72
9
550
470
82
1500
AM5T-4812SZ
36-72
12
410
330
80
1500
AM5T-4815SZ
36-72
15
330
220
83
1500
AM5T-4818SZ
36-72
18
270
100
82
1500
AM5T-4824SZ
36-72
18
208
100
83
1500
AM5T-0503SH35Z
4.5-9
3.3
1300
3300
73
3500
AM5T-0505SH35Z
4.5-9
5
1000
1000
76
3500
AM5T-0512SH35Z
4.5-9
12
410
220
82
3500
AM5T-0515SH35Z
4.5-9
15
330
100
82
3500
AM5T-1203SH35Z
9-18
3.3
1300
1000
73
3500
AM5T-1205SH35Z
9-18
5
1000
1000
77
3500
AM5T-1207SH35Z
9-18
7.2
690
680
80
3500
AM5T-1209SH35Z
9-18
9
550
680
78
3500
AM5T-1212SH35Z
9-18
12
410
330
81
3500
AM5T-1215SH35Z
9-18
15
330
220
80
3500
AM5T-1218SH35Z
9-18
18
270
68
80
3500
AM5T-1224SH35Z
9-18
24
208
68
80
3500
AM5T-2403SH35Z
18-36
3.3
1300
3300
75
3500
AM5T-2405SH35Z
18-36
5
1000
1000
80
3500
AM5T-2407SH35Z
18-36
7.2
690
680
82
3500
AM5T-2409SH35Z
18-36
9
550
680
82
3500
AM5T-2412SH35Z
18-36
12
410
330
80
3500
AM5T-2415SH35Z
18-36
15
330
220
82
3500
AM5T-2418SH35Z
18-36
18
270
100
82
3500
AM5T-2424SH35Z
18-36
24
208
100
82
3500
RoHS compliant
Operating temperature -40oC to + 85oC
24 Pin DIP Package
Input / Output isolation 1500 and 3500VDC
High efficiency up to 83%
Pin compatible with multiple manufacturers
Wide 2:1 input range
Continuous short circuit protection


Similar Part No. - AM5T-2412SH35Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM5T-2412SH35Z AIMTEC-AM5T-2412SH35Z Datasheet
306Kb / 5P
   5 Watt | DC-DC Converter
More results

Similar Description - AM5T-2412SH35Z

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MSKW WALL-MSKW Datasheet
226Kb / 7P
   5 Watt DC/DC Converter
logo
AIMTEC
AM5T-VZ AIMTEC-AM5T-VZ_16 Datasheet
183Kb / 4P
   5 Watt | DC-DC Converter
AM5T-FZ AIMTEC-AM5T-FZ Datasheet
411Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RVZ AIMTEC-AM5TW-RVZ Datasheet
403Kb / 3P
   5 Watt | DC-DC Converter
logo
List of Unclassifed Man...
FKC05 ETC-FKC05 Datasheet
292Kb / 2P
   5 WATT DC DC CONVERTER
logo
AIMTEC
AM5TW-VZ AIMTEC-AM5TW-VZ_16 Datasheet
233Kb / 3P
   5 Watt | DC-DC Converter
AM5E-FZ AIMTEC-AM5E-FZ Datasheet
456Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RZ AIMTEC-AM5TW-RZ Datasheet
412Kb / 3P
   5 Watt | DC-DC Converter
AM5E-FZ AIMTEC-AM5E-FZ_13 Datasheet
492Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RZ AIMTEC-AM5TW-RZ_13 Datasheet
243Kb / 3P
   5 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com