Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM12T-1215DZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM12T-1215DZ
Description  12 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM12T-1215DZ Datasheet(HTML) 2 Page - AIMTEC

  AM12T-1215DZ Datasheet HTML 1Page - AIMTEC AM12T-1215DZ Datasheet HTML 2Page - AIMTEC AM12T-1215DZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM12T-Z
12 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.F
2 of 3
North America only
Input Specifications (continued)
Parameters
Nominal
Typical
Maximum
Units
Peak Input Voltage time
1000
ms
Input reflected ripple current
20
mA p-p
Quiescent Current
15
mA
On/Off Control
ON – High (3.0 ... 12Vdc) or open circuit;
OFF – Low (0 ... 1.2Vdc) or Short circuit pin1 and pin 2/3
OFF idle current: 5.0 mA typ
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1600
VDC
Tested Case/Input and Output
1600
VDC
Resistance
>1000
MOhm
Capacitance
1200
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1.2
%
Voltage balance
Dual output
±5
%
Line voltage regulation
HL-LL
±0.5
%
Load voltage regulation (Single)
0% Load to Full Load
±0.5
%
Load voltage regulation (Dual)
0% Load to Full Load
±1.0
%
Over voltage protection
Zener diode clamp
Over current protection
Full Load
150
%
Short Circuit protection
Continuous
Short circuit restart
Auto recovery
Ripple & Noise
85
m Vp-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
330
KHz
Operating temperature
Full Load with Derating above 60ºC
-40 to +85
oC
Storage temperature
-40 to +125
oC
Max Case temperature
100
oC
Temperature coefficient
±0.02
%/
oC
Derating
Above 60ºC
2.5 % per 1ºC
Cooling
Free air convection
Humidity
95
% RH
Case material
Nickel-coated Copper
Potting material
UL94V-0 rated
Weight
18.0
g
Dimensions (L x W x H)
Tolerance ±0.5 mm or ±0.02 inches
1.25 x 0.80 x 0.40 inches
31.80 x 20.30 x 10.20 mm
MTBF
>1 000 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
Safety Specifications
Parameters
Agency Approval
CE
Standards
IEC 60950-1:2005 (2
nd Edition); EN 60950-1: 2006
EN55022 Class A, EN55024
IEC61000-4-2, Perf. Criteria B
IEC61000-4-3, Perf. Criteria A
IEC61000-4-4, Perf. Criteria B (external 330uF/100V cap required)
IEC61000-4-5, Perf. Criteria B (external 330uF/100V cap required)
IEC61000-4-6, Perf. Criteria A
IEC61000-4-8, Perf. Criteria A


Similar Part No. - AM12T-1215DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM12T-Z AIMTEC-AM12T-Z_13 Datasheet
350Kb / 3P
   12 Watt | DC-DC Converter
More results

Similar Description - AM12T-1215DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM12TW-Z AIMTEC-AM12TW-Z_13 Datasheet
283Kb / 4P
   12 Watt | DC-DC Converter
AM12E-FZ AIMTEC-AM12E-FZ Datasheet
328Kb / 4P
   12 Watt | DC-DC Converter
AM12T-Z AIMTEC-AM12T-Z_13 Datasheet
350Kb / 3P
   12 Watt | DC-DC Converter
AM12TW-Z AIMTEC-AM12TW-Z Datasheet
381Kb / 4P
   12 Watt | DC-DC Converter
logo
Wall Industries,Inc.
RJW WALL-RJW Datasheet
143Kb / 2P
   12 Watt DC/DC Converter
logo
TRACO Electronic AG
THD12 TRACOPOWER-THD12 Datasheet
919Kb / 5P
   DC/DC Converter THD 12 Series, 12 Watt
Rev. November 30, 2022
logo
AIMTEC
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ Datasheet
235Kb / 3P
   Up to 12 Watt | DC-DC Converter
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ_1 Datasheet
199Kb / 3P
   Up to 12 Watt | DC-DC Converter
logo
TRACO Electronic AG
THD12WI TRACOPOWER-THD12WI Datasheet
926Kb / 4P
   DC/DC Converter THD 12WI Series, 12 Watt
Rev. November 30, 2022
TMR12WI TRACOPOWER-TMR12WI Datasheet
908Kb / 5P
   DC/DC Converter TMR 12WI Series, 12 Watt
Rev. November 30, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com