Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM10E-4812SZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM10E-4812SZ
Description  10 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM10E-4812SZ Datasheet(HTML) 1 Page - AIMTEC

  AM10E-4812SZ Datasheet HTML 1Page - AIMTEC AM10E-4812SZ Datasheet HTML 2Page - AIMTEC AM10E-4812SZ Datasheet HTML 3Page - AIMTEC AM10E-4812SZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM10E-Z
10 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.E
1 of 4
North America only
FEATURES:
• RoHS compliant
• Operating temperature -40oC to + 85oC
• Full SMD technology
• Input/Output Isolation 1500VDC
• Wide 2:1 input range
• Continuous short circuit protection
• High efficiency up to 86%
• Low profile metal package
• Pin compatible with multiple manufacturers
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Capacitance
load, max (
μF)
Efficiency
(%)
AM10E-1203SZ
9-18
3.3
2
2200
78
AM10E-1205SZ
9-18
5
2
2200
83
AM10E-1207SZ
9-18
7.2
1.38
1000
82
AM10E-1209SZ
9-18
9
1.111
1000
84
AM10E-1212SZ
9-18
12
0.833
680
85
AM10E-1215SZ
9-18
15
0.666
470
84
AM10E-1218SZ
9-18
18
0.55
470
84
AM10E-1224SZ
9-18
24
0.416
330
85
AM10E-2403SZ
18-36
3.3
2
2200
78
AM10E-2405SZ
18-36
5
2
2200
83
AM10E-2407SZ
18-36
7.2
1.38
1000
83
AM10E-2409SZ
18-36
9
1.111
1000
83
AM10E-2412SZ
18-36
12
0.833
680
85
AM10E-2415SZ
18-36
15
0.666
470
86
AM10E-2418SZ
18-36
18
0.55
470
86
AM10E-2424SZ
18-36
24
0.416
330
86
AM10E-4803SZ
36-72
3.3
2
2200
78
AM10E-4805SZ
36-72
5
2
2200
84
AM10E-4807SZ
36-72
7.2
1.38
1000
84
AM10E-4809SZ
36-72
9
1.111
1000
84
AM10E-4812SZ
36-72
12
0.833
680
86
AM10E-4815SZ
36-72
15
0.666
470
85
AM10E-4818SZ
36-72
18
0.55
470
85
AM10E-4824SZ
36-72
24
0.416
330
85
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Capacitance
load, max
(μF)
Efficiency
(%)
AM10E-0505DZ
4.5-9
±5
±700
±1000
77
AM10E-1203DZ
9-18
±3.3
±1
±1000
78
AM10E-1205DZ
9-18
±5
±1
±1000
83
AM10E-1207DZ
9-18
±7.2
±0.69
±680
80
AM10E-1209DZ
9-18
±9
±0.555
±470
80
AM10E-1212DZ
9-18
±12
±0.416
±470
85
AM10E-1215DZ
9-18
±15
±0.333
±330
85
AM10E-1218DZ
9-18
±18
±0.27
±220
80
AM10E-1224DZ
9-18
±24
±0.208
±220
85
AM10E-2403DZ
18-36
±3.3
±1
±1000
78
AM10E-2405DZ
18-36
±5
±1
±1000
84
Models


Similar Part No. - AM10E-4812SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM10E-4812S AIMTEC-AM10E-4812S Datasheet
264Kb / 3P
   10 watt dc-dc converters
AM10E-4812SC AIMTEC-AM10E-4812SC Datasheet
288Kb / 2P
   10 watt dc-dc converters
More results

Similar Description - AM10E-4812SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM10T-IZ AIMTEC-AM10T-IZ Datasheet
265Kb / 3P
   10 Watt | DC-DC Converter
AM10C-FZ AIMTEC-AM10C-FZ Datasheet
123Kb / 3P
   10 Watt | DC-DC Converter
AM10CW-FZ AIMTEC-AM10CW-FZ Datasheet
121Kb / 3P
   10 Watt | DC-DC Converter
AM10TW-I-Z AIMTEC-AM10TW-I-Z Datasheet
268Kb / 3P
   10 Watt | DC-DC Converter
AM10W-NZ AIMTEC-AM10W-NZ Datasheet
149Kb / 4P
   10 Watt | DC-DC Converter
AM10EW-Z AIMTEC-AM10EW-Z_13 Datasheet
299Kb / 3P
   10 Watt | DC-DC Converter
AM10E-Z AIMTEC-AM10E-Z_13 Datasheet
502Kb / 4P
   10 Watt | DC-DC Converter
AM10EW-Z AIMTEC-AM10EW-Z Datasheet
285Kb / 3P
   10 Watt | DC-DC Converter
AM10EW-NZ AIMTEC-AM10EW-NZ Datasheet
331Kb / 3P
   10 Watt | DC-DC Converter
logo
Wall Industries,Inc.
EJR WALL-EJR Datasheet
127Kb / 3P
   10 Watt DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com