Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM15C-4812SZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM15C-4812SZ
Description  15Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15C-4812SZ Datasheet(HTML) 3 Page - AIMTEC

  AM15C-4812SZ Datasheet HTML 1Page - AIMTEC AM15C-4812SZ Datasheet HTML 2Page - AIMTEC AM15C-4812SZ Datasheet HTML 3Page - AIMTEC AM15C-4812SZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AM15C-Z
15Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.C
3 of 4
North America only
Safety Specifications
Parameters
Agency Approvals
CE
Standards
EN 55022 Class A
EN 61000-4-2 Perf. Criteria A
EN 61000-4-3 Perf. Criteria A
EN 61000-4-4 Perf. Criteria A (external 220uF/100V cap required)
EN 61000-4-5 Perf. Criteria A (external 220uF/100V cap required)
EN 61000-4-6 Perf. Criteria A
EN 61000-4-8 Perf. Criteria A
NOTE: also designed to meet IEC 60950-1:2001
Test Circuits
Notes
1. Input filter (C1, C2, L) are needed to meet conducted emission (EN 55022 Class A) and should be mounted as close as possible to the
converter.
Pin Out Specifications
Pin
Single
Dual
1
+ V input
+ V input
2
- V input
- V input
3
On/Off Control
On/Off Control
4
+ V output
+ V output
5
Trim
Common
6
- V output
- V output
DC/DC
Converter
+V input
- V input
+V output
-V output
Load
C2
2.2uF/100V
C1
2.2uF/100V
L 12uH
+
-


Similar Part No. - AM15C-4812SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15C-4812SZ AIMTEC-AM15C-4812SZ Datasheet
332Kb / 4P
   15Watt | DC-DC Converter
More results

Similar Description - AM15C-4812SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15CW-FZ AIMTEC-AM15CW-FZ Datasheet
159Kb / 3P
   15Watt | DC-DC Converter
logo
List of Unclassifed Man...
FEC15 ETC-FEC15 Datasheet
135Kb / 2P
   15WATT DC-DC CONVERTER
logo
AIMTEC
AM15T-Z AIMTEC-AM15T-Z_13 Datasheet
318Kb / 3P
   15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z Datasheet
332Kb / 4P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z_13 Datasheet
320Kb / 4P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z_12 Datasheet
308Kb / 4P
   15Watt | DC-DC Converter
AM15T-Z AIMTEC-AM15T-Z Datasheet
385Kb / 3P
   15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z_13 Datasheet
715Kb / 4P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z Datasheet
292Kb / 4P
   15Watt | DC-DC Converter
logo
GAPTEC Electronic GmbH ...
15ACEW GAPTEC-15ACEW Datasheet
580Kb / 5P
   15Watt - AC-DC converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com