Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM15CW-2415DZ Datasheet(PDF) 4 Page - AIMTEC

Part # AM15CW-2415DZ
Description  15Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15CW-2415DZ Datasheet(HTML) 4 Page - AIMTEC

  AM15CW-2415DZ Datasheet HTML 1Page - AIMTEC AM15CW-2415DZ Datasheet HTML 2Page - AIMTEC AM15CW-2415DZ Datasheet HTML 3Page - AIMTEC AM15CW-2415DZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series AM15CW-Z
15Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.C
4 of 4
North America only
Test Circuits
Note: 1. Input filter (C1, C2, L) are needed to meet conducted emission (EN 55022 Class A) and should be mounted as close as
possible to the converter.
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
DC/DC
Converter
+V input
- V input
+V output
-V output
Load
C2
2.2uF/100V
C1
2.2uF/100V
L 12uH
+
-


Similar Part No. - AM15CW-2415DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15CW-2415DZ AIMTEC-AM15CW-2415DZ Datasheet
292Kb / 4P
   15Watt | DC-DC Converter
More results

Similar Description - AM15CW-2415DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15CW-FZ AIMTEC-AM15CW-FZ Datasheet
159Kb / 3P
   15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z_12 Datasheet
142Kb / 4P
   15Watt | DC-DC Converter
logo
List of Unclassifed Man...
FEC15 ETC-FEC15 Datasheet
135Kb / 2P
   15WATT DC-DC CONVERTER
logo
AIMTEC
AM15T-Z AIMTEC-AM15T-Z_13 Datasheet
318Kb / 3P
   15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z Datasheet
332Kb / 4P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z_13 Datasheet
320Kb / 4P
   15Watt | DC-DC Converter
AM15T-Z AIMTEC-AM15T-Z Datasheet
385Kb / 3P
   15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z_13 Datasheet
715Kb / 4P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z Datasheet
292Kb / 4P
   15Watt | DC-DC Converter
logo
GAPTEC Electronic GmbH ...
15ACEW GAPTEC-15ACEW Datasheet
580Kb / 5P
   15Watt - AC-DC converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com