Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM12TW-2412DZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM12TW-2412DZ
Description  12 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM12TW-2412DZ Datasheet(HTML) 1 Page - AIMTEC

  AM12TW-2412DZ Datasheet HTML 1Page - AIMTEC AM12TW-2412DZ Datasheet HTML 2Page - AIMTEC AM12TW-2412DZ Datasheet HTML 3Page - AIMTEC AM12TW-2412DZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM12TW-Z
12 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
1 of 4
North America only
FEATURES:
Ultra Wide Input Range 4:1
No Minimum Load Required
1600 VDC Isolation
-40ºC to +85ºC Operating Temperature Range
Efficiency up to 90%
Short Circuit & Over Voltage Protection
Soft Start
DIP 24 Package
Remote On/Off Function
Low No Load Input Current
Models
Single output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current max
(mA)
Isolation
(VDC)
Maximum
Capacitive load
(µF)
Efficiency
(%)
AM12TW-2403SZ
9-36
3.3
3500
1600
2000
87
AM12TW-2405SZ
9-36
5.1
2400
1600
2000
89
AM12TW-2412SZ
9-36
12
1000
1600
430
90
AM12TW-2415SZ
9-36
15
800
1600
300
90
AM12TW-4803SZ
18-75
3.3
3500
1600
2000
87
AM12TW-4805SZ
18-75
5.1
2400
1600
2000
89
AM12TW-4812SZ
18-75
12
1000
1600
430
90
AM12TW-4815SZ
18-75
15
800
1600
300
90
Models
Dual output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current max
(mA)
Isolation
(VDC)
Maximum
Capacitive load
(µF)
Efficiency
(%)
AM12TW-2405DZ
9-36
±5
±1200
1600
±1250
87
AM12TW-2412DZ
9-36
±12
±500
1600
±200
90
AM12TW-2415DZ
9-36
±15
±400
1600
±120
90
AM12TW-4805DZ
18-75
±5
±1200
1600
±1250
87
AM12TW-4812DZ
18-75
±12
±500
1600
±200
90
AM12TW-4815DZ
18-75
±15
±400
1600
±120
90
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
48
9-36
36-75
VDC
Filter
π
(Pi) Network
Turn on Transient process time
250
µs
Transient response deviation
±3
%
Start up time
Nominal Vin and constant resistive load
20
ms
Absolute Maximum Rating
24 Vin models
48 Vin models
-0.7-50
-0.7-100
VDC
Peak Input Voltage time
1000
ms
Input reflected ripple current
20
mA p-p
Quiescent Current
15
mA
On/Off Control
ON – High (3.0 ... 12Vdc) or open circuit;
OFF – Low (0 ... 1.2Vdc) or Short circuit pin1 and pin 2/3
OFF idle current: 5.0 mA typ


Similar Part No. - AM12TW-2412DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM12TW-Z AIMTEC-AM12TW-Z_13 Datasheet
283Kb / 4P
   12 Watt | DC-DC Converter
More results

Similar Description - AM12TW-2412DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM12TW-Z AIMTEC-AM12TW-Z_13 Datasheet
283Kb / 4P
   12 Watt | DC-DC Converter
AM12E-FZ AIMTEC-AM12E-FZ Datasheet
328Kb / 4P
   12 Watt | DC-DC Converter
AM12T-Z AIMTEC-AM12T-Z Datasheet
348Kb / 3P
   12 Watt | DC-DC Converter
AM12T-Z AIMTEC-AM12T-Z_13 Datasheet
350Kb / 3P
   12 Watt | DC-DC Converter
logo
Wall Industries,Inc.
RJW WALL-RJW Datasheet
143Kb / 2P
   12 Watt DC/DC Converter
logo
TRACO Electronic AG
THD12 TRACOPOWER-THD12 Datasheet
919Kb / 5P
   DC/DC Converter THD 12 Series, 12 Watt
Rev. November 30, 2022
logo
AIMTEC
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ Datasheet
235Kb / 3P
   Up to 12 Watt | DC-DC Converter
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ_1 Datasheet
199Kb / 3P
   Up to 12 Watt | DC-DC Converter
logo
TRACO Electronic AG
THD12WI TRACOPOWER-THD12WI Datasheet
926Kb / 4P
   DC/DC Converter THD 12WI Series, 12 Watt
Rev. November 30, 2022
TMR12WI TRACOPOWER-TMR12WI Datasheet
908Kb / 5P
   DC/DC Converter TMR 12WI Series, 12 Watt
Rev. November 30, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com