Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

143-1906-001 Datasheet(PDF) 19 Page - ITT Industries

Part No. 143-1906-001
Description  ARINC 600 BKAD/E/F
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ITT [ITT Industries]
Homepage  http://www.ittcannon.com
Logo 

143-1906-001 Datasheet(HTML) 19 Page - ITT Industries

 
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
ARINC 600
BKAD/E/F
ARINC 600 Connector Engaging Sequence
22
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Mating
Sequence
Flange
Position With:
No Engagement
PLUG
RECEPTACLE
#22
#22
#12
#16
#20
MIN
COAX
(SHELLS FULLY MATED)
(NO ENGAGEMENT)
(RACK SIDE)
1. Varies; See Mil-Spec. (#5 Coax)
2. Size 1 only.
3. Flush head screws are not permitted for connector mounting
as they would position connector incorrectly.
4. Dimension 7 was calculated to provide clearance for
- MCU backplate mat'l thickness of 2.5 mm (.10 in).
- Rack backplate mat'l thickness of 2.5 mm (.10 in).
- Connector mounting pan head screws, MCU 2.0 mm (.08 in).
- Tolerance allowance - 3.2 mm (.13 in.) rack 2.0 mm (.08 in.)
Total - 12.2 (.50 in) (minimum).
(BOX SIDE)
NOTES:
1.245 (31.62)
Nom.
1.110 (28.19)
1.073 (27.25)
1.073 (27.25)
1.023 (25.88)
.800 (22.32)
.748 (18.99)
.805 (20.44)
.741 (18.82)
1.012 (25.70)
.949 (24.10)
1.008 (23.60)
.953 (24.20)
.642 (16.30)
.547 (13.89)
.649 (16.48)
.553 (14.04)
.728 (18.49)
.818 (20.77)
.772 (19.60)
.692 (17.57)
.618 (15.70)
.578 (14.68)
.522 (13.26)
.488 (12.40)
Shells Initially
Engaged
Polarizing Pins
Entering Keys
Contacts Entering
Mating Insulator
#22
#20
#16
#12
Miniature Coax
Miniature Coax
"0" Ring Engagement
(BKAE Only)
Shells Fully
Mated
Contacts Electrically
Engaged
#22
#20
#16
#12
Flange Spacing
in. (mm)
1
1
1
2
2
2
3
4
5
7
1
1
A
E
7
6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn