Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM4TW-VZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM4TW-VZ
Description  4 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM4TW-VZ Datasheet(HTML) 1 Page - AIMTEC

  AM4TW-VZ Datasheet HTML 1Page - AIMTEC AM4TW-VZ Datasheet HTML 2Page - AIMTEC AM4TW-VZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM4TW-VZ
4 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13.B
1 of 3
North America only
FEATURES:
Models
Single output
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Capacitive load,
max (μF)
Efficiency
(%)
AM4TW-2405D-VZ
9-36
±5
±400
±470
70
AM4TW-2412D-VZ
9-36
±12
±166
±100
72
AM4TW-2415D-VZ
9-36
±15
±133
±68
75
AM4TW-4805D-VZ
18-72
±5
±400
±470
72
AM4TW-4812D-VZ
18-72
±12
±166
±100
73
AM4TW-4815D-VZ
18-72
±15
±133
±68
74
AM4TW-2405DH35-VZ
9-36
±5
±400
±470
70
AM4TW-2412DH35-VZ
9-36
±12
±166
±100
72
AM4TW-2415DH35-VZ
9-36
±15
±133
±68
75
AM4TW-4805DH35-VZ
18-72
±5
±400
±470
72
AM4TW-4812DH35-VZ
18-72
±12
±166
±100
73
AM4TW-4815DH35-VZ
18-72
±15
±133
±68
74
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage Range
24
9-36
VDC
48
18-72
Filter
π
(Pi) Network
Start up time
20
Ms
Peak Input Voltage time
15
Ms
Absolute Max Rating
24 Vin
-0.7-40
VDC
48 Vin
-0.7-80
Wide Input Range (4:1)
Operating temperature -40oC to + 85oC
24 Pin DIP Package
Input / Output isolation 1500 or 3500VDC
Metal package
Pin compatible with multiple manufacturers
High efficiency up to 75%
Continuous short circuit protection
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Capacitive load,
max (μF)
Efficiency
(%)
AM4TW-2403S-VZ
9-36
3.3
1000
1000
66
AM4TW-2405S-VZ
9-36
5
800
1000
71
AM4TW-2412S-VZ
9-36
12
333
330
74
AM4TW-2415S-VZ
9-36
15
266
220
74
AM4TW-4803S-VZ
18-72
3.3
1000
1000
66
AM4TW-4805S-VZ
18-72
5
800
1000
72
AM4TW-4812S-VZ
18-72
12
333
330
73
AM4TW-4815S-VZ
18-72
15
266
220
74
AM4TW-2403SH35-VZ
9-36
3.3
1000
1000
66
AM4TW-2405SH35-VZ
9-36
5
800
1000
71
AM4TW-2412SH35-VZ
9-36
12
333
330
74
AM4TW-2415SH35-VZ
9-36
15
266
220
74
AM4TW-4803SH35-VZ
18-72
3.3
1000
1000
66
AM4TW-4805SH35-VZ
18-72
5
800
1000
72
AM4TW-4812SH35-VZ
18-72
12
333
330
73
AM4TW-4815SH35-VZ
18-72
15
266
220
74


Similar Part No. - AM4TW-VZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM4TW-VZ AIMTEC-AM4TW-VZ_13 Datasheet
747Kb / 3P
   4 Watt | DC-DC Converter
More results

Similar Description - AM4TW-VZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM4TW-RVZ AIMTEC-AM4TW-RVZ_16 Datasheet
745Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-R-Z AIMTEC-AM4TW-R-Z_16 Datasheet
225Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-VZ AIMTEC-AM4TW-VZ_13 Datasheet
747Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-Z AIMTEC-AM4TW-Z_16 Datasheet
127Kb / 5P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ_13 Datasheet
283Kb / 4P
   4 Watt | DC-DC Converter
AM4T-Z AIMTEC-AM4T-Z_13 Datasheet
396Kb / 5P
   4 Watt | DC-DC Converter
AM4TW-RZ AIMTEC-AM4TW-RZ Datasheet
225Kb / 3P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ_16 Datasheet
223Kb / 4P
   4 Watt | DC-DC Converter
AM4TW-Z AIMTEC-AM4TW-Z Datasheet
257Kb / 5P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ Datasheet
453Kb / 4P
   4 Watt | DC-DC Converter
AM4N-Z AIMTEC-AM4N-Z_13 Datasheet
325Kb / 4P
   4 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com