Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUN21XX Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part # HUN21XX
Description  Simplifies Circuit Design
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HUN21XX Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  HUN21XX Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HUN21XX Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HUN21XX Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HUN21XX Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics HUN21XX Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HN200301
Issued Date : 2003.03.01
Revised Date : 2005.01.14
Page No. : 3/5
HUN21XX Series
HSMC Product Specification
Electrical Characteristics (T
A=25°C unless otherwise noted)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
*On Characteristics
Output Voltage (off) (V
CC=-5V, VB=-0.5V, RL=1kΩ)
HUN2115
HUN2116
HUN2131
HUN2132
(V
CC=-5V, VB=-0.25V, RL=1kΩ)
HUN2140
(V
CC=-5V, VB=-0.05V, RL=1kΩ)
HUN2130
V
OH
-4.9
-
-
Vdc
HUN2111
7
10
13
HUN2112
15.4
22
28.6
HUN2113
32.9
47
61.1
HUN2114
7
10
13
HUN2115
7
10
13
HUN2116
3.3
4.7
6.1
HUN2130
0.7
1
1.3
HUN2131
1.5
2.2
2.9
HUN2132
3.3
4.7
6.1
HUN2133
3.3
4.7
6.1
HUN2134
15.4
22
28.6
HUN2136
70
100
130
HUN2137
32.9
47
61.1
Input Resistor
HUN2140
R
1
32.9
47
61.1
k
0.811.2
0.17
0.21
0.25
--
-
0.811.2
0.055
0.1
0.185
0.38
0.47
0.56
Resistor Ratio HUN2111/HUN2112/HUN2113/HUN2136
HUN2114
HUN2115/HUN2116/HUN2140
HUN2130/HUN2131/HUN2132
HUN2133
HUN2134
HUN2137
R
1/R2
1.7
2.1
2.6
*Pulse Test: Pulse Width
≤300us, Duty Cycle≤2%


Similar Part No. - HUN21XX

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HUN2111 HSMC-HUN2111 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
HUN2112 HSMC-HUN2112 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
HUN2113 HSMC-HUN2113 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
HUN2114 HSMC-HUN2114 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
HUN2115 HSMC-HUN2115 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results

Similar Description - HUN21XX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7521NKBCBZRL-80 AD-ADV7521NKBCBZRL-80 Datasheet
55Kb / 2P
   ANALOG DEVICES SIMPLIFIES PORTABLE HD CAMERA DESIGN WITH WORLD SMALLEST HDMI TRANSMITTER
logo
STMicroelectronics
AN1645 STMICROELECTRONICS-AN1645 Datasheet
609Kb / 22P
   STSR2P/STSR2PM SIMPLIFIES IMPLEMENTATION
logo
Taoglas antenna solutio...
GWLA.01 TAOGLAS-GWLA.01 Datasheet
2Mb / 23P
   Simplifies GPS and 2.4GHz Circuits
logo
AU Optronics Corp.,
B140XTN02.A AUO-B140XTN02.A Datasheet
679Kb / 33P
   LED Backlight with driving circuit design
logo
Keysight Technologies
B1506A KEYSIGHT-B1506A Datasheet
5Mb / 34P
   Power Device Analyzer for Circuit Design
logo
Fairchild Semiconductor
AN4121 FAIRCHILD-AN4121 Datasheet
130Kb / 22P
   Design of Power Factor Correction Circuit
logo
AU Optronics Corp.,
B140RW02 AUO-B140RW02 Datasheet
708Kb / 31P
   LED Backlight with driving circuit design
logo
STMicroelectronics
AN437 STMICROELECTRONICS-AN437 Datasheet
593Kb / 18P
   RC snubber circuit design for TRIACs
logo
Fairchild Semiconductor
AN-6026 FAIRCHILD-AN-6026 Datasheet
352Kb / 23P
   Design of Power Factor Correction Circuit
logo
AU Optronics Corp.,
B116XW03 AUO-B116XW03 Datasheet
650Kb / 30P
   LED Backlight with driving circuit design
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com