Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD565AJ Datasheet(PDF) 7 Page - Analog Devices

Part # AD565AJ
Description  High Speed 12-Bit Monolithic D/A Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD565AJ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD565AJ Datasheet HTML 3Page - Analog Devices AD565AJ Datasheet HTML 4Page - Analog Devices AD565AJ Datasheet HTML 5Page - Analog Devices AD565AJ Datasheet HTML 6Page - Analog Devices AD565AJ Datasheet HTML 7Page - Analog Devices AD565AJ Datasheet HTML 8Page - Analog Devices AD565AJ Datasheet HTML 9Page - Analog Devices AD565AJ Datasheet HTML 10Page - Analog Devices AD565AJ Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AD565A/AD566A
REV. D
–7–
PIN DESIGNATIONS
24-Lead DIP
28-Lead SOIC
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
(Not to Scale)
AD566A
NC = NO CONNECT
PWR GND
20V SPAN R
10V SPAN R
DAC OUT (–2mA F.S.)
NC
NC
NC
REF GND
AMP SUMMING JUNCTION
BIPOLAR OFFSET IN
–VEE –15V IN (20mA)
REF V HI IN
BIT 12 IN (LSB)
BIT 11 IN
BIT 10 IN
BIT 9 IN
BIT 8 IN
BIT 1 IN (MSB)
BIT 2 IN
BIT 3 IN
BIT 4 IN
BIT 6 IN
BIT 5 IN
BIT 7 IN
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
NC = NO CONNECT
TOP VIEW
(Not to Scale)
AD565A
PWR GND
20V SPAN R
10V SPAN R
DAC OUT (–2mA F.S.)
BIPOLAR OFFSET IN
NC
NC
VCC
REF OUT (+10V ±1%)
–VEE
REF IN
REF GND
BIT 12 IN (LSB)
BIT 11 IN
BIT 10 IN
BIT 9 IN
BIT 8 IN
BIT 1 IN (MSB)
BIT 2 IN
BIT 3 IN
BIT 4 IN
BIT 6 IN
BIT 5 IN
BIT 7 IN
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
(Not to Scale)
AD565A
NC = NO CONNECT
20V SPAN R
10V SPAN R
NC
DAC OUT
BIPOLAR OFFSET IN
–VEE
NC
NC
NC
NC
VCC
REF IN
REF GND
REF OUT (10V)
PWR GND
BIT 12 (LSB)
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
NC
BIT 1 (MSB)
BIT 2
BIT 3
BIT 6
BIT 5
BIT 4


Similar Part No. - AD565AJ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD565AJD AD-AD565AJD Datasheet
244Kb / 13P
   High Speed 12-Bit Monolithic D/A Converters
AD565AJR AD-AD565AJR Datasheet
244Kb / 13P
   High Speed 12-Bit Monolithic D/A Converters
AD565AJRZ AD-AD565AJRZ Datasheet
244Kb / 13P
   High Speed 12-Bit Monolithic D/A Converters
AD565AJRZ-REEL AD-AD565AJRZ-REEL Datasheet
244Kb / 13P
   High Speed 12-Bit Monolithic D/A Converters
More results

Similar Description - AD565AJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX565A MAXIM-MX565A Datasheet
341Kb / 8P
   High Speed 12-Bit Monolithic D/A Converters
logo
Analog Devices
AD565A AD-AD565A_15 Datasheet
182Kb / 12P
   High Speed 12-Bit Monolithic D/A Converters
REV. E
AD566A AD-AD566A_15 Datasheet
182Kb / 12P
   High Speed 12-Bit Monolithic D/A Converters
REV. E
AD565A AD-AD565A_17 Datasheet
244Kb / 13P
   High Speed 12-Bit Monolithic D/A Converters
logo
Integrated Circuit Syst...
ADC84 ICST-ADC84 Datasheet
922Kb / 6P
   High-speed, 12-bit A/D Converters
logo
API Technologies Corp
ADC84 APITECH-ADC84 Datasheet
927Kb / 6P
   High-speed, 12-bit A/D Converters
logo
Intersil Corporation
HI-DAC80V INTERSIL-HI-DAC80V Datasheet
68Kb / 7P
   12-Bit, Low Cost, Monolithic D/A Converters
August 1997
logo
Analog Devices
AD565 AD-AD565_15 Datasheet
1,010Kb / 3P
   COMPLETE HIGH SPEED 12 BIT MONOLITHIC D/A CONVERTER
AD568 AD-AD568_15 Datasheet
544Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD568 AD-AD568 Datasheet
541Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com