Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

031-1113-007 Datasheet(PDF) 10 Page - ITT Industries

Part # 031-1113-007
Description  ARINC 404
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

031-1113-007 Datasheet(HTML) 10 Page - ITT Industries

Back Button 031-1113-007 Datasheet HTML 6Page - ITT Industries 031-1113-007 Datasheet HTML 7Page - ITT Industries 031-1113-007 Datasheet HTML 8Page - ITT Industries 031-1113-007 Datasheet HTML 9Page - ITT Industries 031-1113-007 Datasheet HTML 10Page - ITT Industries 031-1113-007 Datasheet HTML 11Page - ITT Industries 031-1113-007 Datasheet HTML 12Page - ITT Industries 031-1113-007 Datasheet HTML 13Page - ITT Industries 031-1113-007 Datasheet HTML 14Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
ARINC 404
DPX*MA/ME
Contact Arrangement Variations, Crimp Type - DPX*MA/ME Series
52
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
8
D8
W8**
10
A10
10W3**
B16W3**
25W3
26
8
D8
W8**
(For MA)
AW8
(For ME)
10
A10
10W3**
SOCKET
ONLY
B16W3
25W3
26
Contact
Arr.
No. of Contacts
& Wire Size
Test Voltage
AC (RMS)
Contact
Arr. No.
No. of
Contacts
Contact
Numbers
Contact Size or
Code Letter
8 #12
1
2
3
4
5
6
7
8
1
1
1
1
1
1
2
2
2
2
2
2
3
3
3
3
3
3
1
1
2
2
3
3
4
4
4
4
4
4
4
4
5
5
5
5
5
5
5
5
6
6
6
6
6
6
6
6
7
7
7
7
7
7
8
8
8
8
8
8
9
9
9
9
9
9
10
10
10
10
10
10
11
11
11
12
12
12
13
13
13
14
14
14
15
15
15
16
16
16
17
17
18
18
19
19
20
20
21
21
22
22
23
23
24
24
25
25
26
7
7
8
8
8
D8
W8
C8A
C8B
C8C
C8E
C8G
C8H
10
A10
10W3
A10C3
B10C3
B16W3
25W3
25A3
25B3
25D3
26
26
8
8
2
8
8
2
7
3
7
3
7
3
13
3
22
3
22
3
22
3
22
3
4
12
16
12
coax
G
F
H
R
S
AB
B
20
16
4
20 H.D.
coax
20 H.D.
AC
20 H.D.
AC
16
coax
20
coax
20
C
20
D
20
B
16
1-8
1-4
5-8
1-8
1,2
3-10
1-3, 5,
6, 8-10
4, 7
1-4, 8-10
5-7
4-16
1-3
4-25
1-3
1-26
1000V (1-8)V
1500V
1500V
1500
(1-4, 8-10)V
1500 (4-16)
1000 (1-3)V
socket side only
(Not avaiable
in ME series)
1500 (4-25)V,
1000 (1-3)V
(Not available
in ME series)
1500V
4 #16, 4 #12
8 coax
2 #8, 8 #20
8 #16, 2 #4
7 #20, H.D.,
3 coax
13 #16, 3 coax
22 (#20) 3 coax
26 #16
**Crimp rear release coaxial contacts.
NOTE: See pages 62-65 for Coaxial Contact data
See pages 57-58 for Crimp Contact data


Similar Part No. - 031-1113-007

ManufacturerPart #DatasheetDescription
logo
ITT Industries
031-1113-008 ITT-031-1113-008 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
031-1113-009 ITT-031-1113-009 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
031-1113-009 ITT-031-1113-009 Datasheet
688Kb / 19P
   ARINC 600
031-1113-009 ITT-031-1113-009 Datasheet
688Kb / 19P
   ARINC 600 BKAD/E/F
More results

Similar Description - 031-1113-007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM3522 ETC2-LM3522 Datasheet
129Kb / 1P
   SIZE 1 ARINC 404 CONNECTOR FOR ECS CABLE 352001
LM022 ETC2-LM022 Datasheet
128Kb / 1P
   SIZE 1 ARINC 404 RF CONNECTOR FOR ECS CABLE 310801
LMT101 ETC2-LMT101 Datasheet
72Kb / 1P
   ARINC 404 SIZE 1 TO TNC JACK 50 OHM RF ADAPETR
LM522 ETC2-LM522 Datasheet
127Kb / 1P
   SIZE 1 ARINC 404 RF CONNECTOR FOR ECS CABLE 432101 AND 532101
LM722 ETC2-LM722 Datasheet
132Kb / 1P
   SIZE 1 ARINC 404 RF CONNECTOR FOR ECS CABLE 311901, 3C142B, AND 3C058A
logo
Varitronix internationa...
VIM-404-DP VARITRONIX-VIM-404-DP Datasheet
34Kb / 1P
   VIM-404-DP
logo
ITT Industries
025-1124-001 ITT-025-1124-001 Datasheet
688Kb / 19P
   ARINC 600
030-2259-000 ITT-030-2259-000 Datasheet
688Kb / 19P
   ARINC 600
BKA ITT-BKA Datasheet
866Kb / 19P
   ARINC 600
logo
List of Unclassifed Man...
ARINC404 ETC2-ARINC404 Datasheet
967Kb / 2P
   ARINC Filter Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com