Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM3G-NZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM3G-NZ
Description  3 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3G-NZ Datasheet(HTML) 2 Page - AIMTEC

  AM3G-NZ_11 Datasheet HTML 1Page - AIMTEC AM3G-NZ_11 Datasheet HTML 2Page - AIMTEC AM3G-NZ_11 Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM3G-NZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.C
2 of 3
North America only
Output Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Line voltage regulation
LL~HL
±0.5
%
Load voltage regulation
load 10~100%
±1
%
Temperature coefficient
±0.03
%/
oC
Ripple & Noise
At 20MHz Bandwidth
100
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
>200
500
KHz
Operating temperature
With derating above 71
oC
-40 to +85
oC
Storage temperature
-50 to +125
oC
No load power consumption
100
mW
Cooling
Free air convection
Humidity
95
%
Case material
Non-conductive black plastic (UL94V-0 rated)
Weight
6
g
Dimensions (L x H x W)
0.87 x 0.37 x 0.47 inch
22 x 9.5 x 12 mm
MTBF
>1 000 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Pin Out Specifications
Dimensions
Derating
Free Air Convection
-40
-20
020
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
85
Ambient Temperature º C
71 C
º
Pin
Single
Dual
1
- V Input
- V Input
2
+ V Input
+ V Input
3
On/Off Control
On/Off Control
5
N.C.
N.C.
6
+ V Output
+ V Output
7
- V Output
Common
8
CS
- V Output
2.50
(0.98)
12.00
(0.47)
22.00
(0.87)
0.50
(0.02)
0.50
(0.02)
4.10
(0.16)
2.54
(0.10)
2.10
(0.08)
12
3
5
6
7
9.50
(0.37)
0.300
(0.012)
0.50
(0.02)
9.50
(0.37)
PRINTED
FACE
12.00
(0.47)
8


Similar Part No. - AM3G-NZ_11

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_13 Datasheet
376Kb / 3P
   3 Watt | DC-DC Converter
AM3G-NZ AIMTEC-AM3G-NZ_16 Datasheet
205Kb / 5P
   1500 and 3000VDC I/O Isolation
More results

Similar Description - AM3G-NZ_11

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
   3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
   3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
   3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
   3 Watt | DC-DC Converter
AM3N-S-Z AIMTEC-AM3N-S-Z_13 Datasheet
279Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com