Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM2GH-4812DZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM2GH-4812DZ
Description  2 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2GH-4812DZ Datasheet(HTML) 2 Page - AIMTEC

  AM2GH-4812DZ Datasheet HTML 1Page - AIMTEC AM2GH-4812DZ Datasheet HTML 2Page - AIMTEC AM2GH-4812DZ Datasheet HTML 3Page - AIMTEC AM2GH-4812DZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM2GH-Z
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
2 of 4
North America only
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1600
VDC
Resistance
>1000
MOhm
Capacitance
200
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Cross Regulation (Dual Output Models)
25% load on one output - 100% load
on second load
±5
%
Short Circuit protection
Continuous
Short circuit restart
Auto-Recovery
Line voltage regulation
±0.2
%
Load voltage regulation
From 0% to 100% load
±1
%
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
20MHz Bandwidth
30
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
100
KHz
Operating temperature
-40 to 85
oC
Storage temperature
-40 to +125
oC
Maximum case temperature
100
oC
Derating
Above 71°C
5
%/
oC
Cooling
Free Air Convection
Humidity
95
% RH
Case material
Non conductive black plastic
Potting Material
Silicon (UL94V-0 rated)
Weight
4.8
g
Dimensions (L x W x H)
0.86 x 0.36 x 0.44 inches
21.85 x 9.20 x 11.10 mm
MTBF
>1,700,000 hrs (MIL-HDBK -217F, Ground Benign, t=+25ºC)hours
Maximum soldering temperature
1.5mm from case for 10 second
260
oC
Transient recovery time
250
uS
Transient recovery deviation
±3
%
Safety Specifications
Parameter
Agency Approvals
CE
Standards
EN55022: 2006 + A1:2007, Class A
EN55024:1998 + A1:2001 + A2:2003
IEC61000-4-2:1995 + A1:1998 + A2:2000, Perf. Criteria B
IEC61000-4-3:2006, Perf. Criteria A
IEC61000-4-4:2004, Perf. Criteria B (external 220uF/100V cap required)
IEC61000-4-5:2005, Perf. Criteria B (external 220uF/100V cap required)
IEC61000-4-6:2007, Perf. Criteria A
IEC61000-4-8, Perf:1993 + A1:2000, Criteria A
NOTE: Also designed to meet IEC 60950-1:2001
Pin Out Specifications
Pin
Single
Dual
1
- V Input
- V Input
2
+ V Input
+ V Input
3
On/Off Control
On/Off Control
5
N.C.
N.C.
6
+ V Output
+ V Output
7
- V Output
Common


Similar Part No. - AM2GH-4812DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2GH-4812DZ AIMTEC-AM2GH-4812DZ Datasheet
243Kb / 6P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2GH-4812DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
   2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
AM2S-Z AIMTEC-AM2S-Z_16 Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
   2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
   2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
   2 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com