Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM2D-2412SZ Datasheet(PDF) 6 Page - AIMTEC

Part # AM2D-2412SZ
Description  2 Watt | DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2D-2412SZ Datasheet(HTML) 6 Page - AIMTEC

  AM2D-2412SZ Datasheet HTML 1Page - AIMTEC AM2D-2412SZ Datasheet HTML 2Page - AIMTEC AM2D-2412SZ Datasheet HTML 3Page - AIMTEC AM2D-2412SZ Datasheet HTML 4Page - AIMTEC AM2D-2412SZ Datasheet HTML 5Page - AIMTEC AM2D-2412SZ Datasheet HTML 6Page - AIMTEC AM2D-2412SZ Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Series AM2D-Z
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.F
6 of 7
North America only
Output Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Load voltage regulation (Single)
3.3V output model
Load 20~100%
±20
%
Load voltage regulation (Dual)
Load 20~100%
±10
%
Load voltage regulation (Dual) 3.3V
output model
Load 20~100%
±20
%
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
At 20MHz Bandwidth
75
mV p-p
Capacitive load
Single output
470
μF
Dual output
220
μF
Rising time
100
ms
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
85
KHz
Operating temperature
-40 to +75
oC
Storage temperature
-55 to +125
oC
Max Case temperature
+95
oC
Cooling
Free air convection
Humidity
90
%
Case material
Plastic UL94-VO
Weight
2.5
g
Dimensions (L x W x H)
0.76 x 0.24 x 0.37 inch
19.50 x 6.00 x 9.50 mm
MTBF
>688 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified
Safety Specifications
Parameters
Agency approvals
CE (Except dual separated models)
Standards
EN55022 (Radiated Emissions) class B
EN55024 (Noise Immunity), IEC61000-4-2(ESD)
IEC61000-4-3 (Radiated immunity)
Pin Out Specifications
Pin
1000 VDC
3000, 4000 , 5200 VDC
Single
Dual
Dual separated
Single
Dual
1
+ V Input
+ V Input
+ V Input
+ V Input
+ V Input
2
- V Input
- V Input
- V Input
- V Input
- V Input
4
- V Output
- V Output
+V1 Output
No pin
No pin
5
No pin
Common
-V1 Output
-V Output
-V Output
6
+ V Output
+ V Output
+V2 Output
No pin
Common
7
No pin
No pin
-V2 Output
+V Output
+V Output


Similar Part No. - AM2D-2412SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-2412SZ AIMTEC-AM2D-2412SZ Datasheet
279Kb / 11P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2D-2412SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
   2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
AM2S-Z AIMTEC-AM2S-Z_16 Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
   2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
   2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
   2 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com