Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5551 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5551
Description  5 V, Serial-Input Voltage-Output, 14-Bit DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5551 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5551 Datasheet HTML 3Page - Analog Devices AD5551 Datasheet HTML 4Page - Analog Devices AD5551 Datasheet HTML 5Page - Analog Devices AD5551 Datasheet HTML 6Page - Analog Devices AD5551 Datasheet HTML 7Page - Analog Devices AD5551 Datasheet HTML 8Page - Analog Devices AD5551 Datasheet HTML 9Page - Analog Devices AD5551 Datasheet HTML 10Page - Analog Devices AD5551 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD5551/AD5552
–7–
REV. 0
TEMPERATURE – C
–0.50
–50
–0.25
0.50
0.25
–25
50
25
100
125
0
0
0.75
1.00
–0.75
–1.00
75
150
VDD = 5V
VREF = 2.5V
TPC 7. Gain Error vs. Temperature
TEMPERATURE – C
0
VDD = 5V
VLOGIC = 5V
VREF = 2.5V
250
200
150
–20
–40
20
40
60
80
100
120
TPC 8. Supply Current vs. Temperature
DIGITAL INPUT VOLTAGE – V
3
250
150
2
04
5
200
300
350
400
1
VDD = 5V
VREF = 2.5V
TA = 25 C
TPC 9. Supply Current vs. Digital Input Voltage
TEMPERATURE – C
–50
0.50
0.25
–25
50
25
100
125
0
0.75
75
150
0
VDD = 5V
VREF = 2.5V
TPC 10. Zero-Code Error vs. Temperature
VOLTAGE – V
3
REFERENCE
VOLTAGE
VDD = 5V
450
250
150
2
04
5
6
200
300
350
400
SUPPLY
VOLTAGE
VREF = 2.5V
TA = 25 C
1
TPC 11. Supply Current vs. Reference Voltage or Supply
Voltage
CODE – Decimal
0
0
2048
50
100
6144
8192
4096
10240
14336
12288
16384
150
200
300
250
TA = 25 C
VDD = 5V
VREF = 2.5V
UNIPOLAR MODE
BIPOLAR MODE
1555H
0155H
2155H
TPC 12. Reference Current vs. Code


Similar Part No. - AD5551

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5551BR AD-AD5551BR Datasheet
460Kb / 16P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
AD5551BR-REEL7 AD-AD5551BR-REEL7 Datasheet
460Kb / 16P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
AD5551BRZ AD-AD5551BRZ Datasheet
460Kb / 16P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
AD5551BRZ-REEL7 AD-AD5551BRZ-REEL7 Datasheet
460Kb / 16P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
AD5551 AD-AD5551_10 Datasheet
460Kb / 16P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
More results

Similar Description - AD5551

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5541 AD-AD5541 Datasheet
186Kb / 12P
   5 V, Serial-Input Voltage-Output, 16-Bit DACs
REV. A
logo
Maxim Integrated Produc...
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
   5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
logo
Analog Devices
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
AD5551 AD-AD5551_10 Datasheet
460Kb / 16P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
logo
Maxim Integrated Produc...
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
logo
Analog Devices
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5390 AD-AD5390 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com