Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM1DR-2403SH30Z Datasheet(PDF) 1 Page - AIMTEC

Part # AM1DR-2403SH30Z
Description  1 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1DR-2403SH30Z Datasheet(HTML) 1 Page - AIMTEC

  AM1DR-2403SH30Z Datasheet HTML 1Page - AIMTEC AM1DR-2403SH30Z Datasheet HTML 2Page - AIMTEC AM1DR-2403SH30Z Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM1DR-Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6.F
1 of 3
North America only
FEATURES:
RoHS compliant
Operating temperature -40oC to + 85oC
Regulated output voltage
Input / Output Isolation 1000 & 3000VDC
Low ripple and noise
Pin compatible with multiple manufacturers
High efficiency up to 70%
7 pin SIP package
Models
Single output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
max
(mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency (Full
load)
(%)
AM1DR-0503SZ
4.5-5.5
3.3
300
1000
220
57
AM1DR-0505SZ
4.5-5.5
5
200
1000
220
67
AM1DR-0507SZ
4.5-5.5
7.2
138
1000
220
65
AM1DR-0509SZ
4.5-5.5
9
111
1000
220
67
AM1DR-0512SZ
4.5-5.5
12
84
1000
220
70
AM1DR-0515SZ
4.5-5.5
15
67
1000
220
70
AM1DR-1203SZ
10.8-13.2
3.3
300
1000
220
57
AM1DR-1205SZ
10.8-13.2
5
200
1000
220
65
AM1DR-1207SZ
10.8-13.2
7.2
138
1000
220
65
AM1DR-1209SZ
10.8-13.2
9
111
1000
220
67
AM1DR-1212SZ
10.8-13.2
12
84
1000
220
70
AM1DR-1215SZ
10.8-13.2
15
67
1000
220
70
AM1DR-2403SZ
21.6-26.4
3.3
300
1000
220
60
AM1DR-2405SZ
21.6-26.4
5
200
1000
220
68
AM1DR-2407SZ
21.6-26.4
7.2
138
1000
220
65
AM1DR-2409SZ
21.6-26.4
9
111
1000
220
68
AM1DR-2412SZ
21.6-26.4
12
84
1000
220
70
AM1DR-2415SZ
21.6-26.4
15
67
1000
220
70
AM1DR-0503SH30Z
4.5-5.5
3.3
300
3000
220
57
AM1DR-0505SH30Z
4.5-5.5
5
200
3000
220
67
AM1DR-0507SH30Z
4.5-5.5
7.2
138
3000
220
65
AM1DR-0509SH30Z
4.5-5.5
9
111
3000
220
67
AM1DR-0512SH30Z
4.5-5.5
12
84
3000
220
70
AM1DR-0515SH30Z
4.5-5.5
15
67
3000
220
70
AM1DR-1203SH30Z
10.8-13.2
3.3
300
3000
220
57
AM1DR-1205SH30Z
10.8-13.2
5
200
3000
220
65
AM1DR-1207SH30Z
10.8-13.2
7.2
138
3000
220
65
AM1DR-1209SH30Z
10.8-13.2
9
111
3000
220
67
AM1DR-1212SH30Z
10.8-13.2
12
84
3000
220
70
AM1DR-1215SH30Z
10.8-13.2
15
67
3000
220
70
AM1DR-2403SH30Z
21.6-26.4
3.3
300
3000
220
60
AM1DR-2405SH30Z
21.6-26.4
5
200
3000
220
65
AM1DR-2407SH30Z
21.6-26.4
7.2
138
3000
220
65
AM1DR-2409SH30Z
21.6-26.4
9
111
3000
220
68
AM1DR-2412SH30Z
21.6-26.4
12
84
3000
220
70
AM1DR-2415SH30Z
21.6-26.4
15
67
3000
220
70
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
12
24
4.5-5.5
10.8-13.2
21.6-26.4
VDC
Filter
Capacitor
Turn on Transient process time
100
ms
Start up time
200
ms


Similar Part No. - AM1DR-2403SH30Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1DR-2403SH30 AIMTEC-AM1DR-2403SH30 Datasheet
233Kb / 2P
   1 watt dc-dc converters
More results

Similar Description - AM1DR-2403SH30Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com