Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT24C02A-UDR-B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FT24C02A-UDR-B
Description  The FT24C02A is 2048 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM.
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT24C02A-UDR-B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FT24C02A-UDR-B Datasheet HTML 2Page - List of Unclassifed Manufacturers FT24C02A-UDR-B Datasheet HTML 3Page - List of Unclassifed Manufacturers FT24C02A-UDR-B Datasheet HTML 4Page - List of Unclassifed Manufacturers FT24C02A-UDR-B Datasheet HTML 5Page - List of Unclassifed Manufacturers FT24C02A-UDR-B Datasheet HTML 6Page - List of Unclassifed Manufacturers FT24C02A-UDR-B Datasheet HTML 7Page - List of Unclassifed Manufacturers FT24C02A-UDR-B Datasheet HTML 8Page - List of Unclassifed Manufacturers FT24C02A-UDR-B Datasheet HTML 9Page - List of Unclassifed Manufacturers FT24C02A-UDR-B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
FT24C02A
DEVICE ADDRESSING
The 2-wire serial bus protocol mandates an 8 bits device address word after a START bit condition to
invoke valid read or write command. The first four most significant bits of the device address must be 1010,
which is common to all serial EEPROM devices. The next three bits are device address bits. These three
device address bits (5
th, 6th and 7th) are to match with the external chip select/address pin states. If a
match is made, the EEPROM device outputs an ACKNOWLEDGE signal after the 8
th read/write bit,
otherwise the chip will go into STANDBY mode.
However, matching are not be done for “-5xx” version chips. This three device address bits are not cared
and could be coded from 000 (b) to 111 (b). Only one FT24C02A device can be used on the on 2-wire bus.
If a match is made, the EEPROM device outputs an ACKNOWLEDGE signal after the 8
th read/write bit,
otherwise the chip will go into STANDBY mode.
The last or 8
th bit is a read/write command bit. If the 8th bit is at VIH then the chip goes into read mode. If a
“0” is detected, the device enters programming mode.
WRITE OPERATIONS
(A) BYTE WRITE
A byte write operation starts when a micro-controller sends a START bit condition, follows by a proper
EEPROM device address and then a write command. If the device address bits match the chip select
address, the EEPROM device will acknowledge at the 9
th clock cycle. The micro-controller will then
send the rest of the lower 8 bits word address. At the 18
th cycle, the EEPROM will acknowledge the
8-bit address word.
The micro-controller will then transmit the 8 bit data. Following an
ACKNOWLDEGE signal from the EEPROM at the 27
th clock cycle, the micro-controller will issue a
STOP bit. After receiving the STOP bit, the EEPROM will go into a self-timed programming mode
during which all external inputs will be disabled.
After a programming time of TWC, the byte
programming will finish and the EEPROM device will return to the STANDBY mode.
(B) PAGE WRITE
A page write is similar to a byte write with the exception that one to sixteen bytes can be programmed
along the same page or memory row. All FT24C02A are organized to have 16 bytes per memory row
or page.
With the same write command as the byte write, the micro-controller does not issue a STOP bit after
sending the 1
st byte data and receiving the ACKNOWLEDGE signal from the EEPROM on the 27th
clock cycle. Instead it sends out a second 8-bit data word, with the EEPROM acknowledging at the
36
th cycle. This data sending and EEPROM acknowledging cycle repeats until the micro-controller
sends a STOP bit after the n × 9
th clock cycle. After which the EEPROM device will go into a self-
timed partial or full page programming mode. After the page programming completes after a time of
TWC, the devices will return to the STANDBY mode.
The least significant 4 bits of the word address (column address) increments internally by one after
receiving each data word. The rest of the word address bits (row address) do not change internally,
but pointing to a specific memory row or page to be programmed. The first page write data word can
be of any column address. Up to 16 data words can be loaded into a page. If more then 16 data
DS3011B-page
6
© 2009 Fremont Micro Devices Inc.


Similar Part No. - FT24C02A-UDR-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT24C04A-ULR-T ETC2-FT24C04A-ULR-T Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
FT24C04A-USR-T ETC2-FT24C04A-USR-T Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
FT24C08A-UDG-B ETC2-FT24C08A-UDG-B Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
FT24C08A-UDG-B ETC2-FT24C08A-UDG-B Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
FT24C08A-UDR-B ETC2-FT24C08A-UDR-B Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
More results

Similar Description - FT24C02A-UDR-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24C04A ETC2-24C04A Datasheet
322Kb / 20P
   The FT24C04A/08A/16A series are 4096/8192/16384 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM. They are organized as 512/1024/2048 words of 8 bits (1 byte) each.
logo
SHANGHAI BELLING CO., L...
BL93C46 BELLING-BL93C46 Datasheet
384Kb / 12P
   The BL93C46 provides 1024 bits of serial electrically erasable programmable read only memory
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
logo
Texas Instruments
TMS87C257 TI-TMS87C257 Datasheet
333Kb / 9P
[Old version datasheet]   Erasable programmable read-only memory
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com