Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD18503Q5A Datasheet(PDF) 2 Page - Texas Instruments

Part # CSD18503Q5A
Description  The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18503Q5A Datasheet(HTML) 2 Page - Texas Instruments

  CSD18503Q5A_12 Datasheet HTML 1Page - Texas Instruments CSD18503Q5A_12 Datasheet HTML 2Page - Texas Instruments CSD18503Q5A_12 Datasheet HTML 3Page - Texas Instruments CSD18503Q5A_12 Datasheet HTML 4Page - Texas Instruments CSD18503Q5A_12 Datasheet HTML 5Page - Texas Instruments CSD18503Q5A_12 Datasheet HTML 6Page - Texas Instruments CSD18503Q5A_12 Datasheet HTML 7Page - Texas Instruments CSD18503Q5A_12 Datasheet HTML 8Page - Texas Instruments CSD18503Q5A_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CSD18503Q5A
SLPS358B – JUNE 2012 – REVISED NOVEMBER 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain to Source Voltage
VGS = 0V, ID = 250μA
40
V
IDSS
Drain to Source Leakage Current
VGS = 0V, VDS = 32V
1
μA
IGSS
Gate to Source Leakage Current
VDS = 0V, VGS = 20V
100
nA
VGS(th)
Gate to Source Threshold Voltage
VDS = VGS, ID = 250μA
1.5
1.8
2.3
V
VGS = 4.5V, ID = 22A
4.7
6.2
m
RDS(on)
Drain to Source On Resistance
VGS = 10V, ID = 22A
3.4
4.3
m
gfs
Transconductance
VDS = 20V, ID = 22A
100
S
Dynamic Characteristics
Ciss
Input Capacitance
2200
2640
pF
Coss
Output Capacitance
VGS = 0V, VDS = 20V, f = 1MHz
510
612
pF
Crss
Reverse Transfer Capacitance
13
16
pF
RG
Series Gate Resistance
1.2
2.4
Qg
Gate Charge Total (4.5V)
13
16
nC
Qg
Gate Charge Total (10V)
27
32
Qgd
Gate Charge Gate to Drain
VDS = 20V, ID = 22A
4.3
nC
Qgs
Gate Charge Gate to Source
4.5
nC
Qg(th)
Gate Charge at Vth
3.8
nC
Qoss
Output Charge
VDS = 20V, VGS = 0V
30
nC
td(on)
Turn On Delay Time
4.5
ns
tr
Rise Time
8.8
ns
VDS = 20V, VGS = 10V,
IDS = 22A, RG = 0
td(off)
Turn Off Delay Time
15
ns
tf
Fall Time
2.6
ns
Diode Characteristics
VSD
Diode Forward Voltage
ISD = 22A, VGS = 0V
0.8
1
V
Qrr
Reverse Recovery Charge
52
nC
VDS= 20V, IF = 22A,
di/dt = 300A/
μs
trr
Reverse Recovery Time
37
ns
THERMAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Thermal Resistance Junction to Case(1)
1
°C/W
RθJA
Thermal Resistance Junction to Ambient(1)(2)
50
°C/W
(1)
RθJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu pad on a 1.5-inch × 1.5-inch (3.81-cm ×
3.81-cm), 0.06-inch (1.52-mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: CSD18503Q5A


Similar Part No. - CSD18503Q5A_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18503Q5A TI1-CSD18503Q5A_16 Datasheet
380Kb / 13P
[Old version datasheet]   40V N-Channel NexFET Power MOSFET
More results

Similar Description - CSD18503Q5A_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16408Q5C TI1-CSD16408Q5C_10 Datasheet
340Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16408Q5 TI1-CSD16408Q5_11 Datasheet
323Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18504Q5A TI1-CSD18504Q5A_12 Datasheet
745Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18531Q5A TI1-CSD18531Q5A_12 Datasheet
1Mb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16407Q5C TI1-CSD16407Q5C_10 Datasheet
345Kb / 11P
[Old version datasheet]   ID The NexFET??power MOSFET has been designed to minimize losses in power conversion applications.
CSD17302Q5A TI1-CSD17302Q5A_10 Datasheet
521Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD16340Q3 TI1-CSD16340Q3_11 Datasheet
392Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion and optimized for 5V gate drive applications.
CSD17304Q3 TI1-CSD17304Q3_10 Datasheet
532Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications and optimized for 5V gate drive applications.
CSD17305Q5A TI1-CSD17305Q5A_10 Datasheet
510Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD17522Q5A TI1-CSD17522Q5A_11 Datasheet
635Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com