Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM450DY-24S Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # CM450DY-24S
Description  Powerex Dual IGBTMOD Modules are designed for use in switching applications.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM450DY-24S Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CM450DY-24S Datasheet HTML 1Page - Powerex Power Semiconductors CM450DY-24S Datasheet HTML 2Page - Powerex Power Semiconductors CM450DY-24S Datasheet HTML 3Page - Powerex Power Semiconductors CM450DY-24S Datasheet HTML 4Page - Powerex Power Semiconductors CM450DY-24S Datasheet HTML 5Page - Powerex Power Semiconductors CM450DY-24S Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272
www.pwrx.com
Dual IGBTMOD™
S-Series Module
450 Amperes/1200 Volts
CM450DY-24S
1
09/11 Rev. 1
Outline Drawing and Circuit Diagram
Dimensions
Inches
Millimeters
A
4.33
110.0
B
3.15
80.0
C
1.14+0.04/-0.02 29.0+1.0/-0.5
D
3.66±0.01
93.0±0.25
E
2.44±0.01
62.0±0.25
F
0.98
25.0
G
0.24
6.0
H
0.59
15.0
J
0.81
20.5
K
0.55
14.0
L
0.26 Dia.
Dia. 6.5
M
M6 Metric
M6
Dimensions
Inches
Millimeters
N
1.18
30.0
P
0.71
18.0
Q
0.28
7.0
R
0.83
21.2
S
0.33
8.5
T
0.0157
0.4
U
0.110
2.8
V
0.16
4.0
W
0.30
7.5
X
0.21
5.3
Y
0.47
12.0
Z
0.85
21.5
A
W
F
F
N J
G
G
H
E
B
L
(4 PLACES)
D
M
(3 PLACES)
K
K
K
P
P
P
Q
Q
V
Z
Y
X
V
U
C
S
R
C2E1
E2
C1
G2
E2
E1
G1
G2
E2
E1
G1
C1
E2
C2E1
Tr2
Di2
Tr1
Di1
LABEL
Tolerance Otherwise Specified
Division of Dimension
Tolerance
0.5 to
3
±0.2
over
3
to
6
±0.3
over
6
to
30
±0.5
over
30
to 120
±0.8
over 120
to 400
±1.2
Description:
Powerex Dual IGBTMOD™
Modules are designed for use in
switching applications. Each
module consists of two IGBT
Transistors in a half-bridge
configuration with each transistor
having a reverse-connected
super-fast recovery free-wheel
diode. All components and
interconnects are isolated from the
heat sinking baseplate, offering
simplified system assembly and
thermal management.
Features:
£ Low Drive Power
£ Low VCE(sat)
£ Discrete Super-Fast Recovery
Free-Wheel Diode
£ Isolated Baseplate for Easy
Heat Sinking
Applications:
£ AC Motor Control
£ Motion/Servo Control
£ UPS
£ Welding Power Supplies
£ Laser Power Supplies
Ordering Information:
Example: Select the complete
module number you desire from
the table - i.e. CM450DY-24S is a
1200V (VCES), 450 Ampere Dual
IGBTMOD™ Power Module.
Current Rating
VCES
Type
Amperes
Volts (x 50)
CM
450
24


Similar Part No. - CM450DY-24S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM450DY-24S MITSUBISHI-CM450DY-24S Datasheet
589Kb / 9P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM450DY-24S

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM800DY-24S POWEREX-CM800DY-24S Datasheet
490Kb / 6P
   Powerex Dual IGBTMOD Modules are designed for use in switching applications.
CM300DY-24S POWEREX-CM300DY-24S Datasheet
1Mb / 9P
   Powerex Dual IGBT Modules are designed for use in switching applications.
CM600DY-24S POWEREX-CM600DY-24S Datasheet
1Mb / 9P
   Powerex Dual IGBT Modules are designed for use in switching applications.
QR_1210T30 POWEREX-QR_1210T30 Datasheet
584Kb / 3P
   Powerex Fast Recovery Diode Modules are designed for use in applications requiring fast switching
logo
Advanced Crystal Techno...
ACTF139 ACT-ACTF139 Datasheet
141Kb / 4P
   Designed for use in pager applications
SEPT 04
logo
Yea Shin Technology Co....
MUR120 YEASHIN-MUR120 Datasheet
57Kb / 3P
   designed for use in switching power supplies
logo
Skyworks Solutions Inc.
DSG9500-000 SKYWORKS-DSG9500-000_09 Datasheet
339Kb / 1P
   Designed for switching applications
DSM8100-000 SKYWORKS-DSM8100-000_08 Datasheet
107Kb / 5P
   Designed for switching applications
logo
Shanghai Leiditech Elec...
L1000LVF LEIDITECH-L1000LVF Datasheet
381Kb / 2P
   Designed for use in line voltage applications and permitting
logo
Nuvotem Talema
W83977EG-AW TALEMA-W83977EG-AW Datasheet
1Mb / 142P
   These products are not designed for use in life support appliances
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com