Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWU6616P9 Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # AWU6616P9
Description  HELP3E Dual-band 1 & 5, 6 CDMA/WCDMA 3.4 V Linear Power Amplifier Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWU6616P9 Datasheet(HTML) 6 Page - ANADIGICS, Inc

Back Button AWU6616P9 Datasheet HTML 2Page - ANADIGICS, Inc AWU6616P9 Datasheet HTML 3Page - ANADIGICS, Inc AWU6616P9 Datasheet HTML 4Page - ANADIGICS, Inc AWU6616P9 Datasheet HTML 5Page - ANADIGICS, Inc AWU6616P9 Datasheet HTML 6Page - ANADIGICS, Inc AWU6616P9 Datasheet HTML 7Page - ANADIGICS, Inc AWU6616P9 Datasheet HTML 8Page - ANADIGICS, Inc AWU6616P9 Datasheet HTML 9Page - ANADIGICS, Inc AWU6616P9 Datasheet HTML 10Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Data Sheet - Rev 2.3
02/2012
AWU6616
Table 6: Electrical Specifications - WCDMA Operation (Band 1)
(TC = +25 °C, VBATT = VCC = +3.4 V, VEN_PCS = +1.8 V, 50 Ω system, R99 uplink waveform)
Notes:
(1) ACPRs and Efficiency limits at 1950 MHz.
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
POUT
VMODE1
VMODE2
Gain
24
12
7
26.5
14.5
10
30
18
13
dB
+28.1 dBm
+16.5 dBm
+8 dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
ACLR1 @ 5 MHz Offset (1)
-
-
-
-41
-41
-43
-37
-36
-36
dBc
+28.1 dBm
+16.5 dBm
+8 dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
ACLR2 @ 10 MHz Offset (1)
-
-
-
-55
-56
-55
-48
-48
-48
dBc
+28.1 dBm
+16.5 dBm
+8 dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
Power-Added Efficiency (1)
33
20
6
37
24
8.5
-
-
-
%
+28.1 dBm
+16.5 dBm
+8 dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
Quiescent Current (Icq)
-
4
7
mA
through VBATT and VCC pins,
VMODE1 = +1.8 V, VMODE2 =+1.8 V
Mode Control Current
-
0.1
0.2
mA
tthrough VMODE pins, VMODE1= +1.8 V
VMODE2 = +1.8 V
Battery Current
-
1.4
3
mA
through VBATT pin, VMODE1 = +1.8 V,
VMODE2 = +1.8 V
Enable Current
-
0.15
0.3
mA
through VEN_IMT pin
HBT Leakage Current on VCC
(Shutdown Mode)
-
<1
5
A
VBATT = +4.2 V, VCC = +4.2 V,
VEN_IMT = 0 V, VMODE1 = 0 V, VMODE2 = 0 V
Total Decoder Current on
VBATT (Shutdown Mode)
-
14
22
A
VBATT = +4.2 V, VCC = +4.2 V,
VEN_IMT = 0 V, VMODE1 = 0 V, VMODE2 = 0 V
Noise in Receive Band
-
-136
-134
dBm/Hz 2110 MHz to 2170 MHz
Harmonics
2fo
3fo, 4fo
-
-
-42
-50
-30
-38
dBc
POUT < +28.1 dBm
Input Impedance
-
-
2:1
VSWR
Coupling Factor
-
23
-
dB
Spurious Output Level
(all spurious outputs)
-
-
-65
dBc
POUT < +28.1 dBm
In-band Load VSWR < 5:1
Out-of-band Load VSWR < 10:1
Applies over all operating conditions
Load mismatch stress with no
permanent degradation or
failure
8:1
-
-
VSWR Applies over full operating conditions


Similar Part No. - AWU6616P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWU6615 ANADIGICS-AWU6615 Datasheet
776Kb / 9P
   HELP3E Dual-band Cell & PCS WCDMA 3.4 V Linear Power Amplifier Module
AWU6615RM47P9 ANADIGICS-AWU6615RM47P9 Datasheet
776Kb / 9P
   HELP3E Dual-band Cell & PCS WCDMA 3.4 V Linear Power Amplifier Module
AWU6615RM47Q7 ANADIGICS-AWU6615RM47Q7 Datasheet
776Kb / 9P
   HELP3E Dual-band Cell & PCS WCDMA 3.4 V Linear Power Amplifier Module
AWU6618 ANADIGICS-AWU6618 Datasheet
872Kb / 10P
   HELP3E Dual-band IMT & EGSM WCDMA 3.4 V Linear Power Amplifier Module
AWU6618RM47P9 ANADIGICS-AWU6618RM47P9 Datasheet
872Kb / 10P
   HELP3E Dual-band IMT & EGSM WCDMA 3.4 V Linear Power Amplifier Module
More results

Similar Description - AWU6616P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWU6615 ANADIGICS-AWU6615 Datasheet
776Kb / 9P
   HELP3E Dual-band Cell & PCS WCDMA 3.4 V Linear Power Amplifier Module
AWU6618 ANADIGICS-AWU6618 Datasheet
872Kb / 10P
   HELP3E Dual-band IMT & EGSM WCDMA 3.4 V Linear Power Amplifier Module
AWC6325 ANADIGICS-AWC6325 Datasheet
895Kb / 11P
   HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
ALT6725 ANADIGICS-ALT6725 Datasheet
881Kb / 13P
   HELP3E Dual-band Cellular & PCS LTE 3.4 V Linear Power Amplifier Module
AWT6321 ANADIGICS-AWT6321 Datasheet
422Kb / 8P
   HELP2TM Dual-band Cellular/PCS CDMA 3.4 V Linear Power Amplifier Module
AWT6310R ANADIGICS-AWT6310R_08 Datasheet
380Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6314R ANADIGICS-AWT6314R_08 Datasheet
388Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWC6323 ANADIGICS-AWC6323 Datasheet
608Kb / 11P
   HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWT6310R ANADIGICS-AWT6310R Datasheet
158Kb / 12P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6314R ANADIGICS-AWT6314R Datasheet
166Kb / 12P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com