Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWT6638 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWT6638
Description  HELP3DC (Band 8) LTE/WCDMA Linear PA Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6638 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWT6638 Datasheet HTML 1Page - ANADIGICS, Inc AWT6638 Datasheet HTML 2Page - ANADIGICS, Inc AWT6638 Datasheet HTML 3Page - ANADIGICS, Inc AWT6638 Datasheet HTML 4Page - ANADIGICS, Inc AWT6638 Datasheet HTML 5Page - ANADIGICS, Inc AWT6638 Datasheet HTML 6Page - ANADIGICS, Inc AWT6638 Datasheet HTML 7Page - ANADIGICS, Inc AWT6638 Datasheet HTML 8Page - ANADIGICS, Inc AWT6638 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
02/2012
AWT6638
HELP3DCTM (Band 8)
LTE/WCDMA Linear PA Module
PRELIMINARY DATA SHEET - Rev 1.3
10 Pin 3 mm x 3 mm x 1 mm
Surface Mount Module
Figure 1: Block Diagram
FEATURES
• WCDMA/HSPA, LTE Compliant
• 3rd generation HELPTM Technology
• HighEfficiency:(R99waveform)
•40%@POUT = +28.5 dBm
•22%@POUT = +17 dBm
• SimplerCalibrationwithonly2BiasModes
• Optimized for SMPS Supply
• LowQuiescentCurrent:9mA
• LowLeakageCurrentinShutdownMode:<5µA
• InternalVoltageRegulator
• Integrated“daisychainable”directionalcouplers
withCPLIN and CPLOUTPorts
• Optimizedfora50ΩSystem
• LowProfileMiniatureSurfaceMountPackage
• InternalDCblocksIN/OUTRFports
• 1.8 V Control Logic
• RoHSCompliantPackage,260oC MSL-3
APPLICATIONS
• WCDMA/HSPA/LTE900MHzBandWireless
HandsetsandDataDevices
PRODUCT DESCRIPTION
TheAWT6638PAisdesignedtoprovidehighlylinear
output for WCDMA and LTE handsets and data
deviceswithhighefficiencyatbothhighandlowpower
modes.ThisHELP3DCTMPAcanbeusedwithan
externalswitchmodepowersupply(SMPS)toimprove
itsefficiencyandreducecurrentconsumptionfurther
atmediumandlowoutputpowers.A“daisychainable”
directionalcouplerisintegratedinthemodulethus
eliminating the need of external couplers. The
deviceismanufacturedonanadvancedInGaPHBT
MMIC technology offering state-of-the-art reliability,
temperaturestability,andruggedness.Therearetwo
selectable bias modes that optimize efficiency for
differentoutputpowerlevels,andashutdownmode
withlowleakagecurrent,whichincreaseshandsettalk
andstandbytime.Theself-contained3mmx3mmx
1mmsurfacemountpackageincorporatesmatching
networksoptimizedforoutputpower,efficiency,and
linearityina50Ωsystem.
AWT6638
1
2
3
4
5
10
9
8
7
6
VBATT
RFIN
VMODE2 (N/C)
VMODE1
VEN
CPLOUT
GND
CPLIN
RFOUT
VCC
Bias Control
Voltage Regulation
CPL
GND at Slug (pad)


Similar Part No. - AWT6638

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6631 ANADIGICS-AWT6631 Datasheet
765Kb / 19P
   HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
AWT6631P9 ANADIGICS-AWT6631P9 Datasheet
765Kb / 19P
   HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
AWT6631Q7 ANADIGICS-AWT6631Q7 Datasheet
765Kb / 19P
   HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
AWT6632 ANADIGICS-AWT6632 Datasheet
861Kb / 14P
   HELP3DC UMTS1900 (Band 2) LTE/WCDMA/CDMA Linear PA Module
AWT6632P9 ANADIGICS-AWT6632P9 Datasheet
861Kb / 14P
   HELP3DC UMTS1900 (Band 2) LTE/WCDMA/CDMA Linear PA Module
More results

Similar Description - AWT6638

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6632 ANADIGICS-AWT6632 Datasheet
861Kb / 14P
   HELP3DC UMTS1900 (Band 2) LTE/WCDMA/CDMA Linear PA Module
AWT6634 ANADIGICS-AWT6634 Datasheet
845Kb / 14P
   HELP3DC UMTS1700 (Band 4 & 9) LTE/WCDMA/CDMA Linear PA Module
AWT6635 ANADIGICS-AWT6635 Datasheet
882Kb / 14P
   HELP3DCTM (Band 5) LTE/WCDMA/CDMA Linear PA Module
AWT6631 ANADIGICS-AWT6631 Datasheet
765Kb / 19P
   HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
logo
RF Micro Devices
RF7413 RFMD-RF7413 Datasheet
573Kb / 7P
   3V WCDMA BAND 3 LINEAR PA MODULE
logo
Qorvo, Inc
RF7411 QORVO-RF7411 Datasheet
573Kb / 7P
   3V WCDMA BAND 1 LINEAR PA MODULE
logo
RF Micro Devices
RF7411 RFMD-RF7411 Datasheet
573Kb / 7P
   3V WCDMA BAND 1 LINEAR PA MODULE
logo
ANADIGICS, Inc
ALT6708 ANADIGICS-ALT6708 Datasheet
691Kb / 11P
   HELP4 UMTS900 (Band 8) WCDMA, LTE Linear PAM
logo
RF Micro Devices
RF7317A RFMD-RF7317A Datasheet
205Kb / 2P
   3V LTE BAND 17 LINEAR PA MODULE
logo
Qorvo, Inc
RF7320 QORVO-RF7320 Datasheet
199Kb / 2P
   3V LTE Band 20 Linear PA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com