Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWT6632 Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # AWT6632
Description  HELP3DC UMTS1900 (Band 2) LTE/WCDMA/CDMA Linear PA Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6632 Datasheet(HTML) 6 Page - ANADIGICS, Inc

Back Button AWT6632 Datasheet HTML 2Page - ANADIGICS, Inc AWT6632 Datasheet HTML 3Page - ANADIGICS, Inc AWT6632 Datasheet HTML 4Page - ANADIGICS, Inc AWT6632 Datasheet HTML 5Page - ANADIGICS, Inc AWT6632 Datasheet HTML 6Page - ANADIGICS, Inc AWT6632 Datasheet HTML 7Page - ANADIGICS, Inc AWT6632 Datasheet HTML 8Page - ANADIGICS, Inc AWT6632 Datasheet HTML 9Page - ANADIGICS, Inc AWT6632 Datasheet HTML 10Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
DATA SHEET - Rev 2.1
02/2012
AWT6632
Table 6: Electrical Specifications - CDMA Operation (CDMA 2000, RC-1)
(TC = +25 °C, VCC = VBATT = +3.4 V, VENABLE = +1.8 V, 50 Ω system)
Notes:
(1) ACPR and Efficiency measured at 1880 MHz.
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
POUT
VMODE1
Gain
24
12
26
14
28
16
dB
+28.2 dBm
+15.75 dBm
0 V
1.8 V
Adjacent Channel Power
at +1.25 MHz offset (1)
Primary Channel BW = 1.23 MHz
Adjacent Channel BW = 30 kHz
-
-
-50
-50
-46
-46
dBc
+28.2 dBm
+15.75 dBm
0 V
1.8 V
Adjacent Channel Power
at + 1.98 MHz offset (1)
Primary Channel = 1.23 MHz
Adjacent Channel = 30 kHz
-
-
-55
-60
-51
-56
dBc
+28.2 dBm
+15.75 dBm
0 V
1.8 V
Power-Added Efficiency (1)
-
-
37
20
-
-
%
+28.2 dBm
+15.75 dBm
0 V
1.8 V
Spurious Output Level
(all spurious outputs)
--
<-70
dBc
POUT < +28.2 dBm
In-band load VSWR < 5:1
Out-of-band load VSWR < 10:1
Applies over all operating ranges
Load mismatch stress with no
permanent degradation or failure
8:1-
-VSWRApplies over full operating range


Similar Part No. - AWT6632

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6631 ANADIGICS-AWT6631 Datasheet
765Kb / 19P
   HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
AWT6631P9 ANADIGICS-AWT6631P9 Datasheet
765Kb / 19P
   HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
AWT6631Q7 ANADIGICS-AWT6631Q7 Datasheet
765Kb / 19P
   HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
AWT6634 ANADIGICS-AWT6634 Datasheet
845Kb / 14P
   HELP3DC UMTS1700 (Band 4 & 9) LTE/WCDMA/CDMA Linear PA Module
AWT6634P9 ANADIGICS-AWT6634P9 Datasheet
845Kb / 14P
   HELP3DC UMTS1700 (Band 4 & 9) LTE/WCDMA/CDMA Linear PA Module
More results

Similar Description - AWT6632

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6638 ANADIGICS-AWT6638 Datasheet
814Kb / 13P
   HELP3DC (Band 8) LTE/WCDMA Linear PA Module
AWT6634 ANADIGICS-AWT6634 Datasheet
845Kb / 14P
   HELP3DC UMTS1700 (Band 4 & 9) LTE/WCDMA/CDMA Linear PA Module
AWT6635 ANADIGICS-AWT6635 Datasheet
882Kb / 14P
   HELP3DCTM (Band 5) LTE/WCDMA/CDMA Linear PA Module
logo
RF Micro Devices
RF7252 RFMD-RF7252 Datasheet
167Kb / 2P
   3V CDMA/WCDMA BAND 2 LINEAR PA MODULE
logo
ANADIGICS, Inc
AWT6631 ANADIGICS-AWT6631 Datasheet
765Kb / 19P
   HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
AWT6622 ANADIGICS-AWT6622 Datasheet
648Kb / 11P
   HELP4 UMTS1900 (Band 2) CDMA/WCDMA 28.6 dBm Linear PAM
logo
Qorvo, Inc
RF7303 QORVO-RF7303 Datasheet
205Kb / 2P
   3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
logo
RF Micro Devices
RF7303 RFMD-RF7303 Datasheet
205Kb / 2P
   3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
RF7222 RFMD-RF7222 Datasheet
456Kb / 7P
   3V W-CDMA BAND 2 LINEAR PA MODULE
RF7413 RFMD-RF7413 Datasheet
573Kb / 7P
   3V WCDMA BAND 3 LINEAR PA MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com