Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWT6622RM45Q7 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AWT6622RM45Q7
Description  HELP4 UMTS1900 (Band 2) CDMA/WCDMA 28.6 dBm Linear PAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6622RM45Q7 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AWT6622RM45Q7 Datasheet HTML 1Page - ANADIGICS, Inc AWT6622RM45Q7 Datasheet HTML 2Page - ANADIGICS, Inc AWT6622RM45Q7 Datasheet HTML 3Page - ANADIGICS, Inc AWT6622RM45Q7 Datasheet HTML 4Page - ANADIGICS, Inc AWT6622RM45Q7 Datasheet HTML 5Page - ANADIGICS, Inc AWT6622RM45Q7 Datasheet HTML 6Page - ANADIGICS, Inc AWT6622RM45Q7 Datasheet HTML 7Page - ANADIGICS, Inc AWT6622RM45Q7 Datasheet HTML 8Page - ANADIGICS, Inc AWT6622RM45Q7 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Data Sheet - Rev 2.4
01/2012
AWT6622
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent damage.
Functional operation is not implied under these conditions. Exposure
to absolute ratings for extended periods of time may adversely affect
reliability.
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric performance is guaranteed only
overtheconditionsdefinedintheelectricalspecifications.
PARAMETER
MIN
MAX
UNIT
SupplyVoltage(VCC)
0
+5
V
Battery Voltage (VBATT)
0
+6
V
ControlVoltages(VMODE1, VMODE2, VEN)
0
+3.5
V
RFInputPower(PIN)
-
+10
dBm
StorageTemperature(TSTG)
-40
+150
°C
Notes:
(1) For operation AT +3.2 V, POUT is derated by 0.5 dB.
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
OperatingFrequency(f)
1850
-
1910
MHz
SupplyVoltage(VCC)
+3.2
+3.4
+4.2
V
POUT < +28.6 dBm
EnableVoltage(VEN)
+1.35
0
+1.8
-
+3.1
+0.5
V
PA "on"
PA"shutdown"
Mode Control Voltage (VMODE1,VMODE2)
+1.35
0
+1.8
-
+3.1
+0.5
V
LowBiasMode
HighBiasMode
WCDMAOutputPower
R99, HPM
HSPA (MPR=0), HPM
R99, MPM
HSPA (MPR=0), MPM
R99, LPM
HSPA (MPR=0), LPM
28.1(1)
27.1(1)
17
16
7.5(1)
6
28.6
27.6
17
16
8
6
-
-
-
-
-
-
dBm
3GPPTS34.121-1,Rel8
TableC.11.1.3,Subtest1
CDMAOutputPower
CDMA2000, HPM
CDMA2000, MPM
CDMA2000, LPM
27.6(1)
16
6.5(1)
28.1
16
7
-
-
-
dBm
CDMA2000, RC-1
CaseTemperature(TC)
-30
-
+90
°C


Similar Part No. - AWT6622RM45Q7

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6624 ANADIGICS-AWT6624 Datasheet
645Kb / 11P
   Multi-Mode HELP4TM UMTS1700 (Band 49310) WCDMA/CDMA Linear PAM
AWT6624RM45P9 ANADIGICS-AWT6624RM45P9 Datasheet
645Kb / 11P
   Multi-Mode HELP4TM UMTS1700 (Band 49310) WCDMA/CDMA Linear PAM
AWT6624RM45Q7 ANADIGICS-AWT6624RM45Q7 Datasheet
645Kb / 11P
   Multi-Mode HELP4TM UMTS1700 (Band 49310) WCDMA/CDMA Linear PAM
AWT6625A ANADIGICS-AWT6625A Datasheet
752Kb / 10P
   HELP4 UMTS800 (Band 5) WCDMA, CDMA Multimode PAM
AWT6625ARM45P9 ANADIGICS-AWT6625ARM45P9 Datasheet
752Kb / 10P
   HELP4 UMTS800 (Band 5) WCDMA, CDMA Multimode PAM
More results

Similar Description - AWT6622RM45Q7

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6625A ANADIGICS-AWT6625A Datasheet
752Kb / 10P
   HELP4 UMTS800 (Band 5) WCDMA, CDMA Multimode PAM
AWT6628A ANADIGICS-AWT6628A Datasheet
548Kb / 10P
   HELP4 UMTS900 (Band 8) WCDMA Linear PAM
ALT6701 ANADIGICS-ALT6701 Datasheet
769Kb / 12P
   HELP4 UMTS2100 (Band 1) LTE, WCDMA, CDMA Multimode PAM
ALT6702 ANADIGICS-ALT6702 Datasheet
794Kb / 12P
   HELP4 UMTS PCS (Band 2) LTE/WCDMA/CDMA Multi-Mode PAM
ALT6708 ANADIGICS-ALT6708 Datasheet
691Kb / 11P
   HELP4 UMTS900 (Band 8) WCDMA, LTE Linear PAM
ALT6704 ANADIGICS-ALT6704 Datasheet
725Kb / 12P
   HELP4 UMTS1700 (Band 3,4,9,10) WCDMA/LTE/CDMA Mixed Mode PAM
AWT6632 ANADIGICS-AWT6632 Datasheet
861Kb / 14P
   HELP3DC UMTS1900 (Band 2) LTE/WCDMA/CDMA Linear PA Module
ALT6720 ANADIGICS-ALT6720 Datasheet
752Kb / 9P
   HELP4 E800 (Band 20) LTE Linear PAM
AWT6631 ANADIGICS-AWT6631 Datasheet
765Kb / 19P
   HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
ALT6705 ANADIGICS-ALT6705 Datasheet
696Kb / 12P
   HELP4 UMTS800 (Bands 5, 6, 18, 19, & 26) LTE, WCDMA, CDMA Multimode PAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com