Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARA05050RS12P1 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # ARA05050RS12P1
Description  Reverse Amplifier with Step Attenuator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA05050RS12P1 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  ARA05050RS12P1 Datasheet HTML 1Page - ANADIGICS, Inc ARA05050RS12P1 Datasheet HTML 2Page - ANADIGICS, Inc ARA05050RS12P1 Datasheet HTML 3Page - ANADIGICS, Inc ARA05050RS12P1 Datasheet HTML 4Page - ANADIGICS, Inc ARA05050RS12P1 Datasheet HTML 5Page - ANADIGICS, Inc ARA05050RS12P1 Datasheet HTML 6Page - ANADIGICS, Inc ARA05050RS12P1 Datasheet HTML 7Page - ANADIGICS, Inc ARA05050RS12P1 Datasheet HTML 8Page - ANADIGICS, Inc ARA05050RS12P1 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Data Sheet - Rev 2.7
04/2012
ARA05050
figure 2: functional Block diagram
figure 3: pinout
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
N/C
ISET1
N/C
ATTACG1
ATTOUT
VREF1
RFOUT1
ATTIN
16 dB
VATT
8 dB
RFIN
N/C
VREF2
ISET2
GND
Bypass
RFOUT2
ATTACG2
RFIN2
ATTACG1
ATTACG1
ATTACG1
ATTACG2
ATTACG2
ATTACG2
2 dB
4 dB
RF
IN
RF
OUT2
I
SET2
I
SET1
16 dB
2 dB
4 dB
8 dB
RF
IN2
RF
OUT1
ATT
OUT
ATT
IN
A1
A2
30 dB, 2dBstep digital attenuator section


Similar Part No. - ARA05050RS12P1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA05050RS12P1 ANADIGICS-ARA05050RS12P1 Datasheet
551Kb / 16P
   Reverse Amplifier with Step Attenuator
logo
Skyworks Solutions Inc.
ARA05050RS12P1 SKYWORKS-ARA05050RS12P1 Datasheet
2Mb / 16P
   Reverse Amplifier with Step Attenuator
More results

Similar Description - ARA05050RS12P1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA1400 ANADIGICS-ARA1400 Datasheet
284Kb / 12P
   Reverse Amplifier with Step Attenuator
ARA2004 ANADIGICS-ARA2004 Datasheet
264Kb / 20P
   Reverse Amplifier with Step Attenuator
ARA2008 ANADIGICS-ARA2008 Datasheet
115Kb / 8P
   Reverse Amplifier with Step Attenuator
ARA05050 ANADIGICS-ARA05050 Datasheet
551Kb / 16P
   Reverse Amplifier with Step Attenuator
ARA2005 ANADIGICS-ARA2005 Datasheet
227Kb / 16P
   Reverse Amplifier with Step Attenuator
logo
Skyworks Solutions Inc.
ARA05050 SKYWORKS-ARA05050 Datasheet
2Mb / 16P
   Reverse Amplifier with Step Attenuator
logo
ANADIGICS, Inc
ARA1400S12 ANADIGICS-ARA1400S12 Datasheet
393Kb / 8P
   CATV Reverse Amplifier with step Attenuator
ARA2000S23 ANADIGICS-ARA2000S23 Datasheet
277Kb / 16P
   CATV Reverse Amplifier with step Attenuator
ARA2001S23 ANADIGICS-ARA2001S23 Datasheet
274Kb / 16P
   CATV Reverse Amplifier with step Attenuator
ARA3000S23 ANADIGICS-ARA3000S23 Datasheet
175Kb / 2P
   Telephony Reverse Amplifier With Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com