Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8014720000 Datasheet(PDF) 2 Page - Weidmuller

Part # 8014720000
Description  Component terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

8014720000 Datasheet(HTML) 2 Page - Weidmuller

  8014720000 Datasheet HTML 1Page - Weidmuller 8014720000 Datasheet HTML 2Page - Weidmuller 8014720000 Datasheet HTML 3Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product catalogue | Terminals | Screwing technology | SAK-series modular terminals | TS 35 | Polyamide PA 6.6 |
Modular terminals with electronic components
- 2 -
Conductors for clamping (rated connection)
Clamping range, max.
4 mm²
Type of connection
Screw connection
2nd type of connection
screwed
Connection direction
on side
No. of connections
4
Stripping length
9 mm
Clamping screw
M 3
Blade size
0.6 x 3.5 mm
Tightening torque range
0.5...0.8 Nm
Torque level with DMS electric screwdriver
2
Gauge to IEC 60947-1
A3
Solid, min.
0.5 mm²
Solid, max.
4 mm²
Stranded, min.
0.5 mm²
Stranded, max.
4 mm²
Flexible, min.
0.5 mm²
Flexible, max.
4 mm²
Flexible with ferrule, min. (DIN 46228/1)
0.5 mm²
Flexible with ferrule, max. (DIN 46228/1)
4 mm²
AWG conductor size, min.
AWG 22
AWG conductor size, max.
AWG 12
AWG conductor size, min.
0.33 mm²
AWG conductor size, max.
3.31 mm²
Dimensions
Width
6 mm
Height of lowest version
52.5 mm
Length
50 mm
Disconnect terminals
Torque level with DMS electric screwdriver
2
Rating data
Rated cross-section
4 mm²
Rated voltage
380 V
Rated current
10 A
Current with max. conductor
10 A
Pollution severity
3
Approvals
Approvals institutes
Classifications
ETIM 2.0
EC000903
ETIM 3.0
EC000903
eClass 4.1
27-14-11-27
eClass 5.0
27-14-11-27


Similar Part No. - 8014720000

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8014 SONARDYNE-8014 Datasheet
116Kb / 2P
   RovNav 5 LBL Transceiver
logo
List of Unclassifed Man...
80140043 ETC2-80140043 Datasheet
419Kb / 2P
   Micro-USB connector
80140051 ETC2-80140051 Datasheet
345Kb / 2P
   4 x M5 trheaded holes on 40mm diameter, 4,5 mm thread depth
80140059 ETC2-80140059 Datasheet
344Kb / 2P
   4 x M5 trheaded holes on 40mm diameter, 4,5 mm thread depth
logo
Alpha Wire
80142 ALPHAWIRE-80142 Datasheet
42Kb / 2P
   3 Components Cabled
More results

Similar Description - 8014720000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0484060000 WEIDMULLER-0484060000 Datasheet
61Kb / 3P
   Component terminal, 4 mm짼, Screw connection, PA 66, beige, TS 32
0467960000 WEIDMULLER-0467960000 Datasheet
60Kb / 3P
   Component terminal, 4 mm짼, Screw connection, PA 66, beige, TS 32
0222860000 WEIDMULLER-0222860000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0225360000 WEIDMULLER-0225360000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0222760000 WEIDMULLER-0222760000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0225560000 WEIDMULLER-0225560000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0268860000 WEIDMULLER-0268860000 Datasheet
68Kb / 3P
   Feed-through terminal, 2.5 mm짼, Screw connection, PA 66, beige, TS 35
0210160000 WEIDMULLER-0210160000 Datasheet
71Kb / 3P
   Special terminal, special connections, 4 mm짼, Screw connection, PA 66, beige, TS 32
0271060000 WEIDMULLER-0271060000 Datasheet
85Kb / 4P
   Feed-through terminal, 16 mm짼, Screw connection, PA 66, beige, TS 32
0212840000 WEIDMULLER-0212840000 Datasheet
75Kb / 4P
   Feed-through terminal, 6 mm짼, Screw connection, PA 66, TS 35 TS 32
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com