Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ16010 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MJ16010
Description  15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ16010 Datasheet(HTML) 5 Page - Motorola, Inc

  MJ16010 Datasheet HTML 1Page - Motorola, Inc MJ16010 Datasheet HTML 2Page - Motorola, Inc MJ16010 Datasheet HTML 3Page - Motorola, Inc MJ16010 Datasheet HTML 4Page - Motorola, Inc MJ16010 Datasheet HTML 5Page - Motorola, Inc MJ16010 Datasheet HTML 6Page - Motorola, Inc MJ16010 Datasheet HTML 7Page - Motorola, Inc MJ16010 Datasheet HTML 8Page - Motorola, Inc MJ16010 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MJ16010 MJW16010 MJ16012 MJW16012
5
Motorola Bipolar Power Transistor Device Data
IC, COLLECTOR CURRENT (AMPS)
Figure 7. Storage Time
Figure 8. Storage Time
IC, COLLECTOR CURRENT (AMPS)
2.0
3.0
5.0
7.0
15
5000
2000
1000
200
500
300
1.5
100
IC, COLLECTOR CURRENT (AMPS)
2.0
3.0
5.0
7.0
15
1000
300
200
100
50
10
1.5
20
IC, COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
2.0
3.0
5.0
7.0
15
500
300
200
100
50
15
1.5
IC, COLLECTOR CURRENT (AMPS)
Figure 9. Collector Current Fall Time
Figure 10. Collector Current Fall Time
Figure 11. Crossover Time
Figure 12. Crossover Time
2.0 V
VBE(off) = 0 V
5.0 V
βf* = 5.0
TC = 75°C
VCC = 20 V
2.0
3.0
5.0
7.0
15
5000
2000
1000
700
500
300
1.5
200
2.0 V
VBE(off) = 0 V
5.0 V
VBE(off) = 0 V
2.0 V
5.0 V
1000
300
200
100
50
10
20
2.0 V
VBE(off) = 0 V
5.0 V
5.0 V
2.0 V
VBE(off) = 0 V
2.0
3.0
5.0
7.0
15
500
300
200
100
20
15
1.5
VBE(off) = 0 V
2.0 V
5.0 V
βf* = 10
TC = 75°C
VCC = 20 V
10
3000
0.07
0.05
10
3000
100
0.05
βf* = 10
TC = 75°C
VCC = 20 V
βf* = 10
TC = 75°C
VCC = 20 V
βf* = 5.0
TC = 75°C
VCC = 20 V
βf* = 5.0
TC = 75°C
VCC = 20 V
500
10
2.0
3.0
5.0
7.0
15
1.5
10
500
10
10
20
1500
1000
50
1000
1500
*
βf =
IC
IB1


Similar Part No. - MJ16010

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ16010 ONSEMI-MJ16010 Datasheet
548Kb / 10P
   NPN SILICON POWER TRANSISTORS
REV 2
logo
Savantic, Inc.
MJ16010 SAVANTIC-MJ16010 Datasheet
120Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
MJ16010 JMNIC-MJ16010 Datasheet
88Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
MJ16010 ISC-MJ16010 Datasheet
131Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
MJ16010 SAVANTIC-MJ16010 Datasheet
121Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - MJ16010

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ10009 MOTOROLA-MJ10009 Datasheet
235Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 450 and 500 VOLTS 175 WATTS
MJ16110 MOTOROLA-MJ16110 Datasheet
414Kb / 10P
   POWER TRANSISTORS 15 AMPERES 400 VOLTS 175 AND 135 WATTS
MJE16002 MOTOROLA-MJE16002 Datasheet
425Kb / 10P
   5.0 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 80 WATTS
MJ10000 MOTOROLA-MJ10000 Datasheet
212Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 VOLTS 175 WATTS
MJ10012 MOTOROLA-MJ10012 Datasheet
191Kb / 6P
   10 AMPERE POWER TRANSISTORS DARLINGTON NPN SILICON 400 VOLTS 175 AND 118 WATTS
MJ10005 MOTOROLA-MJ10005 Datasheet
229Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS
MJ13333 MOTOROLA-MJ13333 Datasheet
278Kb / 8P
   20 AMPERE NPN SILICON POWER TRANSISTORS 400-500 VOLTS 175 WATTS
MJD47 MOTOROLA-MJD47 Datasheet
184Kb / 6P
   NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS
MJD340 MOTOROLA-MJD340 Datasheet
194Kb / 4P
   SILICON POWER TRANSISTORS 0.5 AMPERE 300 VOLTS 15 WATTS
MJE200 MOTOROLA-MJE200 Datasheet
255Kb / 6P
   5 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 25 VOLTS 15 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com